Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF05D4815A Datasheet(PDF) 4 Page - Delta Electronics, Inc.

Part # SF05D4815A
Description  5W DC/DC CONVERTER, SMD-Package , Wide 2:1 Input Ranage
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

SF05D4815A Datasheet(HTML) 4 Page - Delta Electronics, Inc.

  SF05D4815A Datasheet HTML 1Page - Delta Electronics, Inc. SF05D4815A Datasheet HTML 2Page - Delta Electronics, Inc. SF05D4815A Datasheet HTML 3Page - Delta Electronics, Inc. SF05D4815A Datasheet HTML 4Page - Delta Electronics, Inc. SF05D4815A Datasheet HTML 5Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DS_SF05S/D_07162012
E-mail: DCDC@delta.com.tw
http://www.delta.com.tw/dcdc
Pin Connections
Physical Characteristics
Pin
Single Output
Dual Output
Case Size
:
33.4x20.8x10.2mm (1.31x0.82x0.4 Inches)
1
Remote On/Off
Remote On/Off
Case Material
Non-Conductive Black Plastic
2
-Vin
-Vin
:
(flammability to UL 94V-0 rated)
3
-Vin
-Vin
Weight
:
14g
9
NC
Common
10
NC
NC
11
NC
-Vout
12
NC
NC
13
NC
NC
14
+Vout
+Vout
15
NC
NC
16
-Vout
Common
22
+Vin
+Vin
23
+Vin
+Vin
24
NC
NC
NC : No Connection
P4


Similar Part No. - SF05D4815A

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
SF0500BA03232S SPECTRUM-SF0500BA03232S Datasheet
157Kb / 3P
   500 MHz SAW Filter 1 MHz Bandwidth
logo
API Technologies Corp
SF0500BA03232S APITECH-SF0500BA03232S Datasheet
157Kb / 3P
   500 MHz SAW Filter 1 MHz Bandwidth
logo
ABC Taiwan Electronics ...
SF0503110YL ABC-SF0503110YL Datasheet
1Mb / 7P
   SMD LINE FILTER
SF0503220YL ABC-SF0503220YL Datasheet
1Mb / 7P
   SMD LINE FILTER
SF0503500YL ABC-SF0503500YL Datasheet
1Mb / 7P
   SMD LINE FILTER
More results

Similar Description - SF05D4815A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
SD02S DELTA-SD02S Datasheet
220Kb / 4P
   2W DC/DC CONVERTER, SMD-Package, 2:1 Wide Input Range
SE03S DELTA-SE03S Datasheet
222Kb / 4P
   3W DC/DC CONVERTER, SMD-Package, 2:1 Wide Input Range
logo
Minmax Technology Co., ...
MSKW2000 MINMAX-MSKW2000_15 Datasheet
427Kb / 5P
   DC/DC CONVERTER 5W, SMD-Package
logo
Toppower Electronic Tec...
TP05DA TOPPOWER-TP05DA Datasheet
201Kb / 4P
   5W Wide Input Voltage DC/DC Converter
logo
Minmax Technology Co., ...
MSKW2000 MINMAX-MSKW2000 Datasheet
208Kb / 8P
   5W 2:1 Wide Input Range SMD, Single & Dual Output DC/DC Converters
logo
Delta Electronics, Inc.
DG06S DELTA-DG06S Datasheet
217Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DH06S DELTA-DH06S Datasheet
212Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DP06S DELTA-DP06S Datasheet
218Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, Wide 2:1 Input Range
DB02S DELTA-DB02S Datasheet
204Kb / 4P
   2W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DD03S DELTA-DD03S Datasheet
209Kb / 4P
   3W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com