Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI6467DQ Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # SI6467DQ
Description  P-Channel 1.8V Specified PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SI6467DQ Datasheet(HTML) 2 Page - Fairchild Semiconductor

  SI6467DQ Datasheet HTML 1Page - Fairchild Semiconductor SI6467DQ Datasheet HTML 2Page - Fairchild Semiconductor SI6467DQ Datasheet HTML 3Page - Fairchild Semiconductor SI6467DQ Datasheet HTML 4Page - Fairchild Semiconductor SI6467DQ Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Si6467DQ Rev. A (W)
Electrical Characteristics
T
A
= 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain–Source Breakdown Voltage
VGS = 0 V, ID = –250
µA
–20
V
∆BVDSS
∆T
J
Breakdown Voltage Temperature
Coefficient
ID = –250
µA, Referenced to 25°C
–11
mV/
°C
IDSS
Zero Gate Voltage Drain Current
VDS = –16 V,
VGS = 0 V
–1
µA
IGSSF
Gate–Body Leakage, Forward
VGS = –8 V,
VDS = 0 V
–100
nA
IGSSR
Gate–Body Leakage, Reverse
VGS = 8 V
VDS = 0 V
100
nA
On Characteristics
(Note 2)
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = –250
µA
–0.4
–0.6
–1.5
V
∆VGS(th)
∆T
J
Gate Threshold Voltage
Temperature Coefficient
ID = –250
µA, Referenced to 25°C
2
mV/
°C
RDS(on)
Static Drain–Source
On–Resistance
VGS = –4.5 V,
ID = –9.2 A
VGS = –2.5 V,
ID = –7.9 A
VGS = –1.8 V,
ID = –6.5 A
VGS=–4.5 V, ID =–9.2 A, TJ=125
°C
9
11
14
12
12
15
21.5
18
m
ID(on)
On–State Drain Current
VGS = –4.5 V,
VDS = –5 V
–50
A
gFS
Forward Transconductance
VDS = –5 V,
ID = –9.2 A
54
S
Dynamic Characteristics
Ciss
Input Capacitance
5878
pF
Coss
Output Capacitance
994
pF
Crss
Reverse Transfer Capacitance
VDS = –10 V,
V GS = 0 V,
f = 1.0 MHz
559
pF
Switching Characteristics (Note 2)
td(on)
Turn–On Delay Time
15
27
ns
Tr
Turn–On Rise Time
15
27
ns
Td(off)
Turn–Off Delay Time
210
336
ns
tf
Turn–Off Fall Time
VDD = –10 V,
ID = –1 A,
VGS = –4.5 V,
RGEN = 6
100
160
ns
Qg
Total Gate Charge
60
96
nC
Qgs
Gate–Source Charge
7
nC
Qgd
Gate–Drain Charge
VDS = –10 V,
ID = –9.2 A,
VGS = –4.5 V
13
nC
Drain–Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain–Source Diode Forward Current
–1.2
A
VSD
Drain–Source Diode Forward
Voltage
VGS = 0 V,
IS = –1.2 A (Note 2)
–0.5
–1.2
V
Notes:
1. RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of
the drain pins. RθJC is guaranteed by design while RθCA is determined by the user's board design.
a) RθJA is 96°C/W (steady state) when mounted on a 1 inch² copper pad on FR-4.
b) RθJA is 208°C/W (steady state) when mounted on a minimum copper pad on FR-4.
2. Pulse Test: Pulse Width < 300
µs, Duty Cycle < 2.0%


Similar Part No. - SI6467DQ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI6467DQ VISHAY-SI6467DQ Datasheet
51Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. A, 19 Oct-98
More results

Similar Description - SI6467DQ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDG6308P FAIRCHILD-FDG6308P Datasheet
85Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
FDW254PZ FAIRCHILD-FDW254PZ_08 Datasheet
230Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
FDJ1027P FAIRCHILD-FDJ1027P_06 Datasheet
1Mb / 6P
   P-Channel 1.8V Specified PowerTrench MOSFET
logo
ON Semiconductor
FDC606P ONSEMI-FDC606P Datasheet
215Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
September-2017, Rev. 5
logo
Fairchild Semiconductor
SI3445DV FAIRCHILD-SI3445DV Datasheet
90Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
SI3447DV FAIRCHILD-SI3447DV Datasheet
90Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
FDC606P FAIRCHILD-FDC606P Datasheet
154Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
FDN304P FAIRCHILD-FDN304P_01 Datasheet
106Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
FDS-4465 FAIRCHILD-FDS-4465 Datasheet
371Kb / 5P
   P-Channel 1.8V Specified PowerTrench??MOSFET
FDG330P FAIRCHILD-FDG330P Datasheet
150Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com