Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V36SE3R315PRFA Datasheet(PDF) 8 Page - Delta Electronics, Inc.

Part # V36SE3R315PRFA
Description  Delphi Series V36SE, 1/16th Brick DC/DC Power Modules: 18~75Vin, 3.3Vo, 50W
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

V36SE3R315PRFA Datasheet(HTML) 8 Page - Delta Electronics, Inc.

Back Button V36SE3R315PRFA Datasheet HTML 4Page - Delta Electronics, Inc. V36SE3R315PRFA Datasheet HTML 5Page - Delta Electronics, Inc. V36SE3R315PRFA Datasheet HTML 6Page - Delta Electronics, Inc. V36SE3R315PRFA Datasheet HTML 7Page - Delta Electronics, Inc. V36SE3R315PRFA Datasheet HTML 8Page - Delta Electronics, Inc. V36SE3R315PRFA Datasheet HTML 9Page - Delta Electronics, Inc. V36SE3R315PRFA Datasheet HTML 10Page - Delta Electronics, Inc. V36SE3R315PRFA Datasheet HTML 11Page - Delta Electronics, Inc. V36SE3R315PRFA Datasheet HTML 12Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
V36SE3R315_10252013
8
FEATURES DESCRIPTIONS (CON.)
If the remote sense feature is not used to regulate the output
at the point of load, please connect SENSE(+) to Vo(+) and
SENSE(
–) to Vo(–) at the module.
The output voltage can be increased by both the remote
sense and the trim; however, the maximum increase is the
larger of either the remote sense or the trim, not the sum of
both.
When using remote sense and trim, the output voltage
of the module is usually increased, which increases the
power output of the module with the same output
current.
Care should be taken to ensure that the maximum
output power does not exceed the maximum rated
power.
Output Voltage Adjustment (TRIM)
To increase or decrease the output voltage set point,
connect an external resistor between the TRIM pin and
either the SENSE(+) or SENSE(-). The TRIM pin
should be left open if this feature is not used.
Figure 16: Circuit configuration for trim-down (decrease
output voltage)
If the external resistor is connected between the TRIM
and SENSE (-) pins, the output voltage set point
decreases (Fig. 18). The external resistor value
required to obtain a percentage of output voltage
change △% is defined as:


K
down
Rtrim
22
.
10
511
Ex. When Trim-down -20% (3.30V×0.8=2.64V)


K
K
down
Rtrim
33
.
15
22
.
10
20
511
Figure 17: Circuit configuration for trim-up (increase output
voltage)
If the external resistor is connected between the TRIM
and SENSE (+) the output voltage set point increases
(Fig. 19). The external resistor value required to obtain
a percentage output voltage change △% is defined
as:
 
K
up
Rtrim
22
.
10
511
1.24
)
(100
Vo
11
.
5
Ex. When Trim-up +10% (3.3V×1.1=3.63V)
 
K
up
Rtrim
27
.
88
22
.
10
10
511
10
24
.
1
)
10
100
(
3
.
3
11
.
5
The output voltage can be increased by both the remote
sense and the trim, however the maximum increase is
the larger of either the remote sense or the trim, not the
sum of both.
When using remote sense and trim, the output voltage
of the module is usually increased, which increases the
power output of the module with the same output
current.
Care should be taken to ensure that the maximum
output power of the module remains at or below the
maximum rated power.


Similar Part No. - V36SE3R315PRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
V36SE3R315 DELTA-V36SE3R315 Datasheet
725Kb / 13P
   The Delphi Series V36SE, 1/16th Brick, 18~75V wide input, single output, isolated DC/DC converter, is the latest offering from a world leader in power systems technology and manufacturing
V36SE3R315NMFA DELTA-V36SE3R315NMFA Datasheet
448Kb / 13P
   Delphi Series V36SE, 1/16th Brick DC/DC Delphi Series V36SE, 1/16th Brick DC/DC
V36SE3R315NMFA DELTA-V36SE3R315NMFA Datasheet
653Kb / 14P
   Delphi Series V36SE, 1/16th Brick DC/DC Power Modules
V36SE3R315NNFA DELTA-V36SE3R315NNFA Datasheet
448Kb / 13P
   Delphi Series V36SE, 1/16th Brick DC/DC Delphi Series V36SE, 1/16th Brick DC/DC
V36SE3R315NNFA DELTA-V36SE3R315NNFA Datasheet
653Kb / 14P
   Delphi Series V36SE, 1/16th Brick DC/DC Power Modules
More results

Similar Description - V36SE3R315PRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
V36SE05010NRFA DELTA-V36SE05010NRFA Datasheet
457Kb / 13P
   Delphi Series V36SE, 1/16th Brick DC/DC Power Modules: 18~75Vin, up to 50W
V36SE12004 DELTA-V36SE12004 Datasheet
442Kb / 13P
   Delphi Series V36SE, 1/16th Brick DC/DC Power Modules: 18~75Vin, up to 50W
V36SE3R315NRFA DELTA-V36SE3R315NRFA Datasheet
448Kb / 13P
   Delphi Series V36SE, 1/16th Brick DC/DC Delphi Series V36SE, 1/16th Brick DC/DC
V36SE05010NRFA DELTA-V36SE05010NRFA_14 Datasheet
650Kb / 14P
   Delphi Series V36SE, 1/16th Brick DC/DC Power Modules
V36SE3R315NRFA DELTA-V36SE3R315NRFA_14 Datasheet
653Kb / 14P
   Delphi Series V36SE, 1/16th Brick DC/DC Power Modules
V48SH1R840NNFA DELTA-V48SH1R840NNFA_14 Datasheet
719Kb / 15P
   Delphi Series V48SH, 1/16th Brick 100W DC/DC Power Modules
V48SH1R830 DELTA-V48SH1R830 Datasheet
743Kb / 13P
   Delphi Series V48SH, 1/16th Brick 100W DC/DC Power Modules
V48SC12007NMFB DELTA-V48SC12007NMFB_14 Datasheet
718Kb / 14P
   Delphi Series V48SC, 1/16th Brick 90W DC/DC Power Modules
V48SH3R325NNFA DELTA-V48SH3R325NNFA_14 Datasheet
681Kb / 14P
   Delphi Series V48SH, 1/16th Brick 100W DC/DC Power Modules
Q36SR12019NRFA DELTA-Q36SR12019NRFA Datasheet
591Kb / 14P
   Delphi Series Q36SR, Quarter Brick 228W DC/DC Power Modules: 18V~75Vin,12V, 19Aout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com