Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V36SE3R315PNFA Datasheet(PDF) 5 Page - Delta Electronics, Inc.

Part # V36SE3R315PNFA
Description  Delphi Series V36SE, 1/16th Brick DC/DC Power Modules: 18~75Vin, 3.3Vo, 50W
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

V36SE3R315PNFA Datasheet(HTML) 5 Page - Delta Electronics, Inc.

  V36SE3R315PNFA Datasheet HTML 1Page - Delta Electronics, Inc. V36SE3R315PNFA Datasheet HTML 2Page - Delta Electronics, Inc. V36SE3R315PNFA Datasheet HTML 3Page - Delta Electronics, Inc. V36SE3R315PNFA Datasheet HTML 4Page - Delta Electronics, Inc. V36SE3R315PNFA Datasheet HTML 5Page - Delta Electronics, Inc. V36SE3R315PNFA Datasheet HTML 6Page - Delta Electronics, Inc. V36SE3R315PNFA Datasheet HTML 7Page - Delta Electronics, Inc. V36SE3R315PNFA Datasheet HTML 8Page - Delta Electronics, Inc. V36SE3R315PNFA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
V36SE3R315_10252013
5
ELECTRICAL CHARACTERISTICS CURVES
Figure 8: Test set-up diagram showing measurement points for
Input Terminal Ripple Current and Input Reflected Ripple
Current.
Note: Measured input reflected-ripple current with a simulated
source Inductance (LTEST) of 12 μH. Capacitor Cs offset
possible battery impedance. Measure current as shown above
Figure 9: Input Terminal Ripple Current, ic, at full rated output
current and nominal input voltage (Vin=48v) with 12µH source
impedance and 33µF electrolytic capacitor (200 mA/div,
1us/div)
Figure 10: Input reflected ripple current, is, through a 12µH
source inductor at nominal input voltage (vin=48v) and rated
load current (20 mA/div, 1us/div)
Figure 11: Output voltage noise and ripple measurement test
setup
0
0.5
1
1.5
2
2.5
3
3.5
0
2
4
6
8
10
12
14
16
18
20
LOAD CURRENT (A)
Figure 12: Output voltage ripple at nominal input voltage
(vin=48v) and rated load current (Io=15A) (50 mV/div,
1us/div).Load capacitance: 1µF ceramic capacitor and 100µF
tantalum capacitor. Bandwidth: 20 MHz. Scope measurements
should be made using a BNC cable (length shorter than 20
inches). Position the load between 51 mm to 76 mm (2 inches
to 3 inches) from the module
Figure 13: Output voltage vs. load current showing typical
current limit curves and converter shutdown points (Vin=48v)
Strip
Copper
Vo(-)
Vo(+)
10u
1u
SCOPE
RESISTIVE
LOAD


Similar Part No. - V36SE3R315PNFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
V36SE3R315 DELTA-V36SE3R315 Datasheet
725Kb / 13P
   The Delphi Series V36SE, 1/16th Brick, 18~75V wide input, single output, isolated DC/DC converter, is the latest offering from a world leader in power systems technology and manufacturing
V36SE3R315NMFA DELTA-V36SE3R315NMFA Datasheet
448Kb / 13P
   Delphi Series V36SE, 1/16th Brick DC/DC Delphi Series V36SE, 1/16th Brick DC/DC
V36SE3R315NMFA DELTA-V36SE3R315NMFA Datasheet
653Kb / 14P
   Delphi Series V36SE, 1/16th Brick DC/DC Power Modules
V36SE3R315NNFA DELTA-V36SE3R315NNFA Datasheet
448Kb / 13P
   Delphi Series V36SE, 1/16th Brick DC/DC Delphi Series V36SE, 1/16th Brick DC/DC
V36SE3R315NNFA DELTA-V36SE3R315NNFA Datasheet
653Kb / 14P
   Delphi Series V36SE, 1/16th Brick DC/DC Power Modules
More results

Similar Description - V36SE3R315PNFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
V36SE05010NRFA DELTA-V36SE05010NRFA Datasheet
457Kb / 13P
   Delphi Series V36SE, 1/16th Brick DC/DC Power Modules: 18~75Vin, up to 50W
V36SE12004 DELTA-V36SE12004 Datasheet
442Kb / 13P
   Delphi Series V36SE, 1/16th Brick DC/DC Power Modules: 18~75Vin, up to 50W
V36SE3R315NRFA DELTA-V36SE3R315NRFA Datasheet
448Kb / 13P
   Delphi Series V36SE, 1/16th Brick DC/DC Delphi Series V36SE, 1/16th Brick DC/DC
V36SE05010NRFA DELTA-V36SE05010NRFA_14 Datasheet
650Kb / 14P
   Delphi Series V36SE, 1/16th Brick DC/DC Power Modules
V36SE3R315NRFA DELTA-V36SE3R315NRFA_14 Datasheet
653Kb / 14P
   Delphi Series V36SE, 1/16th Brick DC/DC Power Modules
V48SH1R840NNFA DELTA-V48SH1R840NNFA_14 Datasheet
719Kb / 15P
   Delphi Series V48SH, 1/16th Brick 100W DC/DC Power Modules
V48SH1R830 DELTA-V48SH1R830 Datasheet
743Kb / 13P
   Delphi Series V48SH, 1/16th Brick 100W DC/DC Power Modules
V48SC12007NMFB DELTA-V48SC12007NMFB_14 Datasheet
718Kb / 14P
   Delphi Series V48SC, 1/16th Brick 90W DC/DC Power Modules
V48SH3R325NNFA DELTA-V48SH3R325NNFA_14 Datasheet
681Kb / 14P
   Delphi Series V48SH, 1/16th Brick 100W DC/DC Power Modules
Q36SR12019NRFA DELTA-Q36SR12019NRFA Datasheet
591Kb / 14P
   Delphi Series Q36SR, Quarter Brick 228W DC/DC Power Modules: 18V~75Vin,12V, 19Aout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com