Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

84CX2 Datasheet(PDF) 4 Page - Honeywell Solid State Electronics Center

Part # 84CX2
Description  Interactive Catalog Supplements Catalog PDFs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

84CX2 Datasheet(HTML) 4 Page - Honeywell Solid State Electronics Center

  84CX2 Datasheet HTML 1Page - Honeywell Solid State Electronics Center 84CX2 Datasheet HTML 2Page - Honeywell Solid State Electronics Center 84CX2 Datasheet HTML 3Page - Honeywell Solid State Electronics Center 84CX2 Datasheet HTML 4Page - Honeywell Solid State Electronics Center 84CX2 Datasheet HTML 5Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Limit and Enclosed Switches
CX Series
Weather-Sealed Explosion-Proof Switches
Honeywell Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
A129
80CX SWITCHES ALSO WITHSTAND
CORROSIVE ENVIRONMENTS
80CX switches have rugged bronze hous-
ings which are resistant to salt water and
other corrosive environments. They comply
with the NEMA 4X requirement for protec-
tion against corrosion, in addition to NEMA
enclosure standards met by other CX
switches. O-ring seals make the enclosure
weather-proof, but are outside of required
flame paths so explosion-proof require-
ments are maintained.
STAINLESS STEEL LEVER ACTUATORS
These levers match the corrosion resistance of the 80CX housing. Non-sparking rollers
must be used in hazardous locations.
ORDER GUIDE STAINLESS STEEL LEVERS WITH NYLON ROLLERS
Std. Roller Lever
Radius (In.)
Dia. In.
Width In.
Catalog Listing
1.5
.75
.25
LS2Z51A
Std. Lever w/o roller
1.5
.75
.25
LS2Z51
Adjustable Radius
1.5-3.5
.75
.25
LS2Z52A
Note: Refer to page A36 for lever dimensions.
ROTARY ACTUATED SWITCHES
80CX switches available with standard
housing only.
Actuators are not included with switches.
Order them separately.
MOUNTING HOLES
Add the letter A to listings with side
mounting holes tapped 5/16-18(8).
Example: 82CX2A
Add the letter B to listings with thru
mounting holes tapped 3/8-24(4).
Example: 81CX2B.
ORDER GUIDE
As factory assembled, all basic switches
operate on clockwise or counterclockwise
rotation. Actuating mechanism can be field
adjusted for CW or CCW operation only. No
tools are required.
Catalog Listings
Shaft Restoring
Electrical
Force To Center
Housing
Basic
Ratings
Description1
With
Without2
Size
Switch(es)
Page A109
15 amp. SPDT
81CX1
81CX11
Standard
BZ(1)
A
81CX2
81CX12
Standard
BZ(2)
A
81CX4
81CX14
Standard
BZ(4)
A
20 amp. SPDT
82CX2
82CX12
Standard
BA(2)
B
82CX4
82CX14
Standard
BA(4)
B
Also UL listed for Class I,
84CX2
84CX12
Standard
DT(2)
C
Group B (hydrogen
atmospheres). 10 amp. DPDT
Notes: Refer to page A127.
MODIFIED SHAFT ENABLES
DIRECT COUPLING
CX switches are available with a 38 inch
diameter by 34 inch long flatted shaft which
conforms to standard NEMA motor shaft
specifications. It accepts commercially
available shaft couplers, permitting easy,
direct coupling to most equipment actua-
tors.
To specify a ‘‘direct-couple’’ CX switch, add
-DO1 to catalog listings shown in the order
guides, i.e.11CX12-DO1. Pricing is the same
as for unmodified versions.
Flatted
Shaft
Version
MOUNTING BRACKET
An aluminum mounting bracket is available
for adapting CX switches to existing 2-hole
mounting arrangements.
To order, specify Catalog Listing 15PA148-
CX.
15PA148-CX


Similar Part No. - 84CX2

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
84CX2 HONEYWELL-ACC-84CX2 Datasheet
460Kb / 5P
   Interactive Catalog Supplements Catalog PDFs
More results

Similar Description - 84CX2

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
XCX15DNC HONEYWELL-XCX15DNC Datasheet
433Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
logo
Honeywell Accelerometer...
12TW1-1A HONEYWELL-ACC-12TW1-1A Datasheet
478Kb / 6P
   Interactive Catalog Supplements Catalog PDFs
logo
Honeywell Solid State E...
VF443A HONEYWELL-VF443A Datasheet
433Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
logo
Honeywell Accelerometer...
BZLN-RH HONEYWELL-ACC-BZLN-RH Datasheet
268Kb / 2P
   Interactive Catalog Supplements Catalog PDFs
logo
Honeywell Solid State E...
L192 HONEYWELL-L192 Datasheet
444Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
BA-2R HONEYWELL-BA-2R Datasheet
433Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
DUXL01D HONEYWELL-DUXL01D Datasheet
433Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
V7-3S17D8 HONEYWELL-V7-3S17D8 Datasheet
433Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
logo
Honeywell Accelerometer...
24PCEFJ6G HONEYWELL-ACC-24PCEFJ6G Datasheet
199Kb / 3P
   Interactive Catalog Supplements Catalog PDFs
AML21EBA2AA HONEYWELL-ACC-AML21EBA2AA Datasheet
704Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com