Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V36SE3R315NRFA Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part # V36SE3R315NRFA
Description  Delphi Series V36SE, 1/16th Brick DC/DC Power Modules: 18~75Vin, 3.3Vo, 50W
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

V36SE3R315NRFA Datasheet(HTML) 3 Page - Delta Electronics, Inc.

  V36SE3R315NRFA Datasheet HTML 1Page - Delta Electronics, Inc. V36SE3R315NRFA Datasheet HTML 2Page - Delta Electronics, Inc. V36SE3R315NRFA Datasheet HTML 3Page - Delta Electronics, Inc. V36SE3R315NRFA Datasheet HTML 4Page - Delta Electronics, Inc. V36SE3R315NRFA Datasheet HTML 5Page - Delta Electronics, Inc. V36SE3R315NRFA Datasheet HTML 6Page - Delta Electronics, Inc. V36SE3R315NRFA Datasheet HTML 7Page - Delta Electronics, Inc. V36SE3R315NRFA Datasheet HTML 8Page - Delta Electronics, Inc. V36SE3R315NRFA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
V36SE3R315_10252013
3
ELECTRICAL CHARACTERISTICS CURVES
70
73
76
79
82
85
88
91
10
20
30
40
50
60
70
80
90
100
OUTPUT CURRENT(A%)
18Vin
24Vin
48Vin
75Vin
0
1
2
3
4
5
6
7
10
20
30
40
50
60
70
80
90
100
OUTPUT CURRENT(A%)
18Vin
24Vin
48Vin
75Vin
Figure 1: Efficiency vs. load current for minimum, nominal, and
maximum input voltage at 25°C
18V~36Vin, Io,max is 12A, 36V~75Vin, Io,max is 15A
Figure 2: Power dissipation vs. load current for minimum,
nominal, and maximum input voltage at 25°C
18V~36Vin, Io,max is 12A, 36V~75Vin, Io,max is 15A
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3
15
20
25
30
35
40
45
50
55
60
65
70
75
INPUT VOLTAGE (V)
Figure 3: Typical full load input characteristics at room
temperature


Similar Part No. - V36SE3R315NRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
V36SE3R315NRFA DELTA-V36SE3R315NRFA Datasheet
448Kb / 13P
   Delphi Series V36SE, 1/16th Brick DC/DC Delphi Series V36SE, 1/16th Brick DC/DC
V36SE3R315NRFA DELTA-V36SE3R315NRFA Datasheet
653Kb / 14P
   Delphi Series V36SE, 1/16th Brick DC/DC Power Modules
V36SE3R315NRFA DELTA-V36SE3R315NRFA_14 Datasheet
653Kb / 14P
   Delphi Series V36SE, 1/16th Brick DC/DC Power Modules
More results

Similar Description - V36SE3R315NRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
V36SE05010NRFA DELTA-V36SE05010NRFA Datasheet
457Kb / 13P
   Delphi Series V36SE, 1/16th Brick DC/DC Power Modules: 18~75Vin, up to 50W
V36SE12004 DELTA-V36SE12004 Datasheet
442Kb / 13P
   Delphi Series V36SE, 1/16th Brick DC/DC Power Modules: 18~75Vin, up to 50W
V36SE3R315NRFA DELTA-V36SE3R315NRFA Datasheet
448Kb / 13P
   Delphi Series V36SE, 1/16th Brick DC/DC Delphi Series V36SE, 1/16th Brick DC/DC
V36SE05010NRFA DELTA-V36SE05010NRFA_14 Datasheet
650Kb / 14P
   Delphi Series V36SE, 1/16th Brick DC/DC Power Modules
V36SE3R315NRFA DELTA-V36SE3R315NRFA_14 Datasheet
653Kb / 14P
   Delphi Series V36SE, 1/16th Brick DC/DC Power Modules
V48SH1R840NNFA DELTA-V48SH1R840NNFA_14 Datasheet
719Kb / 15P
   Delphi Series V48SH, 1/16th Brick 100W DC/DC Power Modules
V48SH1R830 DELTA-V48SH1R830 Datasheet
743Kb / 13P
   Delphi Series V48SH, 1/16th Brick 100W DC/DC Power Modules
V48SC12007NMFB DELTA-V48SC12007NMFB_14 Datasheet
718Kb / 14P
   Delphi Series V48SC, 1/16th Brick 90W DC/DC Power Modules
V48SH3R325NNFA DELTA-V48SH3R325NNFA_14 Datasheet
681Kb / 14P
   Delphi Series V48SH, 1/16th Brick 100W DC/DC Power Modules
Q36SR12019NRFA DELTA-Q36SR12019NRFA Datasheet
591Kb / 14P
   Delphi Series Q36SR, Quarter Brick 228W DC/DC Power Modules: 18V~75Vin,12V, 19Aout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com