Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S24SE05002NTFH Datasheet(PDF) 4 Page - Delta Electronics, Inc.

Part # S24SE05002NTFH
Description  10W Single/Dual Output DC/DC Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

S24SE05002NTFH Datasheet(HTML) 4 Page - Delta Electronics, Inc.

  S24SE05002NTFH Datasheet HTML 1Page - Delta Electronics, Inc. S24SE05002NTFH Datasheet HTML 2Page - Delta Electronics, Inc. S24SE05002NTFH Datasheet HTML 3Page - Delta Electronics, Inc. S24SE05002NTFH Datasheet HTML 4Page - Delta Electronics, Inc. S24SE05002NTFH Datasheet HTML 5Page - Delta Electronics, Inc. S24SE05002NTFH Datasheet HTML 6Page - Delta Electronics, Inc. S24SE05002NTFH Datasheet HTML 7Page - Delta Electronics, Inc. S24SE05002NTFH Datasheet HTML 8Page - Delta Electronics, Inc. S24SE05002NTFH Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
S24SE/S24DE series
10W Single/Dual Output DC/DC Converter
DS_ S24SE/S24DE 10W _ 10172013
E-mail:DCDC@delta.com.tw
http://www.deltaww.com/dcdc
P4
ELECTRICAL CHARACTERISTICS CURVES - S24SE120R8, 9-36VIN, 12V/0.83A
63
65
67
69
71
73
75
77
79
81
83
85
87
89
0.2
0.3
0.4
0.5
0.6
0.7
0.8
OUTPUT CURRENT(A)
9Vin
24Vin
36Vin
0.5
0.8
1.0
1.3
1.5
1.8
2.0
0.2
0.3
0.4
0.5
0.6
0.7
0.8
OUTPUT CURRENT(A)
9Vin
24Vin
36Vin
Efficiency vs. load current for various input voltage at 25°C.
Power diddipation vs. load current at 25°C.
Turn-on transient at full load current (4ms/div).
Top Trace: Vout; 5V/div; Bottom Trace: ON/OFF input: 5V/div.
Turn-on transient at full load current (4 ms/div).
Top Trace: Vout; 5V/div; Bottom Trace: input voltage: 8V/div.
Output voltage ripple at nominal input voltage and max load
current (10 mV/div, 2us/div)
Load cap: 10µF, tantalum capacitor and 1µF ceramic
capacitor. Bandwidth: 20 MHz.


Similar Part No. - S24SE05002NTFH

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S24SE05002 DELTA-S24SE05002 Datasheet
638Kb / 13P
   10W Single/Dual Output DC/DC Converter
S24SE05002PDFA DELTA-S24SE05002PDFA Datasheet
928Kb / 14P
   10W Single/Dual Output DC/DC Converter
More results

Similar Description - S24SE05002NTFH

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
IDD10-03S1U CHINFA-IDD10-03S1U_10 Datasheet
391Kb / 8P
   DC - DC CONVERTER 10W SINGLE & DUAL OUTPUT
logo
Delta Electronics, Inc.
S24SE DELTA-S24SE_14 Datasheet
638Kb / 13P
   10W Single/Dual Output DC/DC Converter
S24SE05002PDFA DELTA-S24SE05002PDFA Datasheet
928Kb / 14P
   10W Single/Dual Output DC/DC Converter
logo
Chinfa Electronics Ind....
IDD10-03S1U CHINFA-IDD10-03S1U Datasheet
405Kb / 8P
   DC - DC CONVERTER 10W SINGLE & DUAL OUTPUT
logo
Delta Electronics, Inc.
S24DE150R3PDFA DELTA-S24DE150R3PDFA Datasheet
928Kb / 14P
   10W Single/Dual Output DC/DC Converter
logo
Chinfa Electronics Ind....
IDD10U CHINFA-IDD10U_16 Datasheet
238Kb / 4P
   DC - DC CONVERTER 10W SINGLE & DUAL OUTPUT
logo
Mean Well Enterprises C...
DKE10 MEANWELL-DKE10 Datasheet
184Kb / 1P
   10W DC-DC Regulated Dual Output Converter
SKE10 MEANWELL-SKE10 Datasheet
179Kb / 1P
   10W DC-DC Regulated Single Output Converter
logo
Microdc power Technolog...
10A-ZMD MICRODC-10A-ZMD Datasheet
434Kb / 3P
   10W, WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
MORNSUN Science& Techno...
URE2405LP-10WR3 MORNSUN-URE2405LP-10WR3 Datasheet
2Mb / 6P
   10W, Ultra wide input isolated & regulated dual/single Output,DC-DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com