Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC0402NFYSV6BN271 Datasheet(PDF) 8 Page - YAGEO Corporation

Part # CC0402NFYSV6BN271
Description  SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS14
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CC0402NFYSV6BN271 Datasheet(HTML) 8 Page - YAGEO Corporation

Back Button CC0402NFYSV6BN271 Datasheet HTML 4Page - YAGEO Corporation CC0402NFYSV6BN271 Datasheet HTML 5Page - YAGEO Corporation CC0402NFYSV6BN271 Datasheet HTML 6Page - YAGEO Corporation CC0402NFYSV6BN271 Datasheet HTML 7Page - YAGEO Corporation CC0402NFYSV6BN271 Datasheet HTML 8Page - YAGEO Corporation CC0402NFYSV6BN271 Datasheet HTML 9Page - YAGEO Corporation CC0402NFYSV6BN271 Datasheet HTML 10Page - YAGEO Corporation CC0402NFYSV6BN271 Datasheet HTML 11Page - YAGEO Corporation CC0402NFYSV6BN271 Datasheet HTML 12Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
www.yageo.com
Jul 29, 2010 V.5
General Purpose & High Cap.
6.3 V to 50 V
Surface-Mount Ceramic Multilayer Capacitors
8
14
Product specification
Y5V
ELECTRICAL CHARACTERISTICS
Y
Y55V
V D
DIIE
EL
LE
EC
CT
TR
RIIC
C C
CA
AP
PA
AC
CIIT
TO
OR
RS
S;; N
NIIS
SN
N T
TE
ER
RM
MIIN
NA
AT
TIIO
ON
NS
S
Unless otherwise specified, all test and measurements shall be made under standard atmospheric conditions
for testing as given in 5.3 of IEC 60068-1:
-
Temperature: 15 °C to 35 °C
-
Relative humidity: 25% to 75%
-
Air pressure: 86 kPa to 106 kPa
Before the measurements are made, the capacitor shall be stored at the measuring temperature for a time
sufficient to allow the entire capacitor to reach this temperature.
The period as prescribed for recovery at the end of a test is normally sufficient for this purpose.
DESCRIPTION
VALUE
Capacitance range
10 nF to 47 µF
Capacitance tolerance
±20%
–20% to +80%
Dissipation factor (D.F.)
≤ 6.3 V
≤ 15%
Exception: 0805 ≥ 22 µF
≤ 20%
10 V
≤ 12.5%
Exception: 0402 ≥ 680 nF; 0603 ≥ 2.2 µF;
≤ 15%
0805 ≥ 10 µF;
1206 ≥ 10 µF
≤ 20%
16 V
≤ 12.5%
Exception: 0603 ≥ 4.7 µF
≤ 15%
≥ 25 V
≤ 9%
Exception: 0201 ≥ 10 nF
≤ 12.5%
Insulation resistance after 1 minute at Ur (DC)
Rins ≥ 10 GΩ or Rins × Cr ≥ 500 seconds whichever is less
Maximum capacitance change as a function of temperature
(temperature characteristic/coefficient):
+22% to –82%
Operating temperature range:
–30 °C to +85 °C
Table 6


Similar Part No. - CC0402NFYSV6BN271

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CC0402 ETC1-CC0402 Datasheet
214Kb / 8P
   MULTILAYER CERAMIC CAPACITORS
CC0402 ETC2-CC0402 Datasheet
448Kb / 7P
   CAPACITORS
logo
TDK Electronics
CC0402 TDK-CC0402 Datasheet
1Mb / 8P
   MULTILAYER CERAMIC CHIP CAPACITORS
CC0402 TDK-CC0402 Datasheet
1Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
logo
Silicon Laboratories
CC0402 SILABS-CC0402 Datasheet
671Kb / 38P
   Low-power sleep mode On-hook transmission Loop or ground start operation Smooth polarity reversal
More results

Similar Description - CC0402NFYSV6BN271

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
SMC0805K823 NTE-SMC0805K823 Datasheet
712Kb / 1P
   SURFACE MOUNT MULTILAYER CERAMIC
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JRNPOBBN100 YAGEO-CC1206JRNPOBBN100 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB332 YAGEO-CC0402KRX7R9BB332 Datasheet
518Kb / 21P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB221 YAGEO-CC0402KRX7R9BB221 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402JRNPO9BN330 YAGEO-CC0402JRNPO9BN330 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603KRX7R9BB332 YAGEO-CC0603KRX7R9BB332 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805KRX7R0BB102 YAGEO-CC0805KRX7R0BB102 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0201BRNPO7BN121 YAGEO-CC0201BRNPO7BN121 Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CA0508JRNPO7BN121 YAGEO-CA0508JRNPO7BN121 Datasheet
985Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com