Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S24DE05002PRFA Datasheet(PDF) 7 Page - Delta Electronics, Inc.

Part # S24DE05002PRFA
Description  10W Single/Dual Output DC/DC Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

S24DE05002PRFA Datasheet(HTML) 7 Page - Delta Electronics, Inc.

Back Button S24DE05002PRFA Datasheet HTML 3Page - Delta Electronics, Inc. S24DE05002PRFA Datasheet HTML 4Page - Delta Electronics, Inc. S24DE05002PRFA Datasheet HTML 5Page - Delta Electronics, Inc. S24DE05002PRFA Datasheet HTML 6Page - Delta Electronics, Inc. S24DE05002PRFA Datasheet HTML 7Page - Delta Electronics, Inc. S24DE05002PRFA Datasheet HTML 8Page - Delta Electronics, Inc. S24DE05002PRFA Datasheet HTML 9Page - Delta Electronics, Inc. S24DE05002PRFA Datasheet HTML 10Page - Delta Electronics, Inc. S24DE05002PRFA Datasheet HTML 11Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
S24SE/S24DE series
10W Single/Dual Output DC/DC Converter
DS_ S24SE/S24DE 10W _ 10172013
E-mail:DCDC@delta.com.tw
http://www.deltaww.com/dcdc
P7
DESIGN CONSIDERATIONS
Input Source Impedance
The impedance of the input source connecting to the
DC/DC power modules will interact with the modules
and affect the stability. A low ac-impedance input source
is recommended. If the source inductance is more than
a few μH, we advise a 47μF electrolytic capacitor
mounted close to the input of the module to improve the
stability.
Input Reflected Ripple Current
Vin+
Vin-
is
ic
100uF,
ESR=0.2 ohm @
25oC 100KHz
Cs: 220uF
+
+
Vin+
Vin-
is
ic
100uF,
ESR=0.2 ohm @
25oC 100KHz
Cs: 220uF
+
+
is
ic
100uF,
ESR=0.2 ohm @
25oC 100KHz
Cs: 220uF
+
+
+
+
Test set-up diagram showing measurement points for
Input Terminal Ripple Current and Input Reflected
Ripple Current.
Measured input reflected-ripple current with a simulated
source Inductance (LTEST) of 12
μH. Capacitor Cs
offset possible battery impedance.
Input Terminal Ripple Current, ic, at full rated output
current and nominal input voltage with 12µH source
impedance and 100µF electrolytic capacitor (20 mA/div,
2us/div).
Input reflected ripple current, is, through a 12µH source
inductor at nominal input voltage and rated load current
(5 mA/div, 2us/div)
Output Ripple Noise
Output voltage ripple test setup.
Load capacitance: 1µF ceramic capacitor and 10µF
tantalum
capacitor.
Bandwidth:
20
MHz.
Scope
measurements should be made using a BNC cable
(length shorter than 20 inches). Position the load
between 51 mm to 76 mm (2 inches to 3 inches) from
the module.


Similar Part No. - S24DE05002PRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S24DE05003NDFA DELTA-S24DE05003NDFA Datasheet
705Kb / 12P
   15W Single/Dual Output DC/DC Converter
S24DE05003NDFH DELTA-S24DE05003NDFH Datasheet
705Kb / 12P
   15W Single/Dual Output DC/DC Converter
S24DE05003NRFA DELTA-S24DE05003NRFA Datasheet
705Kb / 12P
   15W Single/Dual Output DC/DC Converter
S24DE05003NRFH DELTA-S24DE05003NRFH Datasheet
705Kb / 12P
   15W Single/Dual Output DC/DC Converter
S24DE05003NTFA DELTA-S24DE05003NTFA Datasheet
705Kb / 12P
   15W Single/Dual Output DC/DC Converter
More results

Similar Description - S24DE05002PRFA

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
IDD10-03S1U CHINFA-IDD10-03S1U_10 Datasheet
391Kb / 8P
   DC - DC CONVERTER 10W SINGLE & DUAL OUTPUT
logo
Delta Electronics, Inc.
S24SE DELTA-S24SE_14 Datasheet
638Kb / 13P
   10W Single/Dual Output DC/DC Converter
S24SE05002PDFA DELTA-S24SE05002PDFA Datasheet
928Kb / 14P
   10W Single/Dual Output DC/DC Converter
logo
Chinfa Electronics Ind....
IDD10-03S1U CHINFA-IDD10-03S1U Datasheet
405Kb / 8P
   DC - DC CONVERTER 10W SINGLE & DUAL OUTPUT
logo
Delta Electronics, Inc.
S24DE150R3PDFA DELTA-S24DE150R3PDFA Datasheet
928Kb / 14P
   10W Single/Dual Output DC/DC Converter
logo
Chinfa Electronics Ind....
IDD10U CHINFA-IDD10U_16 Datasheet
238Kb / 4P
   DC - DC CONVERTER 10W SINGLE & DUAL OUTPUT
logo
Mean Well Enterprises C...
DKE10 MEANWELL-DKE10 Datasheet
184Kb / 1P
   10W DC-DC Regulated Dual Output Converter
SKE10 MEANWELL-SKE10 Datasheet
179Kb / 1P
   10W DC-DC Regulated Single Output Converter
logo
Microdc power Technolog...
10A-ZMD MICRODC-10A-ZMD Datasheet
434Kb / 3P
   10W, WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
MORNSUN Science& Techno...
URE2405LP-10WR3 MORNSUN-URE2405LP-10WR3 Datasheet
2Mb / 6P
   10W, Ultra wide input isolated & regulated dual/single Output,DC-DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com