Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q48SQ12033PKFN Datasheet(PDF) 6 Page - Delta Electronics, Inc.

Part # Q48SQ12033PKFN
Description  Delphi Series Q48SQ, Quarter Brick Family DC/DC Power Modules 36~75V in, 12V/33A out, 400W
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

Q48SQ12033PKFN Datasheet(HTML) 6 Page - Delta Electronics, Inc.

Back Button Q48SQ12033PKFN Datasheet HTML 2Page - Delta Electronics, Inc. Q48SQ12033PKFN Datasheet HTML 3Page - Delta Electronics, Inc. Q48SQ12033PKFN Datasheet HTML 4Page - Delta Electronics, Inc. Q48SQ12033PKFN Datasheet HTML 5Page - Delta Electronics, Inc. Q48SQ12033PKFN Datasheet HTML 6Page - Delta Electronics, Inc. Q48SQ12033PKFN Datasheet HTML 7Page - Delta Electronics, Inc. Q48SQ12033PKFN Datasheet HTML 8Page - Delta Electronics, Inc. Q48SQ12033PKFN Datasheet HTML 9Page - Delta Electronics, Inc. Q48SQ12033PKFN Datasheet HTML 10Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
DS_Q48SQ12033_09272013
6
ELECTRICAL CHARACTERISTICS CURVES
Strip
Copper
Vo(-)
Vo(+)
10u
1u
SCOPE
RESISTIVE
LOAD
Figure 12: Input reflected ripple current, is, through a 12µH
source inductor at nominal input voltage and rated load current
(20 mA/div2us/div).
Figure 13: Output voltage noise and ripple measurement test
setup.
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
11.0
12.0
13.0
4
8
12
16
20
24
28
32
36
40
44
OUTPUT CURRENT(A)
Figure 14: Output voltage ripple at nominal input voltage and
rated load current (Io=33A)(30 mV/div, 2us/div)
Load capacitance: 1µF ceramic capacitor and 10µF tantalum
capacitor. Bandwidth: 20 MHz.
Figure 15: Output voltage vs. load current at nominal input
voltage showing typical current limit curves and converter
shutdown points.


Similar Part No. - Q48SQ12033PKFN

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
Q48SQ12033 DELTA-Q48SQ12033 Datasheet
657Kb / 13P
   Hiccup output over current protection(OCP)
More results

Similar Description - Q48SQ12033PKFN

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
Q48SK12033 DELTA-Q48SK12033 Datasheet
366Kb / 13P
   Quarter Brick Family DC/DC Power Modules:36~75V in, 12V/33A out, 400W
Q48SH12033 DELTA-Q48SH12033 Datasheet
442Kb / 13P
   400W Quarter Brick Family DC/DC Power Modules: 48V in, 12V/33A out
Q48SK12025NRFA DELTA-Q48SK12025NRFA Datasheet
404Kb / 13P
   Delphi Series Q48SK, Quarter Brick Family DC/DC Power Modules: 36~75V in, 12V/25A out, 300W
Q48SQ12018NRFH DELTA-Q48SQ12018NRFH Datasheet
729Kb / 13P
   Delphi Series Q48SQ, Quarter Brick Family DC/DC Power Modules
Q48SQ12025NRFH DELTA-Q48SQ12025NRFH Datasheet
716Kb / 13P
   Delphi Series Q48SQ, Quarter Brick Family DC/DC Power Modules:
Q48SK12018 DELTA-Q48SK12018 Datasheet
333Kb / 13P
   Quarter Brick Family DC/DC Power Modules:36~75V in, 12V/18A out, 216W
Q48SK12025 DELTA-Q48SK12025 Datasheet
353Kb / 13P
   Quarter Brick Family DC/DC Power Modules:36~75V in, 12V/25A out, 300W
Q48SA52001NNFA DELTA-Q48SA52001NNFA Datasheet
372Kb / 12P
   Delphi Series Q48SA, 60W Quarter Brick Family DC/DC Power Modules: 36~75V in, 52V/1.15A out
Q48SA54001NNFH DELTA-Q48SA54001NNFH Datasheet
576Kb / 13P
   Delphi Series Q48SA, 80W Quarter Brick Family DC/DC Power Modules: 36~75V in, 54V/1.5A out
S36SE12002PRFZ DELTA-S36SE12002PRFZ Datasheet
699Kb / 14P
   Delphi S36SE, 25W 1x1 Brick Series DC/DC Power Modules: 36~75V in, 12V/2A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com