Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTDF1N03HD Datasheet(PDF) 8 Page - Motorola, Inc

Part # MTDF1N03HD
Description  DUAL TMOS POWER MOSFET 2.0 AMPERES 30 VOLTS RDS(on) = 0.120 OHM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTDF1N03HD Datasheet(HTML) 8 Page - Motorola, Inc

Back Button MTDF1N03HD Datasheet HTML 4Page - Motorola, Inc MTDF1N03HD Datasheet HTML 5Page - Motorola, Inc MTDF1N03HD Datasheet HTML 6Page - Motorola, Inc MTDF1N03HD Datasheet HTML 7Page - Motorola, Inc MTDF1N03HD Datasheet HTML 8Page - Motorola, Inc MTDF1N03HD Datasheet HTML 9Page - Motorola, Inc MTDF1N03HD Datasheet HTML 10Page - Motorola, Inc MTDF1N03HD Datasheet HTML 11Page - Motorola, Inc MTDF1N03HD Datasheet HTML 12Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MTDF1N03HD
8
Motorola TMOS Power MOSFET Transistor Device Data
TYPICAL ELECTRICAL CHARACTERISTICS
Figure 16. Thermal Response
di/dt
trr
ta
tp
IS
0.25 IS
TIME
IS
tb
t, TIME (s)
100
10
1
D = 0.5
SINGLE PULSE
1.0E–05
1.0E–04
1.0E–03
1.0E–02
1.0E–01
1.0E+00
1.0E+01
0.2
0.1
0.05
0.02
0.01
1.0E+02
1.0E+03
0.1
1000
R
θJC(t) = r(t) RθJC
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) – TC = P(pk) R
θJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
Figure 17. Diode Reverse Recovery Waveform


Similar Part No. - MTDF1N03HD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MTDF1N03HD ONSEMI-MTDF1N03HD Datasheet
307Kb / 12P
   Power MOSFET
August, 2006 ??Rev. 6
MTDF1N03HDR2 ONSEMI-MTDF1N03HDR2 Datasheet
307Kb / 12P
   Power MOSFET
August, 2006 ??Rev. 6
More results

Similar Description - MTDF1N03HD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTDF1N02HD MOTOROLA-MTDF1N02HD Datasheet
219Kb / 12P
   DUAL TMOS POWER MOSFET 1.7 AMPERES 20 VOLTS RDS(on) = 0.120 OHM
MTP23P06V MOTOROLA-MTP23P06V Datasheet
192Kb / 8P
   TMOS POWER FET 23 AMPERES 60 VOLTS RDS(on) = 0.120 OHM
MTP2N40E MOTOROLA-MTP2N40E Datasheet
217Kb / 8P
   TMOS POWER FET 2.0 AMPERES 400 VOLTS RDS(on) = 3.5 OHM
MTD2N40E MOTOROLA-MTD2N40E Datasheet
268Kb / 10P
   TMOS POWER FET 2.0 AMPERES 400 VOLTS RDS(on) = 3.5 OHM
MTD2N50E MOTOROLA-MTD2N50E Datasheet
299Kb / 10P
   TMOS POWER FET 2.0 AMPERES 500 VOLTS RDS(on) = 3.6 OHM
MTP2P50E MOTOROLA-MTP2P50E Datasheet
230Kb / 8P
   TMOS POWER FET 2.0 AMPERES 500 VOLTS RDS(on) = 6.0 OHM
MTSF3N03HD MOTOROLA-MTSF3N03HD Datasheet
232Kb / 12P
   SINGLE TMOS POWER MOSFET 3.8 AMPERES 30 VOLTS RDS(on) = 0.040 OHM
MTP2N50E MOTOROLA-MTP2N50E Datasheet
244Kb / 8P
   TMOS POWER FET 2.0 AMPERES 500 VOLTS RDS(on) = 3.6 OHM
MTSF2P03HD MOTOROLA-MTSF2P03HD Datasheet
245Kb / 12P
   SINGLE TMOS POWER MOSFET 2.7 AMPERES 30 VOLTS RDS(on) = 0.090 OHM
MTE30N50E MOTOROLA-MTE30N50E Datasheet
229Kb / 8P
   TMOS POWER FET 30 AMPERES 500 VOLTS RDS(on) = 0.150 OHM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com