Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q48SQ12033NKFN Datasheet(PDF) 10 Page - Delta Electronics, Inc.

Part # Q48SQ12033NKFN
Description  Delphi Series Q48SQ, Quarter Brick Family DC/DC Power Modules 36~75V in, 12V/33A out, 400W
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

Q48SQ12033NKFN Datasheet(HTML) 10 Page - Delta Electronics, Inc.

Back Button Q48SQ12033NKFN Datasheet HTML 5Page - Delta Electronics, Inc. Q48SQ12033NKFN Datasheet HTML 6Page - Delta Electronics, Inc. Q48SQ12033NKFN Datasheet HTML 7Page - Delta Electronics, Inc. Q48SQ12033NKFN Datasheet HTML 8Page - Delta Electronics, Inc. Q48SQ12033NKFN Datasheet HTML 9Page - Delta Electronics, Inc. Q48SQ12033NKFN Datasheet HTML 10Page - Delta Electronics, Inc. Q48SQ12033NKFN Datasheet HTML 11Page - Delta Electronics, Inc. Q48SQ12033NKFN Datasheet HTML 12Page - Delta Electronics, Inc. Q48SQ12033NKFN Datasheet HTML 13Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
DS_Q48SQ12033_09272013
10
THERMAL CURVES
(WITHOUT HEAT SPREADER)
NTC RESISTOR
HOT SPOT1
AIRFLOW
Figure 21: * Hot spot1 and NTC resistor temperature measured
point. The allowed maximum hot spot1 temperature is defined
at 111
.
0
5
10
15
20
25
30
25
30
35
40
45
50
55
60
65
70
75
80
85
Output Current (A)
Ambient Temperature (℃)
Q48SQ12033(Standard) Output Current vs. Ambient Temperature and Air Velocity
@Vin = 48V (Transverse Orientation)
300LFM
200LFM
400LFM
Natural
Convection
100LFM
600LFM
500LFM
Figure 22: Output current vs. ambient temperature and air
velocity @Vin=48V(Transverse Orientation, airflow from Vin+ to
Vin-,without heat spreader)
THERMAL CURVES
(WITH HEAT SPREADER)
HOT SPOT2
AIRFLOW
Figure 23: * Hot spot2 temperature measured point. The
allowed maximum hot spot2 temperature is defined at 105
.
0
4
8
12
16
20
24
28
32
25
30
35
40
45
50
55
60
65
70
75
80
85
Output Current (A)
Ambient Temperature (℃)
Q48SQ12033(Standard) Output Current vs. Ambient Temperature and Air Velocity
@Vin = 48V (Transverse Orientation,With Heatspreader)
300LFM
200LFM
400LFM
500LFM
Natural
Convection
100LFM
600LFM
Figure 24: Output current vs. ambient temperature and air
velocity @Vin=48V(Transverse Orientation, airflow from Vin+ to
Vin-,with heat spreader)


Similar Part No. - Q48SQ12033NKFN

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
Q48SQ12033 DELTA-Q48SQ12033 Datasheet
657Kb / 13P
   Hiccup output over current protection(OCP)
More results

Similar Description - Q48SQ12033NKFN

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
Q48SK12033 DELTA-Q48SK12033 Datasheet
366Kb / 13P
   Quarter Brick Family DC/DC Power Modules:36~75V in, 12V/33A out, 400W
Q48SH12033 DELTA-Q48SH12033 Datasheet
442Kb / 13P
   400W Quarter Brick Family DC/DC Power Modules: 48V in, 12V/33A out
Q48SK12025NRFA DELTA-Q48SK12025NRFA Datasheet
404Kb / 13P
   Delphi Series Q48SK, Quarter Brick Family DC/DC Power Modules: 36~75V in, 12V/25A out, 300W
Q48SQ12018NRFH DELTA-Q48SQ12018NRFH Datasheet
729Kb / 13P
   Delphi Series Q48SQ, Quarter Brick Family DC/DC Power Modules
Q48SQ12025NRFH DELTA-Q48SQ12025NRFH Datasheet
716Kb / 13P
   Delphi Series Q48SQ, Quarter Brick Family DC/DC Power Modules:
Q48SK12018 DELTA-Q48SK12018 Datasheet
333Kb / 13P
   Quarter Brick Family DC/DC Power Modules:36~75V in, 12V/18A out, 216W
Q48SK12025 DELTA-Q48SK12025 Datasheet
353Kb / 13P
   Quarter Brick Family DC/DC Power Modules:36~75V in, 12V/25A out, 300W
Q48SA52001NNFA DELTA-Q48SA52001NNFA Datasheet
372Kb / 12P
   Delphi Series Q48SA, 60W Quarter Brick Family DC/DC Power Modules: 36~75V in, 52V/1.15A out
Q48SA54001NNFH DELTA-Q48SA54001NNFH Datasheet
576Kb / 13P
   Delphi Series Q48SA, 80W Quarter Brick Family DC/DC Power Modules: 36~75V in, 54V/1.5A out
S36SE12002PRFZ DELTA-S36SE12002PRFZ Datasheet
699Kb / 14P
   Delphi S36SE, 25W 1x1 Brick Series DC/DC Power Modules: 36~75V in, 12V/2A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com