Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S24DE05003PTFA Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # S24DE05003PTFA
Description  15W Single/Dual Output DC/DC Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

S24DE05003PTFA Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  S24DE05003PTFA Datasheet HTML 1Page - Delta Electronics, Inc. S24DE05003PTFA Datasheet HTML 2Page - Delta Electronics, Inc. S24DE05003PTFA Datasheet HTML 3Page - Delta Electronics, Inc. S24DE05003PTFA Datasheet HTML 4Page - Delta Electronics, Inc. S24DE05003PTFA Datasheet HTML 5Page - Delta Electronics, Inc. S24DE05003PTFA Datasheet HTML 6Page - Delta Electronics, Inc. S24DE05003PTFA Datasheet HTML 7Page - Delta Electronics, Inc. S24DE05003PTFA Datasheet HTML 8Page - Delta Electronics, Inc. S24DE05003PTFA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
S24SE/S24DE series
15W Single/Dual Output DC/DC Converter
DS_S24SE/S24DE 15W _10172013
E-mail:DCDC@delta.com.tw
http://www.deltaww.com/dcdc
P2
Output Characteristics
Item
Conditions
Min.
Typ.
Max.
Unit
Output Voltage Accuracy
---
±1.0
±2.0
%Vo
Output Voltage Balance
Dual Output, Balanced Loads
---
±1.0
±2.0
%Vo
Line Regulation
Single output
±0.1
±0.2
%Vo
Dual output
±0.1
±0.5
%Vo
Cross Regulation
Dual output,Asymmetrical Load
25%-100% Full Load
±2
±3
%Vo
Total Outupt Voltage Range
Over Load, Line and Temperature
---
---
±3
%Vo
Ripple & Noise
12V, 15V, ±12V, ±15V
---
50
---
mV P-P
Ripple & Noise
3.3V, 5.0V
50
---
mV P-P
Dynamic load response
50%-75% full load, 0.1A/uS
3
%Vo
Output Over Current Protection
Output Voltage 10% Low, Hiccup
110
160
%Iomax
Short Output Protection
Long Term, Auto-recovery
Output Over-Voltage Protection
Hiccup, Auto-recovery
115
150
%Vo
Output Trim Range
Single Output
-10
+10
%Vo
General Characteristics
Item
Conditions
Min.
Typ.
Max.
Unit
I/O Isolation Voltage (rated)
---
---
1600
VDC
I/O Isolation Resistance
10
---
---
M
Ω
I/O Isolation Capacitance
1100
pF
Switching Frequency
450
KHz
Environmental Specifications
Parameter
Conditions
Min.
Max.
Unit
Operating Temperature Range (with Derating)
Ambient
-40
+85
Case Temperature
---
+105
Storage Temperature Range
-50
+125
Humidity (non condensing)
---
95
% rel. H
Cooling
Free-Air convection
Power Derating Curves(No Heat Sink)
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
110%
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
100
110
120
Output Power(%)
Ambient Temperature (℃)
Natural
Convection
S24SE&S24DE_15W Series (Encapsulation) Output Power vs. Ambient Temperature
at Natural Convection
Notes
1
Specifications typical at Ta=+25℃, resistive load, nominal input voltage and rated output current unless otherwise noted.
2
Ripple & Noise measurement bandwidth is 0-20MHz, with 10µF, tantalum capacitor and 1µF ceramic capacitor.
‏‏3 All DC/DC converters should be externally fused at the front end for protection.
4
Specifications are subject to change without notice.


Similar Part No. - S24DE05003PTFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S24DE05002NPFA DELTA-S24DE05002NPFA Datasheet
705Kb / 12P
   10W Single/Dual Output DC/DC Converter
S24DE05002NPFH DELTA-S24DE05002NPFH Datasheet
705Kb / 12P
   10W Single/Dual Output DC/DC Converter
S24DE05002NRFA DELTA-S24DE05002NRFA Datasheet
705Kb / 12P
   10W Single/Dual Output DC/DC Converter
S24DE05002NRFH DELTA-S24DE05002NRFH Datasheet
705Kb / 12P
   10W Single/Dual Output DC/DC Converter
S24DE05002NTFA DELTA-S24DE05002NTFA Datasheet
705Kb / 12P
   10W Single/Dual Output DC/DC Converter
More results

Similar Description - S24DE05003PTFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S24SE150R9NDFA DELTA-S24SE150R9NDFA Datasheet
914Kb / 14P
   15W Single/Dual Output DC/DC Converter
logo
Chinfa Electronics Ind....
WDD15-03S4U CHINFA-WDD15-03S4U Datasheet
216Kb / 4P
   DC - DC CONVERTER 15W SINGLE & DUAL OUTPUT
WDD15U CHINFA-WDD15U_14 Datasheet
217Kb / 4P
   DC - DC CONVERTER 15W SINGLE & DUAL OUTPUT
WDD15-03S4U CHINFA-WDD15-03S4U_10 Datasheet
237Kb / 4P
   DC - DC CONVERTER 15W SINGLE & DUAL OUTPUT
TDD15 CHINFA-TDD15_14 Datasheet
184Kb / 4P
   DC - DC CONVERTER 12 ~ 15W SINGLE & DUAL OUTPUT
WDD15-03S4 CHINFA-WDD15-03S4 Datasheet
232Kb / 4P
   DC - DC CONVERTER 12 ~ 15W SINGLE & DUAL OUTPUT
TDD15-03S2 CHINFA-TDD15-03S2_11 Datasheet
197Kb / 4P
   DC - DC CONVERTER 12 ~ 15W SINGLE & DUAL OUTPUT
FDD15-03S1 CHINFA-FDD15-03S1 Datasheet
300Kb / 4P
   DC - DC CONVERTER 10 ~ 15W SINGLE & DUAL OUTPUT
IDD15U CHINFA-IDD15U_14 Datasheet
200Kb / 4P
   DC - DC CONVERTER 13 ~ 15W SINGLE & DUAL OUTPUT
WDD15 CHINFA-WDD15_14 Datasheet
204Kb / 4P
   DC - DC CONVERTER 12 ~ 15W SINGLE & DUAL OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com