Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L0107DE Datasheet(PDF) 6 Page - Littelfuse

Part # L0107DE
Description  Teccor짰 brand Thyristors EV Series 1 Amp Sensitive Triacs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

L0107DE Datasheet(HTML) 6 Page - Littelfuse

  L0107DE Datasheet HTML 1Page - Littelfuse L0107DE Datasheet HTML 2Page - Littelfuse L0107DE Datasheet HTML 3Page - Littelfuse L0107DE Datasheet HTML 4Page - Littelfuse L0107DE Datasheet HTML 5Page - Littelfuse L0107DE Datasheet HTML 6Page - Littelfuse L0107DE Datasheet HTML 7Page - Littelfuse L0107DE Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
48
Revised: June 21, 2011 04:14 PM
©2011 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
EV Series 1 Amp Sensitive Triacs
L01 Series
Dimensions – SOT-223
Dimensions
Inches
Millimeters
Min
Typ
Max
Min
Typ
Max
A
0.248
0.256
0.264
6.30
6.50
6.70
B
0.130
0.138
0.146
3.30
3.50
3.70
C
0.071
1.80
D
0.001
0.004
0.02
0.10
E
0.114
0.118
0.124
2.90
3.00
3.15
F
0.024
0.027
0.034
0.60
0.70
0.85
G
0.090
2.30
H
0.181
4.60
I
0.264
0.276
0.287
6.70
7.00
7.30
J
0.009
0.010
0.014
0.24
0.26
0.35
K
10° MAX
MT2
MT2
MT1
Gate
MT2
MT2
MT1
Gate
Dimensions in Millimeters (Inches)
Recommended Soldering Footprint
for SOT223
1.5
(0.059”)
1.5
(0.059”)
3.3
(0.130”)
6.4
(0.252”)
4.6
(0.181”)
1.2
(0.047”)
2.3
(0.091”)
(3x)
Pad Layout for SOT-223
MT2
MT2
MT1
Gate
Product Selector
Part Number
Voltage
Gate Sensitivity Quadrants
Package
I II III
IV
L0103DE
400 V
3 mA
5 mA
TO-92
L0103ME
600 V
3 mA
5 mA
TO-92
L0103NE
800 V
3 mA
5 mA
TO-92
L0103DT
400 V
3 mA
5 mA
SOT-223
L0103MT
600 V
3 mA
5 mA
SOT-223
L0103NT
800 V
3 mA
5 mA
SOT-223
L0107DE
400 V
5 mA
7 mA
TO-92
L0107ME
600 V
5 mA
7 mA
TO-92
L0107NE
800 V
5 mA
7 mA
TO-92
L0107DT
400 V
5 mA
7 mA
SOT-223
L0107MT
600 V
5 mA
7 mA
SOT-233
L0107NT
800 V
5 mA
7 mA
SOT-233
L0109DE
400 V
10 mA
10 mA
TO-92
L0109ME
600 V
10 mA
10 mA
TO-92
L0109NE
800 V
10 mA
10 mA
TO-92
L0109DT
400 V
10 mA
10 mA
SOT-223
L0109MT
600 V
10 mA
10 mA
SOT-223
L0109NT
800 V
10 mA
10 mA
SOT-223
MT2
MT2
MT1
Gate


Similar Part No. - L0107DE

ManufacturerPart #DatasheetDescription
logo
Littelfuse
L0107DE LITTELFUSE-L0107DE Datasheet
271Kb / 8P
   New 1 Amp bi-directional solid state switch series offering direct interface
L0107DE LITTELFUSE-L0107DE Datasheet
1Mb / 8P
   Teccor짰 brand Thyristors EV Series 1 Amp Sensitive Triacs
L0107DE LITTELFUSE-L0107DE Datasheet
1Mb / 8P
   Thyristors EV Series 1 Amp Sensitive Triacs
Revised: 05/29/19
More results

Similar Description - L0107DE

ManufacturerPart #DatasheetDescription
logo
Littelfuse
L0107NERP LITTELFUSE-L0107NERP Datasheet
1Mb / 8P
   Teccor짰 brand Thyristors EV Series 1 Amp Sensitive Triacs
Q6X3RP LITTELFUSE-Q6X3RP Datasheet
836Kb / 9P
   Teccor짰 brand Thyristors 1 Amp Sensitive & Standard Triacs
S6X8BSRP LITTELFUSE-S6X8BSRP Datasheet
879Kb / 10P
   Teccor짰 brand Thyristors EV Series 0.8 Amp Sensitive SCRs
L4X3RP LITTELFUSE-L4X3RP Datasheet
385Kb / 10P
   Teccor짰 brand Thyristors 0.8 Amp Sensitive & Standard Triacs
S6X8TSRP LITTELFUSE-S6X8TSRP Datasheet
1Mb / 10P
   Teccor짰 brand Thyristors EV Series 0.8 Amp Sensitive SCRs
L4004L3TP LITTELFUSE-L4004L3TP Datasheet
905Kb / 10P
   Teccor짰 brand Thyristors 4 Amp Sensitive & Standard Triacs
L0103DTRP LITTELFUSE-L0103DTRP Datasheet
1Mb / 8P
   Thyristors EV Series 1 Amp Sensitive Triacs
Revised: 05/29/19
Q6040J7TP LITTELFUSE-Q6040J7TP Datasheet
703Kb / 7P
   Teccor짰 brand Thyristors 40 Amp Alternistor (High Commutation) Triacs
S6010DS2RP LITTELFUSE-S6010DS2RP Datasheet
1Mb / 11P
   Teccor짰 brand Thyristors 10 Amp Sensitive & Standard SCRs
K2201GRP LITTELFUSE-K2201GRP Datasheet
225Kb / 6P
   Teccor짰 brand Thyristors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com