Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S36SA3R308PRFA Datasheet(PDF) 4 Page - Delta Electronics, Inc.

Part # S36SA3R308PRFA
Description  Delphi Series S36SA, 25W Family DC/DC Power Modules: 18Vin to 60Vin, 3.3V/8A out
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

S36SA3R308PRFA Datasheet(HTML) 4 Page - Delta Electronics, Inc.

  S36SA3R308PRFA Datasheet HTML 1Page - Delta Electronics, Inc. S36SA3R308PRFA Datasheet HTML 2Page - Delta Electronics, Inc. S36SA3R308PRFA Datasheet HTML 3Page - Delta Electronics, Inc. S36SA3R308PRFA Datasheet HTML 4Page - Delta Electronics, Inc. S36SA3R308PRFA Datasheet HTML 5Page - Delta Electronics, Inc. S36SA3R308PRFA Datasheet HTML 6Page - Delta Electronics, Inc. S36SA3R308PRFA Datasheet HTML 7Page - Delta Electronics, Inc. S36SA3R308PRFA Datasheet HTML 8Page - Delta Electronics, Inc. S36SA3R308PRFA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ELECTRICAL CHARACTERISTICS CURVES
Figure5: Turn-on transient at zero load current (Constant
resistance mode) (1 ms/div). Vin: 48V; Top Trace: Vout
(1V/div); Bottom Trace: ON/OFF Control (5V/div).
Figure 6: Output voltage response to step-change in load
current (50%-100% of Io, max; di/dt = 1A/µs). Load cap: 10µF,
100 m
Top Trace: Vout (50mV/div, 100 us/div), Bottom Trace: Iout
(2.42A/div).
20
100KHz
20
100KHz
Ω
ESR< 0.3
ESR< 0.3
TEST
12uH
Cs:68uF/100V
68uF/100V
s
i
Vi(-)
Vi(+)
Ω
Figure 7: Output voltage response to step-change in load
current (100%-50% of Io, max; di/dt = 1A/µs). Load cap: 10µF,
100 m
Top Trace: Vout (50mV/div, 100 us/div), Bottom Trace: Iout
(2.42A/div).
Figure 8: Test set-up diagram showing measurement points
for Input Reflected Ripple Current (Figure 9).
Note: Measured input reflected-ripple current with a simulated
source Inductance (LTEST) of 12 μH. Capacitor Cs offset
possible battery impedance.
4


Similar Part No. - S36SA3R308PRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S36SA3R308PRFA DELTA-S36SA3R308PRFA Datasheet
817Kb / 11P
   Delphi Series S36SA, 25W Family DC/DC Power Modules: 18Vin to 60Vin, 3.3V/8A out
More results

Similar Description - S36SA3R308PRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S36SA3R308NRFA DELTA-S36SA3R308NRFA Datasheet
817Kb / 11P
   Delphi Series S36SA, 25W Family DC/DC Power Modules: 18Vin to 60Vin, 3.3V/8A out
E48SC12008NRFA DELTA-E48SC12008NRFA Datasheet
777Kb / 17P
   Delphi Series E48SC12008, Eighth Brick Family DC/DC Power Modules: 48V in, 12V/8A out
E24SR06508NRFA DELTA-E24SR06508NRFA Datasheet
483Kb / 14P
   Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules: 24V in, 6.5V/8A out
E24SR06508 DELTA-E24SR06508 Datasheet
770Kb / 14P
   Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules: 24V in, 6.5V/8A out
E48SC3R315NRFA DELTA-E48SC3R315NRFA Datasheet
538Kb / 15P
   Delphi Series E48SC, Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/15A out
E48SC3R320NRFA DELTA-E48SC3R320NRFA Datasheet
539Kb / 15P
   Delphi Series E48SC, Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/20A out
H48SV3R310 DELTA-H48SV3R310 Datasheet
667Kb / 14P
   Delphi Series H48SV, 150W Half Brick Family DC/DC Power Modules: 48V in, 3.3V/10A out
E48SR3R320NRFA DELTA-E48SR3R320NRFA Datasheet
510Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/20A out
E36SR3R320NRFA DELTA-E36SR3R320NRFA Datasheet
526Kb / 15P
   Delphi Series E36SR, Eighth Brick Family DC/DC Power Modules: 18~75V in, 3.3V/20A out
E24SR3R320 DELTA-E24SR3R320 Datasheet
748Kb / 14P
   Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules: 24V in, 3.3V/20A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com