Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S24DE05003NDFA Datasheet(PDF) 11 Page - Delta Electronics, Inc.

Part # S24DE05003NDFA
Description  15W Single/Dual Output DC/DC Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

S24DE05003NDFA Datasheet(HTML) 11 Page - Delta Electronics, Inc.

Back Button S24DE05003NDFA Datasheet HTML 4Page - Delta Electronics, Inc. S24DE05003NDFA Datasheet HTML 5Page - Delta Electronics, Inc. S24DE05003NDFA Datasheet HTML 6Page - Delta Electronics, Inc. S24DE05003NDFA Datasheet HTML 7Page - Delta Electronics, Inc. S24DE05003NDFA Datasheet HTML 8Page - Delta Electronics, Inc. S24DE05003NDFA Datasheet HTML 9Page - Delta Electronics, Inc. S24DE05003NDFA Datasheet HTML 10Page - Delta Electronics, Inc. S24DE05003NDFA Datasheet HTML 11Page - Delta Electronics, Inc. S24DE05003NDFA Datasheet HTML 12Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
S24SE/S24DE series
15W Single/Dual Output DC/DC Converter
DS_S24SE/S24DE 15W _10172013
E-mail:DCDC@delta.com.tw
http://www.deltaww.com/dcdc
P11
Mechanical Drawing with heat sink(optional)
Mechanical Dimensions
Physical Outline
1
Heat sink
Material: Al-6063
Finish: anodize black
Weight: 4grams
2
Clamp
Material: spring steel
Finish: Nickel plating
3
Thermal pad
Material: Sil-pad
Thermal conductivity: 1.6W/m-K
4
Model weight: 22.5 grams
 All dimensions in mm (inches)
 Tolerance: X.X±0.5 (X.XX±0.02)
X.XX±0.25 ( X.XXX±0.010)
Note:
1.
add heat sink to help heat dissipation and increase reliability of convert oprating at high ambient temperature
2.
please refer derating curve while upgrate the operating temperature of converter
3.
heat sink will be mounted for volume orders,
separated heat sink only be supplied for prototype
4.
for model with heat sink option, the recommended layout only need note the length more larger than without heat sink


Similar Part No. - S24DE05003NDFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S24DE05002NPFA DELTA-S24DE05002NPFA Datasheet
705Kb / 12P
   10W Single/Dual Output DC/DC Converter
S24DE05002NPFH DELTA-S24DE05002NPFH Datasheet
705Kb / 12P
   10W Single/Dual Output DC/DC Converter
S24DE05002NRFA DELTA-S24DE05002NRFA Datasheet
705Kb / 12P
   10W Single/Dual Output DC/DC Converter
S24DE05002NRFH DELTA-S24DE05002NRFH Datasheet
705Kb / 12P
   10W Single/Dual Output DC/DC Converter
S24DE05002NTFA DELTA-S24DE05002NTFA Datasheet
705Kb / 12P
   10W Single/Dual Output DC/DC Converter
More results

Similar Description - S24DE05003NDFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S24SE150R9NDFA DELTA-S24SE150R9NDFA Datasheet
914Kb / 14P
   15W Single/Dual Output DC/DC Converter
logo
Chinfa Electronics Ind....
WDD15-03S4U CHINFA-WDD15-03S4U Datasheet
216Kb / 4P
   DC - DC CONVERTER 15W SINGLE & DUAL OUTPUT
WDD15U CHINFA-WDD15U_14 Datasheet
217Kb / 4P
   DC - DC CONVERTER 15W SINGLE & DUAL OUTPUT
WDD15-03S4U CHINFA-WDD15-03S4U_10 Datasheet
237Kb / 4P
   DC - DC CONVERTER 15W SINGLE & DUAL OUTPUT
TDD15 CHINFA-TDD15_14 Datasheet
184Kb / 4P
   DC - DC CONVERTER 12 ~ 15W SINGLE & DUAL OUTPUT
WDD15-03S4 CHINFA-WDD15-03S4 Datasheet
232Kb / 4P
   DC - DC CONVERTER 12 ~ 15W SINGLE & DUAL OUTPUT
TDD15-03S2 CHINFA-TDD15-03S2_11 Datasheet
197Kb / 4P
   DC - DC CONVERTER 12 ~ 15W SINGLE & DUAL OUTPUT
FDD15-03S1 CHINFA-FDD15-03S1 Datasheet
300Kb / 4P
   DC - DC CONVERTER 10 ~ 15W SINGLE & DUAL OUTPUT
IDD15U CHINFA-IDD15U_14 Datasheet
200Kb / 4P
   DC - DC CONVERTER 13 ~ 15W SINGLE & DUAL OUTPUT
WDD15 CHINFA-WDD15_14 Datasheet
204Kb / 4P
   DC - DC CONVERTER 12 ~ 15W SINGLE & DUAL OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com