Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S24SE150R9 Datasheet(PDF) 7 Page - Delta Electronics, Inc.

Part # S24SE150R9
Description  15W Single/Dual Output DC/DC Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

S24SE150R9 Datasheet(HTML) 7 Page - Delta Electronics, Inc.

Back Button S24SE150R9 Datasheet HTML 3Page - Delta Electronics, Inc. S24SE150R9 Datasheet HTML 4Page - Delta Electronics, Inc. S24SE150R9 Datasheet HTML 5Page - Delta Electronics, Inc. S24SE150R9 Datasheet HTML 6Page - Delta Electronics, Inc. S24SE150R9 Datasheet HTML 7Page - Delta Electronics, Inc. S24SE150R9 Datasheet HTML 8Page - Delta Electronics, Inc. S24SE150R9 Datasheet HTML 9Page - Delta Electronics, Inc. S24SE150R9 Datasheet HTML 10Page - Delta Electronics, Inc. S24SE150R9 Datasheet HTML 11Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
S24SE/S24DE series
15W Single/Dual Output DC/DC Converter
DS_S24SE/S24DE 15W _10172013
E-mail:DCDC@delta.com.tw
http://www.deltaww.com/dcdc
P7
DESIGN CONSIDERATIONS
Input Source Impedance
The impedance of the input source connecting to the
DC/DC power modules will interact with the modules
and affect the stability. A low ac-impedance input source
is recommended. If the source inductance is more than
a few μH, we advise a 47μF electrolytic capacitor
mounted close to the input of the module to improve the
stability.
Input Reflected Ripple Current
Vin+
Vin-
is
ic
100uF,
ESR=0.2 ohm @
25oC 100KHz
Cs: 220uF
+
+
Vin+
Vin-
is
ic
100uF,
ESR=0.2 ohm @
25oC 100KHz
Cs: 220uF
+
+
is
ic
100uF,
ESR=0.2 ohm @
25oC 100KHz
Cs: 220uF
+
+
+
+
Test set-up diagram showing measurement points for
Input Terminal Ripple Current and Input Reflected
Ripple Current.
Measured input reflected-ripple current with a simulated
source Inductance (LTEST) of 12
μH. Capacitor Cs
offset possible battery impedance.
Input Terminal Ripple Current, ic, at full rated output
current and nominal input voltage with 12µH source
impedance and 100µF electrolytic capacitor (25 mA/div,
2us/div).
Input reflected ripple current, is, through a 12µH source
inductor at nominal input voltage and rated load current
(5 mA/div, 2us/div)
Output Ripple Noise
Output voltage ripple test setup.
Load capacitance: 1µF ceramic capacitor and 10µF
tantalum
capacitor.
Bandwidth:
20
MHz.
Scope
measurements should be made using a BNC cable
(length shorter than 20 inches). Position the load
between 51 mm to 76 mm (2 inches to 3 inches) from
the module.


Similar Part No. - S24SE150R9

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S24SE150R9NDFA DELTA-S24SE150R9NDFA Datasheet
914Kb / 14P
   15W Single/Dual Output DC/DC Converter
More results

Similar Description - S24SE150R9

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S24SE150R9NDFA DELTA-S24SE150R9NDFA Datasheet
914Kb / 14P
   15W Single/Dual Output DC/DC Converter
logo
Chinfa Electronics Ind....
WDD15-03S4U CHINFA-WDD15-03S4U Datasheet
216Kb / 4P
   DC - DC CONVERTER 15W SINGLE & DUAL OUTPUT
WDD15U CHINFA-WDD15U_14 Datasheet
217Kb / 4P
   DC - DC CONVERTER 15W SINGLE & DUAL OUTPUT
WDD15-03S4U CHINFA-WDD15-03S4U_10 Datasheet
237Kb / 4P
   DC - DC CONVERTER 15W SINGLE & DUAL OUTPUT
TDD15 CHINFA-TDD15_14 Datasheet
184Kb / 4P
   DC - DC CONVERTER 12 ~ 15W SINGLE & DUAL OUTPUT
WDD15-03S4 CHINFA-WDD15-03S4 Datasheet
232Kb / 4P
   DC - DC CONVERTER 12 ~ 15W SINGLE & DUAL OUTPUT
TDD15-03S2 CHINFA-TDD15-03S2_11 Datasheet
197Kb / 4P
   DC - DC CONVERTER 12 ~ 15W SINGLE & DUAL OUTPUT
FDD15-03S1 CHINFA-FDD15-03S1 Datasheet
300Kb / 4P
   DC - DC CONVERTER 10 ~ 15W SINGLE & DUAL OUTPUT
IDD15U CHINFA-IDD15U_14 Datasheet
200Kb / 4P
   DC - DC CONVERTER 13 ~ 15W SINGLE & DUAL OUTPUT
WDD15 CHINFA-WDD15_14 Datasheet
204Kb / 4P
   DC - DC CONVERTER 12 ~ 15W SINGLE & DUAL OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com