Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC1210MKYSV6BN390 Datasheet(PDF) 11 Page - YAGEO Corporation

Part # CC1210MKYSV6BN390
Description  SURFACE-MOUNT CERAMIC CERAMIC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CC1210MKYSV6BN390 Datasheet(HTML) 11 Page - YAGEO Corporation

Back Button CC1210MKYSV6BN390 Datasheet HTML 6Page - YAGEO Corporation CC1210MKYSV6BN390 Datasheet HTML 7Page - YAGEO Corporation CC1210MKYSV6BN390 Datasheet HTML 8Page - YAGEO Corporation CC1210MKYSV6BN390 Datasheet HTML 9Page - YAGEO Corporation CC1210MKYSV6BN390 Datasheet HTML 10Page - YAGEO Corporation CC1210MKYSV6BN390 Datasheet HTML 11Page - YAGEO Corporation CC1210MKYSV6BN390 Datasheet HTML 12Page - YAGEO Corporation CC1210MKYSV6BN390 Datasheet HTML 13Page - YAGEO Corporation CC1210MKYSV6BN390 Datasheet HTML 14Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
www.yageo.com
Jul 29, 2010 V.5
General Purpose & High Cap.
6.3 V to 50 V
Surface-Mount Ceramic Multilayer Capacitors
11
14
Product specification
Y5V
TEST
TEST METHOD
PROCEDURE
REQUIREMENTS
Mounting in accordance with IEC 60384-22
paragraph 4.3
No visible damage
Bond
strength of
plating on
end face
IEC 60384-
21/22
4.8
Conditions: bending 1 mm at a rate of 1 mm/s,
radius jig 340 mm
<General purpose series>
∆C/C
Class2:
Y5V: ±10%
<High Capacitance series>
∆C/C
Class2:
Y5V: ±10%
Dissolution of the end face plating shall not
exceed 25% of the length of the edge
concerned
<General purpose series>
∆C/C
Class2:
Y5V: ±20%
<High Capacitance series>
∆C/C
Class2:
Y5V: ±20%
Resistance to
soldering
heat
4.9
Precondition: 150 +0/–10 °C for 1 hour, then keep
for 24 ±1 hours at room temperature
Preheating: for size ≤ 1206: 120 °C to 150 °C for 1
minute
Preheating: for size >1206: 100 °C to 120 °C for 1
minute and 170 °C to 200 °C for 1 minute
Solder bath temperature: 260 ±5 °C
Dipping time: 10 ±0.5 seconds
Recovery time: 24 ±2 hours
D.F. within initial specified value
Rins within initial specified value
Solderability
4.10 Preheated the temperature of 80 °C to 140 °C and
maintained for 30 seconds to 60 seconds.
Test conditions for lead containing solder alloy
Temperature: 235 ±5 °C
Dipping time: 2 ±0.2 seconds
Depth of immersion: 10 mm
Alloy Composition: 60/40 Sn/Pb
Number of immersions: 1
Test conditions for leadfree containing solder alloy
Temperature: 245 ±5 °C
Dipping time: 3 ±0.3 seconds
Depth of immersion: 10 mm
Alloy Composition: SAC305
Number of immersions: 1
The solder should cover over 95% of the
critical area of each termination


Similar Part No. - CC1210MKYSV6BN390

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
CC1210MKYSV6BN331 YAGEO-CC1210MKYSV6BN331 Datasheet
360Kb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results

Similar Description - CC1210MKYSV6BN390

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
CC0402JRNPO9BN220 YAGEO-CC0402JRNPO9BN220 Datasheet
360Kb / 14P
   SURFACE-MOUNT CERAMIC SURFACE-MOUNT CERAMIC
logo
List of Unclassifed Man...
CC154 ETC2-CC154 Datasheet
48Kb / 1P
   Ceramic Surface Mount VCXO
logo
Ecliptek Corporation
ECCM61 ECLIPTEK-ECCM61 Datasheet
441Kb / 2P
   CERAMIC SURFACE MOUNT CRYSTAL
logo
M/A-COM Technology Solu...
C2084 MA-COM-C2084 Datasheet
122Kb / 3P
   Ceramic Surface Mount Amplifier
logo
List of Unclassifed Man...
CTVZ-A6B3 ETC2-CTVZ-A6B3 Datasheet
44Kb / 1P
   Ceramic Surface Mount TCVCXO
logo
Vanlong Technology Co.,...
SM6B VANLONG-SM6B Datasheet
37Kb / 1P
   Ceramic Surface Mount Crystal
SM5 VANLONG-SM5_13 Datasheet
44Kb / 1P
   Ceramic Surface Mount Crystal
SM6 VANLONG-SM6 Datasheet
37Kb / 1P
   Ceramic Surface Mount Crystal
SM5B VANLONG-SM5B_13 Datasheet
41Kb / 1P
   Ceramic Surface Mount Crystal
SM7 VANLONG-SM7 Datasheet
47Kb / 1P
   Ceramic Surface Mount Crystal
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com