Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC0201ZCYSV5BN331 Datasheet(PDF) 9 Page - YAGEO Corporation

Part # CC0201ZCYSV5BN331
Description  SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CC0201ZCYSV5BN331 Datasheet(HTML) 9 Page - YAGEO Corporation

Back Button CC0201ZCYSV5BN331 Datasheet HTML 5Page - YAGEO Corporation CC0201ZCYSV5BN331 Datasheet HTML 6Page - YAGEO Corporation CC0201ZCYSV5BN331 Datasheet HTML 7Page - YAGEO Corporation CC0201ZCYSV5BN331 Datasheet HTML 8Page - YAGEO Corporation CC0201ZCYSV5BN331 Datasheet HTML 9Page - YAGEO Corporation CC0201ZCYSV5BN331 Datasheet HTML 10Page - YAGEO Corporation CC0201ZCYSV5BN331 Datasheet HTML 11Page - YAGEO Corporation CC0201ZCYSV5BN331 Datasheet HTML 12Page - YAGEO Corporation CC0201ZCYSV5BN331 Datasheet HTML 13Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
www.yageo.com
Jul 29, 2010 V.5
General Purpose & High Cap.
6.3 V to 50 V
Surface-Mount Ceramic Multilayer Capacitors
9
14
Product specification
Y5V
30
95
25
100
75
YNM0019
50
25
0
-5
20
55
70
Δ
T ( C)
o
C
(%)
C
Fig. 3
Typical capacitance change as a function of
temperature
050
15
110
85
YNM0020
60
35
10
10
20
30
40
Δ
C
(%)
V
(V)
DC
C
25 V
10 V
50 V
16 V
Fig. 4
Typical capacitance change with respect to the
capacitance at 1 V as a function of DC voltage at
20 °C
25
100
0
500
MBD078
1000
1500
2000
0
255075
T ( C)
o
tan
δ
(x 10
)
4
Fig. 5
Typical tan δ as a function of temperature
SOLDERING RECOMMENDATION
Table 7
SOLDERING
METHOD
SIZE
0402
0603
0805
1206
≥ 1210
Reflow
≥ 0.1 µF
≥ 1.0 µF
≥ 2.2 µF
≥ 4.7 µF
Reflow only
Reflow/Wave
< 0.1 µF
< 1.0 µF
< 2.2 µF
< 4.7 µF
---


Similar Part No. - CC0201ZCYSV5BN331

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
CC0201ZCYSV5BN390 YAGEO-CC0201ZCYSV5BN390 Datasheet
360Kb / 14P
   SURFACE-MOUNT CERAMIC CERAMIC
More results

Similar Description - CC0201ZCYSV5BN331

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JRNPOBBN100 YAGEO-CC1206JRNPOBBN100 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB332 YAGEO-CC0402KRX7R9BB332 Datasheet
518Kb / 21P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB221 YAGEO-CC0402KRX7R9BB221 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402JRNPO9BN330 YAGEO-CC0402JRNPO9BN330 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603KRX7R9BB332 YAGEO-CC0603KRX7R9BB332 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805KRX7R0BB102 YAGEO-CC0805KRX7R0BB102 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0201BRNPO7BN121 YAGEO-CC0201BRNPO7BN121 Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CA0508JRNPO7BN121 YAGEO-CA0508JRNPO7BN121 Datasheet
985Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603CRNPO9BN1R0 YAGEO-CC0603CRNPO9BN1R0 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206KRX7RABB103 YAGEO-CC1206KRX7RABB103 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com