Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQP13N50 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FQP13N50
Description  N-Channel QFET MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQP13N50 Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FQP13N50 Datasheet HTML 2Page - Fairchild Semiconductor FQP13N50 Datasheet HTML 3Page - Fairchild Semiconductor FQP13N50 Datasheet HTML 4Page - Fairchild Semiconductor FQP13N50 Datasheet HTML 5Page - Fairchild Semiconductor FQP13N50 Datasheet HTML 6Page - Fairchild Semiconductor FQP13N50 Datasheet HTML 7Page - Fairchild Semiconductor FQP13N50 Datasheet HTML 8Page - Fairchild Semiconductor FQP13N50 Datasheet HTML 9Page - Fairchild Semiconductor FQP13N50 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Peak Diode Recovery dv/dt Test Circuit & Waveforms
DUT
V
DS
+
_
Driver
R
G
Same Type
as DUT
VGS
• dv/dt controlled by R
G
•I
SD controlled by pulse period
VDD
L
I SD
10V
V
GS
( Driver )
I
SD
( DUT )
V
DS
( DUT )
VDD
Body Diode
Forward Voltage Drop
VSD
I
FM , Body Diode Forward Current
Body Diode Reverse Current
IRM
Body Diode Recovery dv/dt
di/dt
D =
Gate Pulse Width
Gate Pulse Period
--------------------------
DUT
V
DS
+
_
Driver
R
G
Same Type
as DUT
VGS
• dv/dt controlled by R
G
•I
SD controlled by pulse period
VDD
L
L
I SD
10V
V
GS
( Driver )
I
SD
( DUT )
V
DS
( DUT )
VDD
Body Diode
Forward Voltage Drop
VSD
I
FM , Body Diode Forward Current
Body Diode Reverse Current
IRM
Body Diode Recovery dv/dt
di/dt
D =
Gate Pulse Width
Gate Pulse Period
--------------------------
D =
Gate Pulse Width
Gate Pulse Period
--------------------------
www.fairchildsemi.com
©20
00 Fairchild Semiconductor Corporation
FQP13N50 / FQPF13N50 Rev. C0


Similar Part No. - FQP13N50

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQP13N50 FAIRCHILD-FQP13N50 Datasheet
883Kb / 10P
   500V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQP13N50 ISC-FQP13N50 Datasheet
301Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
logo
Fairchild Semiconductor
FQP13N50C FAIRCHILD-FQP13N50C Datasheet
873Kb / 10P
   500V N-Channel MOSFET
FQP13N50C FAIRCHILD-FQP13N50C Datasheet
620Kb / 17P
   PFCPWM Combination Controller
FQP13N50C FAIRCHILD-FQP13N50C Datasheet
682Kb / 15P
   Power Factor Correction Converter Design
More results

Similar Description - FQP13N50

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB5N90 FAIRCHILD-FQB5N90_13 Datasheet
709Kb / 9P
   N-Channel QFET MOSFET
FQT7N10TF FAIRCHILD-FQT7N10TF Datasheet
628Kb / 8P
   N-Channel QFET MOSFET
FQD4N25TM FAIRCHILD-FQD4N25TM Datasheet
1Mb / 9P
   N-Channel QFET MOSFET
FQU13N10TU FAIRCHILD-FQU13N10TU Datasheet
867Kb / 8P
   N-Channel QFET MOSFET
FQD18N20V2 FAIRCHILD-FQD18N20V2_13 Datasheet
737Kb / 9P
   N-Channel QFET MOSFET
FQD19N10 FAIRCHILD-FQD19N10_13 Datasheet
545Kb / 8P
   N-Channel QFET MOSFET
FQD13N10 FAIRCHILD-FQD13N10_13 Datasheet
1Mb / 9P
   N-Channel QFET MOSFET
FQD19N10L FAIRCHILD-FQD19N10L_13 Datasheet
530Kb / 8P
   N-Channel QFET MOSFET
FQP6N80C FAIRCHILD-FQP6N80C_13 Datasheet
855Kb / 10P
   N-Channel QFET MOSFET
FQT7N10LTF FAIRCHILD-FQT7N10LTF Datasheet
1Mb / 8P
   N-Channel QFET MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com