Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSDM07652R Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FSDM07652R
Description  Green Mode Fairchild Power Switch (FPSTM)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSDM07652R Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FSDM07652R Datasheet HTML 1Page - Fairchild Semiconductor FSDM07652R Datasheet HTML 2Page - Fairchild Semiconductor FSDM07652R Datasheet HTML 3Page - Fairchild Semiconductor FSDM07652R Datasheet HTML 4Page - Fairchild Semiconductor FSDM07652R Datasheet HTML 5Page - Fairchild Semiconductor FSDM07652R Datasheet HTML 6Page - Fairchild Semiconductor FSDM07652R Datasheet HTML 7Page - Fairchild Semiconductor FSDM07652R Datasheet HTML 8Page - Fairchild Semiconductor FSDM07652R Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
FSDM0565R
5
Electrical Characteristics
(Ta = 25
°C unless otherwise specified)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Sense FET SECTION
Drain source breakdown voltage
BVDSS
VGS = 0V, ID = 250
µA
650
-
-
V
Zero gate voltage drain current
IDSS
VDS = 650V, VGS = 0V
-
-
50
µA
VDS= 520V
VGS = 0V, TC = 125
°C
-
-
200
µA
Static drain source on resistance (1)
RDS(ON)
VGS = 10V, ID = 2.5A
-
1.76
2.2
Output capacitance
COSS
VGS = 0V, VDS = 25V,
f = 1MHz
-78
-
pF
Turn on delay time
TD(ON)
VDD= 325V, ID= 5A
(MOSFET switching
time is essentially
independent of
operating temperature)
-22
-
ns
Rise time
TR
-52
-
Turn off delay time
TD(OFF)
-95
-
Fall time
TF
-50
-
CONTROL SECTION
Initial frequency
FOSC
VFB = 3V
60
66
72
kHz
Voltage stability
FSTABLE
13V
≤ Vcc ≤ 18V
0
1
3
%
Temperature stability (2)
∆FOSC
-25
°C ≤ Ta ≤ 85°C0
±5±10
%
Maximum duty cycle
DMAX
-75
80
85
%
Minimum duty cycle
DMIN
--
-
0
%
Start threshold voltage
VSTART
VFB=GND
11
12
13
V
Stop threshold voltage
VSTOP
VFB=GND
78
9V
Feedback source current
IFB
VFB=GND
0.7
0.9
1.1
mA
Soft-start time
TS
Vfb=3
-
10
15
ms
Leading Edge Blanking time
TLEB
-
-
250
-
ns
BURST MODE SECTION
Burst Mode Voltages (2)
VBURH
Vcc=14V
-
0.7
-
V
VBURL
Vcc=14V
-
0.5
-
V
PROTECTION SECTION
Peak current limit (4)
IOVER
VFB=5V, VCC=14V
2.0
2.25
2.5
A
Over voltage protection
VOVP
-18
19
20
V
Abnormal Over current protection
current (3)
IAOCP
-
4.99
5.54
6.09
A
Thermal shutdown temperature (2)
TSD
130
145
160
°C
Shutdown feedback voltage
VSD
VFB
≥ 5.5V
5.5
6.0
6.5
V


Similar Part No. - FSDM07652R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSDM07652R FAIRCHILD-FSDM07652R Datasheet
273Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM07652R FAIRCHILD-FSDM07652R Datasheet
273Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM07652RB FAIRCHILD-FSDM07652RB Datasheet
258Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM07652RB FAIRCHILD-FSDM07652RB Datasheet
470Kb / 20P
   Green Mode Fairchild Power Switch (FPSTM)
FSDM07652RBWDTU FAIRCHILD-FSDM07652RBWDTU Datasheet
258Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
More results

Similar Description - FSDM07652R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSDM101 FAIRCHILD-FSDM101 Datasheet
542Kb / 14P
   Green Mode Fairchild Power Switch (FPSTM)
FSDL0365RN FAIRCHILD-FSDL0365RN_05 Datasheet
938Kb / 20P
   Green Mode Fairchild Power Switch (FPSTM)
FSDM0565RB FAIRCHILD-FSDM0565RB_06 Datasheet
470Kb / 20P
   Green Mode Fairchild Power Switch (FPSTM)
FSDM311 FAIRCHILD-FSDM311 Datasheet
721Kb / 16P
   Green Mode Fairchild Power Switch (FPSTM)
FSDH0170RNB FAIRCHILD-FSDH0170RNB Datasheet
598Kb / 19P
   Green Mode Fairchild Power Switch (FPSTM)
FSDL0165RN FAIRCHILD-FSDL0165RN Datasheet
479Kb / 20P
   Green Mode Fairchild Power Switch (FPSTM)
FSDM0365RN FAIRCHILD-FSDM0365RN Datasheet
935Kb / 22P
   Green Mode Fairchild Power Switch (FPSTM)
FSD210 FAIRCHILD-FSD210 Datasheet
391Kb / 18P
   Green Mode Fairchild Power Switch (FPSTM)
FSDH0265RN FAIRCHILD-FSDH0265RN_05 Datasheet
938Kb / 20P
   Green Mode Fairchild Power Switch (FPSTM)
FSES0765RG FAIRCHILD-FSES0765RG Datasheet
249Kb / 18P
   Green Mode Fairchild Power Switch (FPS) for Green Mode Fairchild Power Switch (FPSTM) for
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com