Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FJN3303RBU Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FJN3303RBU
Description  Switching Application (Bias Resistor Built In)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FJN3303RBU Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FJN3303RBU Datasheet HTML 1Page - Fairchild Semiconductor FJN3303RBU Datasheet HTML 2Page - Fairchild Semiconductor FJN3303RBU Datasheet HTML 3Page - Fairchild Semiconductor FJN3303RBU Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. A, July 2002
NPN Epitaxial Silicon Transistor
Absolute Maximum Ratings T
a=25°C unless otherwise noted
Electrical Characteristics T
a=25°C unless otherwise noted
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
50
V
VCEO
Collector-Emitter Voltage
50
V
VEBO
Emitter-Base Voltage
10
V
IC
Collector Current
100
mA
PC
Collector Power Dissipation
300
mW
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
-55 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
BVCBO
Collector-Base Breakdown Voltage
IC=10µA, IE=0
50
V
BVCEO
Collector-Emitter Breakdown Voltage
IC=100µA, IB=0
50
V
ICBO
Collector Cut-off Current
VCB=40V, IE=0
0.1
µA
hFE
DC Current Gain
VCE=5V, IC=5mA
56
VCE(sat)
Collector-Emitter Saturation Voltage
IC=10mA, IB=0.5mA
0.3
V
fT
Current Gain Bandwidth Product
VCE=10V, IC=5mA
250
MHz
Cob
Output Capacitance
VCB=10V, IE=0
f=1.0MHz
3.7
pF
VI(off)
Input Off Voltage
VCE=5V, IC=100µA0.5
V
VI(on)
Input On Voltage
VCE=0.3V, IC=5mA
3.0
V
R1
Input Resistor
15
22
29
K
R1/R2
Resistor Ratio
0.9
1
1.1
FJN3303R
Switching Application (Bias Resistor Built In)
• Switching circuit, Inverter, Interface circuit, Driver Circuit
• Built in bias Resistor (R1=22KΩ, R2=22KΩ)
• Complement to FJN4303R
Equivalent Circuit
B
E
C
R1
R2
1. Emitter 2. Collector 3. Base
TO-92
1


Similar Part No. - FJN3303RBU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FJN3303R FAIRCHILD-FJN3303R Datasheet
36Kb / 4P
   NPN Epitaxial Silicon Transistor
FJN3303R FAIRCHILD-FJN3303R Datasheet
161Kb / 5P
   NPN Epitaxial Silicon Transistor with Bias Resistor
FJN3303RTA FAIRCHILD-FJN3303RTA Datasheet
161Kb / 5P
   NPN Epitaxial Silicon Transistor with Bias Resistor
More results

Similar Description - FJN3303RBU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FJV4106RMTF FAIRCHILD-FJV4106RMTF Datasheet
94Kb / 4P
   Switching Application (Bias Resistor Built In)
KSR1004 FAIRCHILD-KSR1004 Datasheet
37Kb / 4P
   Switching Application (Bias Resistor Built In)
KSR2002 FAIRCHILD-KSR2002 Datasheet
38Kb / 4P
   Switching Application (Bias Resistor Built In)
KSR1002 FAIRCHILD-KSR1002 Datasheet
38Kb / 4P
   Switching Application (Bias Resistor Built In)
KSR1010 FAIRCHILD-KSR1010 Datasheet
34Kb / 4P
   Switching Application (Bias Resistor Built In)
FJX3011RTF FAIRCHILD-FJX3011RTF Datasheet
37Kb / 3P
   Switching Application (Bias Resistor Built In)
FJX4004RTF FAIRCHILD-FJX4004RTF Datasheet
47Kb / 4P
   Switching Application (Bias Resistor Built In)
KSR1104 FAIRCHILD-KSR1104 Datasheet
55Kb / 4P
   Switching Application (Bias Resistor Built In)
FJN3304RTA FAIRCHILD-FJN3304RTA Datasheet
71Kb / 4P
   Switching Application (Bias Resistor Built In)
KSR2104 FAIRCHILD-KSR2104 Datasheet
56Kb / 4P
   Switching Application (Bias Resistor Built In)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com