Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS40130DBTRG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS40130DBTRG4
Description  TWO-PHASE, SYNCHRONOUS BUCK CONTROLLER WITH INTEGRATED MOSFET DRIVERS
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40130DBTRG4 Datasheet(HTML) 3 Page - Texas Instruments

  TPS40130DBTRG4 Datasheet HTML 1Page - Texas Instruments TPS40130DBTRG4 Datasheet HTML 2Page - Texas Instruments TPS40130DBTRG4 Datasheet HTML 3Page - Texas Instruments TPS40130DBTRG4 Datasheet HTML 4Page - Texas Instruments TPS40130DBTRG4 Datasheet HTML 5Page - Texas Instruments TPS40130DBTRG4 Datasheet HTML 6Page - Texas Instruments TPS40130DBTRG4 Datasheet HTML 7Page - Texas Instruments TPS40130DBTRG4 Datasheet HTML 8Page - Texas Instruments TPS40130DBTRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATING
RECOMMENDED OPERATING CONDITIONS
TPS40130
SLUS602B – JUNE 2004 – REVISED SEPTEMBER 2005
ORDERING INFORMATION
TA
PACKAGE
PART NUMBER
Plastic TSSOP(DBT)(1)
TPS40130DBT(2)(3)
-40°C to 85°C
Plastic QFN (RHB)
TPS40130RHB
(1)
The DBTpackage is also available taped and reeled. Add an R suffix to the device type (i.e.,
TPS40130DBTR).
(2)
The TPS40130DBTRG4 is a lead (Pb) free product, which means that it is compatible with current
RoHS requirements for all 6 substances, including the requirement that lead not exceed 0.1% by
weight in homogeneous material. In addition, this part has NiPdAu plated copper lead frame and is
rated at MSL level 2 at 260°C according to JEDEC 020C Standards.
(3)
Release date for the TPS40130DBTRG4 TBD.
over operating free-air temperature range unless otherwise noted(1)
TPS40130
UNITS
SW1, SW2
-1 to 44
V
Input voltage range
BOOT1, BOOT2
-0.3 to VSW + 6.0
All other pins
-0.3 to 6.0
Sourcing current
RT
200
µA
TJ
Operating junction temperature range
-40 to 125
°C
Tstg
Storage temperature
-55 to 150
°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
MIN
NOM
MAX
UNIT
VIN
Input voltage
3.0
40
V
TA
Operating free-air temperature
-40
85
°C
3
Submit Documentation Feedback


Similar Part No. - TPS40130DBTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40130DBT TI-TPS40130DBT Datasheet
748Kb / 10P
[Old version datasheet]   TWO-PHASE, SYNCHRONOUS BUCK CONTROLLER WITH INTEGRATED MOSFET DRIVERS
More results

Similar Description - TPS40130DBTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40132 TI-TPS40132 Datasheet
1Mb / 40P
[Old version datasheet]   TWO-PHASE, SYNCHRONOUS BUCK CONTROLLER WITH INTEGRATED MOSFET DRIVERS
TPS40131 TI-TPS40131_15 Datasheet
1Mb / 41P
[Old version datasheet]   TWO-PHASE, SYNCHRONOUS BUCK CONTROLLER WITH INTEGRATED MOSFET DRIVERS
TPS40131 TI-TPS40131 Datasheet
1Mb / 46P
[Old version datasheet]   TWO-PHASE, SYNCHRONOUS BUCK CONTROLLER WITH INTEGRATED MOSFET DRIVERS
TPS40132 TI-TPS40132_15 Datasheet
1Mb / 42P
[Old version datasheet]   TWO-PHASE, SYNCHRONOUS BUCK CONTROLLER WITH INTEGRATED MOSFET DRIVERS
TPS40130 TI-TPS40130 Datasheet
748Kb / 10P
[Old version datasheet]   TWO-PHASE, SYNCHRONOUS BUCK CONTROLLER WITH INTEGRATED MOSFET DRIVERS
logo
Anpec Electronics Corop...
APW7098 ANPEC-APW7098 Datasheet
657Kb / 30P
   Two- Phase Buck PWM Controller with Integrated MOSFET Drivers
APW7088 ANPEC-APW7088 Datasheet
584Kb / 25P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers
APW7098 ANPEC-APW7098_11 Datasheet
655Kb / 30P
   Two- Phase Buck PWM Controller with Integrated MOSFET Drivers
logo
Intersil Corporation
ISL6315 INTERSIL-ISL6315_07 Datasheet
392Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
ISL6315 INTERSIL-ISL6315 Datasheet
519Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com