Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF6644TR1PBF Datasheet(PDF) 7 Page - International Rectifier

Part # IRF6644TR1PBF
Description  Ideal for High Performance Isolated Converter Primary Switch Socket
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6644TR1PBF Datasheet(HTML) 7 Page - International Rectifier

Back Button IRF6644TR1PBF Datasheet HTML 2Page - International Rectifier IRF6644TR1PBF Datasheet HTML 3Page - International Rectifier IRF6644TR1PBF Datasheet HTML 4Page - International Rectifier IRF6644TR1PBF Datasheet HTML 5Page - International Rectifier IRF6644TR1PBF Datasheet HTML 6Page - International Rectifier IRF6644TR1PBF Datasheet HTML 7Page - International Rectifier IRF6644TR1PBF Datasheet HTML 8Page - International Rectifier IRF6644TR1PBF Datasheet HTML 9Page - International Rectifier IRF6644TR1PBF Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
IRF6644PbF
www.irf.com
7
DirectFET
™ Substrate and PCB Layout, MN Outline
(Medium Size Can, N-Designation).
Please see DirectFET application note AN-1035 for all details regarding the assembly of DirectFET.
This includes all recommendations for stencil and substrate designs.
Fig 18.
Diode Reverse Recovery Test Circuit for N-Channel
HEXFET® Power MOSFETs
P.W.
Period
di/dt
Diode Recovery
dv/dt
Ripple
≤ 5%
Body Diode
Forward Drop
Re-Applied
Voltage
Reverse
Recovery
Current
Body Diode Forward
Current
VGS=10V
VDD
ISD
Driver Gate Drive
D.U.T. ISD Waveform
D.U.T. VDS Waveform
Inductor Curent
D =
P.W.
Period
* VGS = 5V for Logic Level Devices
*
Inductor Current
Circuit Layout Considerations
• Low Stray Inductance
• Ground Plane
• Low Leakage Inductance
Current Transformer
• di/dt controlled by RG
• Driver same type as D.U.T.
• ISD controlled by Duty Factor "D"
• D.U.T. - Device Under Test
+
-
+
+
+
-
-
-
ƒ
„
‚
RG
VDD
D.U.T

G = GATE
D = DRAIN
S = SOURCE
D
S
D
D
D
G
S


Similar Part No. - IRF6644TR1PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6644TRPBF IRF-IRF6644TRPBF Datasheet
260Kb / 10P
   DirectFET Power MOSFET
IRF6644TRPBF IRF-IRF6644TRPBF Datasheet
2Mb / 6P
   Benchmark MOSFETs Product Selection Guide
More results

Similar Description - IRF6644TR1PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6646TR1PBF IRF-IRF6646TR1PBF Datasheet
655Kb / 10P
   Ideal for High Performance Isolated Converter Primary Switch Socket
IRF7739L1TRPBF IRF-IRF7739L1TRPBF Datasheet
278Kb / 10P
   Ideal for High Performance Isolated Converter Primary Switch Socket
logo
Infineon Technologies A...
IRF7769L1TRPBF INFINEON-IRF7769L1TRPBF Datasheet
575Kb / 11P
   Ideal for High Performance Isolated Converter Primary Switch Socket
2016-10-14
logo
International Rectifier
IRF7171MTRPBF IRF-IRF7171MTRPBF Datasheet
751Kb / 11P
   Ideal for High Performance Isolated Converter Primary Switch
logo
List of Unclassifed Man...
2B22 ETC1-2B22 Datasheet
32Kb / 1P
   High Performance, Isolated Voltage-to-Current Converter
logo
Intronics Power, Inc.
2B22 INTRONICS-2B22 Datasheet
984Kb / 4P
   High performance, Isolated Voltage-to-current Converter
logo
International Rectifier
IRF6648PBF IRF-IRF6648PBF_15 Datasheet
645Kb / 10P
   Ideal for 24V input Primary Side Forward Converters
logo
TE Connectivity Ltd
16WGA1 TEC-16WGA1 Datasheet
211Kb / 3P
   High Performance, Low Cost Filter Ideal for Appliance Equipment
logo
ALPS ELECTRIC CO.,LTD.
SCTA-B ALPS-SCTA-B Datasheet
1Mb / 1P
   Ideal for RF antennas requiring excellent high-frequency performance
logo
TOKO, Inc
FDSD0518 TOKO-FDSD0518 Datasheet
274Kb / 1P
   Ideal for DC-DC converter applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com