Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BFC2336254 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # BFC2336254
Description  Interference Suppression Film Capacitors MKP Radial Potted Type
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFC2336254 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button BFC2336254 Datasheet HTML 3Page - Vishay Siliconix BFC2336254 Datasheet HTML 4Page - Vishay Siliconix BFC2336254 Datasheet HTML 5Page - Vishay Siliconix BFC2336254 Datasheet HTML 6Page - Vishay Siliconix BFC2336254 Datasheet HTML 7Page - Vishay Siliconix BFC2336254 Datasheet HTML 8Page - Vishay Siliconix BFC2336254 Datasheet HTML 9Page - Vishay Siliconix BFC2336254 Datasheet HTML 10Page - Vishay Siliconix BFC2336254 Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Document Number: 28120
For technical questions, contact: RFI@vishay.com
www.vishay.com
Revision: 08-Oct-08
7
MKP 336 2 X2
Interference Suppression Film Capacitors
MKP Radial Potted Type
Vishay BCcomponents
PITCH: 15.0 mm; C-TOL = ± 5 %
Notes
(1) H = in-tape height; P0 = sprocket hole distance; for detailed specifications refer to “Packaging Information”
(2) Reel diameter = 356 mm is available on request
(3) Weight for short lead product only
PITCH: 22.5 mm; C-TOL = ± 20 %
Notes
(1) H = in-tape height; Po = sprocket hole distance; for detailed specifications refer to “Packaging Information”
(2) Reel diameter = 356 mm is available on request
(3) Weight for short lead product only
C
(µF)
DIMENSIONS
w x h x l
(mm)
MASS
(g) (3)
CATALOG NUMBER BFC2 336 ..... AND PACKAGING
LOOSE IN BOX
REEL
(500 mm) (1) (2)
SHORT LEADS
LONG LEADS
H = 18.5 mm
P0 = 12.7 mm
lt = 3.5 ± 0.3 mm
lt = 5.0 ± 1.0 mm
SPQ
lt = 25.0 ± 2.0 mm SPQ
SPQ
Pitch = 15 ± 0.4 mm; dt = 0.60 ± 0.06 mm
0.01
5.0 x 11.0 x 17.5
0.98
29003
-
1000
29067
1000
29006
1100
0.012
29008
-
29069
29061
0.015
29013
-
29073
29016
0.018
29018
-
29075
29062
0.022
29023
-
29078
29026
0.027
29028
-
29081
29063
0.033
29033
-
29084
29036
0.039
22393
-
28393
25393
0.047
22473
-
28473
25473
0.056
22563
-
28563
25563
0.068
22683
-
28683
25683
900
0.082
22823
-
28823
25823
0.1
22104
-
28104
500
25104
800
0.12
6.0 x 12.0 x 17.5
1.4
22124
-
28124
25124
650
0.15
22154
-
28154
25154
Pitch = 15 ± 0.4 mm; dt = 0.80 ± 0.08 mm
0.18
7.0 x 13.5 x 17.5
1.8
22184
-
500
28184
500
25184
600
C
(µF)
DIMENSIONS
w x h x l
(mm)
MASS
(g) (3)
CATALOG NUMBER BFC2 336 ..... AND PACKAGING
LOOSE IN BOX
REEL
(500 mm) (1) (2)
SHORT LEADS
LONG LEADS
H = 18.5 mm
P0 = 12.7 mm
lt = 3.5 ± 0.3 mm
lt = 5.0 ± 1.0 mm
SPQ
lt = 25.0 ± 2.0 mm SPQ
SPQ
Pitch = 22.5 ± 0.4 mm; dt = 0.80 ± 0.08 mm
0.15
6.0 x 15.5 x 26.0
2.4
29041
29277
300
29087
500
29044
600
0.22
29051
29278
29093
29053
550
0.33
20334
29147
26334
23334
450
0.47
7.0 x 16.5 x 26.0
2.9
20474
29148
200
26474
500
23474
400


Similar Part No. - BFC2336254

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFC233620102 VISHAY-BFC233620102 Datasheet
185Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 18-Dec-12
BFC233620103 VISHAY-BFC233620103 Datasheet
185Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 18-Dec-12
BFC233620104 VISHAY-BFC233620104 Datasheet
185Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 18-Dec-12
BFC233620105 VISHAY-BFC233620105 Datasheet
185Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 18-Dec-12
BFC233620152 VISHAY-BFC233620152 Datasheet
185Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 18-Dec-12
More results

Similar Description - BFC2336254

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP339X2 VISHAY-MKP339X2 Datasheet
191Kb / 18P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233610224 VISHAY-BFC233610224 Datasheet
148Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 06-Aug-12
MKP3384X2 VISHAY-MKP3384X2 Datasheet
464Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 01-Aug-07
BFC233820224 VISHAY-BFC233820224 Datasheet
225Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 16-Jul-09
MKP3382X2 VISHAY-MKP3382X2 Datasheet
293Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
MKP3381X1 VISHAY-MKP3381X1 Datasheet
132Kb / 5P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 07-Oct-03
BFC233922105 VISHAY-BFC233922105 Datasheet
194Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233620104 VISHAY-BFC233620104 Datasheet
185Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 18-Dec-12
F17102101000 VISHAY-F17102101000 Datasheet
136Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 12-Jun-13
BFC233820683 VISHAY-BFC233820683 Datasheet
225Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 04-Jul-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com