Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BFC2336224 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # BFC2336224
Description  Interference Suppression Film Capacitors MKP Radial Potted Type
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFC2336224 Datasheet(HTML) 4 Page - Vishay Siliconix

  BFC2336224 Datasheet HTML 1Page - Vishay Siliconix BFC2336224 Datasheet HTML 2Page - Vishay Siliconix BFC2336224 Datasheet HTML 3Page - Vishay Siliconix BFC2336224 Datasheet HTML 4Page - Vishay Siliconix BFC2336224 Datasheet HTML 5Page - Vishay Siliconix BFC2336224 Datasheet HTML 6Page - Vishay Siliconix BFC2336224 Datasheet HTML 7Page - Vishay Siliconix BFC2336224 Datasheet HTML 8Page - Vishay Siliconix BFC2336224 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
www.vishay.com
For technical questions, contact: RFI@vishay.com
Document Number: 28120
4
Revision: 08-Oct-08
MKP 336 2 X2
Vishay BCcomponents
Interference Suppression Film Capacitors
MKP Radial Potted Type
PITCH: 10.0 mm; C-TOL = ± 10 %
Notes
(1) H = in-tape height; P0 = sprocket hole distance; for detailed specifications refer to “Packaging Information”
(2) Reel diameter = 356 mm is available on request
(3) Weight for short lead product only
C
(µF)
DIMENSIONS
w x h x l
(mm)
MASS
(g) (3)
CATALOG NUMBER BFC2 336 ..... AND PACKAGING
LOOSE IN BOX
REEL
(500 mm) (1) (2)
SHORT LEADS
LONG LEADS
H = 18.5 mm
P0 = 12.7 mm
lt = 3.5 + 1/-0.5 mm
lt = 5.0 ± 1.0 mm
SPQ lt = 25.0 ± 2.0 mm SPQ
SPQ
0.001
4.0 x 10.0 x 12.5
0.6
21102
29154
1000
27102
1250
24102
1400
0.0012
21122
-
27122
24122
0.0015
21152
29155
27152
24152
0.0018
21182
-
27182
24182
0.0022
21222
29156
27222
24222
0.0027
21272
-
27272
1000
24272
1100
0.0033
21332
29157
27332
24332
0.0039
21392
-
27392
24392
0.0047
21472
29158
27472
24472
0.0056
21562
-
27562
24562
0.0068
21682
29159
27682
24682
0.0082
21822
-
27822
24822
0.01
21103
29161
27103
24103
0.012
21123
-
27123
24123
0.015
21153
29162
27153
24153
0.018
21183
-
27183
24183
0.022
21223
29163
27223
24223
0.027
21273
-
750
27273
750
24273
900
0.033
21333
29164
27333
24333


Similar Part No. - BFC2336224

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFC233620102 VISHAY-BFC233620102 Datasheet
185Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 18-Dec-12
BFC233620103 VISHAY-BFC233620103 Datasheet
185Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 18-Dec-12
BFC233620104 VISHAY-BFC233620104 Datasheet
185Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 18-Dec-12
BFC233620105 VISHAY-BFC233620105 Datasheet
185Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 18-Dec-12
BFC233620152 VISHAY-BFC233620152 Datasheet
185Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 18-Dec-12
More results

Similar Description - BFC2336224

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP339X2 VISHAY-MKP339X2 Datasheet
191Kb / 18P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233610224 VISHAY-BFC233610224 Datasheet
148Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 06-Aug-12
MKP3384X2 VISHAY-MKP3384X2 Datasheet
464Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 01-Aug-07
BFC233820224 VISHAY-BFC233820224 Datasheet
225Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 16-Jul-09
MKP3382X2 VISHAY-MKP3382X2 Datasheet
293Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
MKP3381X1 VISHAY-MKP3381X1 Datasheet
132Kb / 5P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 07-Oct-03
BFC233922105 VISHAY-BFC233922105 Datasheet
194Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233620104 VISHAY-BFC233620104 Datasheet
185Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 18-Dec-12
F17102101000 VISHAY-F17102101000 Datasheet
136Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 12-Jun-13
BFC233820683 VISHAY-BFC233820683 Datasheet
225Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 04-Jul-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com