Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6215B182MR Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC6215B182MR
Description  0.8關A Low Power Consumption Voltage Regulator with ON/OFF Switch
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6215B182MR Datasheet(HTML) 4 Page - Torex Semiconductor

  XC6215B182MR Datasheet HTML 1Page - Torex Semiconductor XC6215B182MR Datasheet HTML 2Page - Torex Semiconductor XC6215B182MR Datasheet HTML 3Page - Torex Semiconductor XC6215B182MR Datasheet HTML 4Page - Torex Semiconductor XC6215B182MR Datasheet HTML 5Page - Torex Semiconductor XC6215B182MR Datasheet HTML 6Page - Torex Semiconductor XC6215B182MR Datasheet HTML 7Page - Torex Semiconductor XC6215B182MR Datasheet HTML 8Page - Torex Semiconductor XC6215B182MR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
4/36
XC6215 Series
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT.
CIRCUIT
Output Voltage (*2)
VOUT(E)
VIN=VCE=VOUT(T) (*1) + 1.0V,
IOUT=1mA
E-0(*6)
V
VIN=VCE=VOUT(T) + 1.0V
VOUT(T)=0.9V
50
70
-
VIN=VCE=VOUT(T) + 1.0V
VOUT(T)=1.0V ~ 1.1V
60
80
-
VIN=VCE=VOUT(T) + 1.0V V
VOUT(T)=1.2V ~ 1.3V
80
110
-
VIN=VCE=VOUT(T) + 1.0V
VOUT(T)=1.4V ~ 1.6V
100
140
-
VIN=VCE=VOUT(T) + 1.0V
VOUT(T)=1.7V ~ 2.2V
120
150
-
VIN=VCE=VOUT(T) + 1.0V
VOUT(T)=2.3V ~ 2.9V
150
195
-
Maximum Output Current
IOUTMAX
VIN=VCE=VOUT(T) + 1.0V
VOUT(T)≧3.0V
200
300
-
mA
VIN=VCE=VOUT(T) + 1.0V
VOUT(T)=0.9V
1mA≦IOUT≦50mA
VIN=VCE=VOUT(T) + 1.0V
VOUT(T)= 1.0V ~ 1.1V
1mA≦IOUT≦60mA
VIN=VCE=VOUT(T) + 1.0V
VOUT(T)=1.2V~1.3V
1mA≦IOUT≦80mA
Load Regulation
VOUT
VIN=VCE=VOUT(T) + 1.0V
VOUT(T)≧1.4V
1mA≦IOUT≦100mA
-
15
70
mV
1
VCE=VIN, VOUT(T)=0.9V
IOUT=50mA
VCE=VIN, VOUT(T)=1.0V ~ 1.1V
IOUT=60mA
VCE=VIN, VOUT(T)=1.2V ~ 1.3V
IOUT=80mA
Dropout Voltage (*3)
Vdif
VCE=VIN, VOUT(T)≧1.4V
IOUT=100mA
E-1(*6)
mV
1
VIN=VCE=VOUT(T) + 1.0V
VOUT(T)≦3.9V
-
0.8
1.5
Supply Current
IDD
VIN=VCE=VOUT(T) + 1.0V
VOUT(T)≧4.0V
-
1.0
1.8
μ
A
2
Stand-by Current
Istby
VIN=VOUT(T) + 1.0V,
VCE=VSS
-
0.01
0.10
μ
A
2
XC6215B Series
ELECTRICAL CHARACTERISTICS
Ta = 25℃


Similar Part No. - XC6215B182MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6215B182MR TOREX-XC6215B182MR Datasheet
674Kb / 36P
   0.8關A Low Power Consumption Voltage Regulator with ON/OFF Switch
More results

Similar Description - XC6215B182MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6215B252NR TOREX-XC6215B252NR Datasheet
674Kb / 36P
   0.8關A Low Power Consumption Voltage Regulator with ON/OFF Switch
XC6215 TOREX-XC6215_1 Datasheet
541Kb / 32P
   0.8關A Low Power Consumption Voltage Regulator with ON/OFF Switch
XC6215 TOREX-XC6215 Datasheet
624Kb / 31P
   0.8uA Low Power Consumption Voltage Regulator with ON/OFF Switch
logo
TOKO, Inc
TK111XXM TOKO-TK111XXM Datasheet
85Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXA TOKO-TK112XXA Datasheet
382Kb / 34P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK113XXBM TOKO-TK113XXBM Datasheet
123Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXCM TOKO-TK112XXCM Datasheet
181Kb / 22P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK114XX TOKO-TK114XX Datasheet
225Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK115XX TOKO-TK115XX Datasheet
253Kb / 26P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK111XXS TOKO-TK111XXS Datasheet
84Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com