Electronic Components Datasheet Search |
|
BFC2336222 Datasheet(PDF) 1 Page - Vishay Siliconix |
|
BFC2336222 Datasheet(HTML) 1 Page - Vishay Siliconix |
1 / 17 page Document Number: 28120 For technical questions, contact: RFI@vishay.com www.vishay.com Revision: 08-Oct-08 1 Interference Suppression Film Capacitors MKP Radial Potted Type MKP 336 2 X2 Vishay BCcomponents Dimensions in mm APPLICATIONS For standard across the line X2 applications See also application note: www.vishay.com/docs/28153/anaccaps.pdf REFERENCE STANDARDS “IEC 60384-14 ed 3 and EN 60384-14” “IEC 60065, pass. flamm. class B” CSA-C22.2 No 1; UL1414 ENEC; CQC UL1283; CSA E384-14 MARKING C-value; tolerance; rated voltage; sub-class; manufacturer’s type designation; code for dielectric material; manufacturer location; manufacturer’s logo; year and week; safety approvals. DIELECTRIC Polypropylene film ELECTRODES Metallized film FEATURES 10 to 27.5 mm lead pitch. Supplied loose in box, taped on reel RoHS compliant product CONSTRUCTION Mono construction RATED VOLTAGE AC 310 V; 50 to 60 Hz PERMISSIBLE DC VOLTAGE DC 630 V ENCAPSULATION Plastic case, epoxy resin sealed, flame retardant UL-class 94 V-0 CLIMATIC TESTING CLASS ACC. TO IEC 60068-1 55/110/56/B CAPACITANCE RANGE (E12 SERIES) E12 series 0.001 to 2.2 µF Preferred values acc. to E6 CAPACITANCE TOLERANCE ± 20 %; ± 10 %; ± 5 % LEADS Tinned wire MAXIMUM APPLICATION TEMPERATURE C ≤ 470 nF: 110 °C (125 °C for less than 1000 h) C > 470 nF: 110 °C DETAIL SPECIFICATION For more detailed data and test requirements, contact: RFI@vishay.com 168x12(halfpage) 168x12(halfpage) h lt l w P ± 0.4 Ø dt e3 RoHS COMPLIANT |
Similar Part No. - BFC2336222 |
|
Similar Description - BFC2336222 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |