Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM3027SDSWS8 Datasheet(PDF) 5 Page - EM Microelectronic - MARIN SA

Part # EM3027SDSWS8
Description  Real Time Clock with I2C or SPI, Crystal Temperature Compensation, Battery Switchover and Trickle Charger
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM3027SDSWS8 Datasheet(HTML) 5 Page - EM Microelectronic - MARIN SA

  EM3027SDSWS8 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM3027SDSWS8 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM3027SDSWS8 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM3027SDSWS8 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM3027SDSWS8 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM3027SDSWS8 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM3027SDSWS8 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM3027SDSWS8 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM3027SDSWS8 Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
EM3027
Copyright
 2013, EM Microelectronic-Marin SA
3027-DS.doc, Version 8.0, 25-Jan-13
5
www.emmicroelectronic.com
Parameter
Symbol
Test Conditions
VCC
Temp. °C
Min
Typ
Max
Unit
Dynamic current
SPI Interface
IDD
SCK = 200 kHz
(See Note 2)
1.4
-40 to 125
18
µA
SCK = 1 MHz
(See Note 2)
3.3
-40 to 125
55
SCK = 1 MHz
(See Note 2)
5.0
-40 to 125
75
Low supply detection
level1
Vlow1
Relative to VCC
-40 to 125
1.8
2.1
V
Low supply detection
level2
Vlow2
Relative to VCC
-40 to 125
1.0
1.4
V
Switchover hysteresis
Vhyst
VCC with respect to VBack =
3.0V
-40 to 125
20
mV
Input Parameters
Low level input voltage
VIL
CS, CLKOE, SI, SCL/SCK,
SDA
1.4 to 5.0
-40 to 125
0.2VCC
V
High level input voltage
VIH
-40 to 125
0.8VCC
Input Leakage
IIN
0.0 < VIN < VCC
1.4 to 5.0
-40 to 125
-1.5
1.5
µA
Output Parameters
Low level output voltage
VOL
IOL = 0.4 mA
1.4
-40 to 125
0.2
V
High level output
voltage
VOH
IOH = 0.1 mA
1.0
Low level output voltage
VOL
IOL = 1.5 mA
3.3
-40 to 125
0.25
V
High level output
voltage
VOH
IOH = 1.5 mA
2.7
Low level output voltage
VOL
IOL = 5.0 mA
5.0
-40 to 125
0.8
V
High level output
voltage
VOH
IOH = 2.0 mA
4.5
Output HiZ leakage on
INT
ILEAK_OUT
INT not active
1.4 to 5.0
-40 to 125
-1.5
1.5
µA
Oscillator
Start-up voltage
VSTA
TSTA < 10s
-40 to 125
1.2
V
Start-up time
TSTA
5.0
-40 to 125
1
3
s
Frequency stability over
voltage
f/(f V)
1.8V ≤ VCC ≤ 5.5V, TA =
+25°C
25
0.5
2
ppm/
V
Input capacitance on X1
CIN
TA = +25°C, f = 32.768kHz,
Vmeas = 0.3V (Note 3)
25
16.5
pF
Output capacitance
on X2
COUT
TA = +25°C, f = 32.768kHz,
Vmeas = 0.3V (Note 3)
25
15.0
Trickle Charger
Current limiting
Resistors
R80k
VCC =5.0V, VBack=3.0V
25
80
R20k
VCC =5.0V, VBack=3.0V
25
20
R5k
VCC =5.0V, VBack=3.0V
25
5.0
R1.5k
VCC =5.0V, VBack=3.0V
25
1.5
Thermometer
Precision
TE
Vlow1 < VCC ≤ 5.5V
40
+/- 1
+/- 2
°C
-40 to 125
+/- 4
+/- 10
Table 7
The following parameters are tested during production test: IDD, Vlow1, Vlow2, VIL, VIH, VOL, VOH, IIN, ILEAK_OUT
The parameters ICC, Vhyst, VSTA, TSTA, CIN, COUT, f/(f*V), TE are characterised during the qualification of the IC.
Notes:
1. SDA = VSS, continuous clock applied at SCL (VIL_SCL < 0.05V, VIH_SCL > 0.95VCC)
2. CS, SI = VCC, continuous clock applied at SCK, SO not connected. (VIL_SCK < 0.05VCC, VIH_SCK > 0.95VCC)
Note that there is a 100k
Ω pull-down resistor on CS.
3. Vmeas : Peak to peak amplitude during capacitance measurement
4. Below 0°C, a negative slope on Vcc will stop the oscillator during a time which may be as long as 1 second. This is not
dependent on slope and occurs with a slew rate as low as 2V/sec.
5. Some chip versions do not support “Trickle Charger” and “Switchover” features.


Similar Part No. - EM3027SDSWS8

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM3027SDSTP14A EMMICRO-EM3027SDSTP14A Datasheet
593Kb / 28P
   Real Time Clock with I2C or SPI, Crystal Temperature Compensation, Battery Switchover and Trickle Charger
EM3027SDSTP14B EMMICRO-EM3027SDSTP14B Datasheet
593Kb / 28P
   Real Time Clock with I2C or SPI, Crystal Temperature Compensation, Battery Switchover and Trickle Charger
More results

Similar Description - EM3027SDSWS8

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM3027 EMMICRO-EM3027 Datasheet
593Kb / 28P
   Real Time Clock with I2C or SPI, Crystal Temperature Compensation, Battery Switchover and Trickle Charger
logo
Micro Analog systems
MCP7952X MAS-MCP7952X Datasheet
946Kb / 50P
   3V SPI Real-Time Clock Calendar with Battery Switchover
logo
STMicroelectronics
M41T93 STMICROELECTRONICS-M41T93_11 Datasheet
787Kb / 51P
   Serial SPI bus real-time clock with battery switchover
logo
EM Microelectronic - MA...
EM3027-13 EMMICRO-EM3027-13 Datasheet
1Mb / 28P
   Battery Switchover and Trickle Charger
logo
Microchip Technology
MCP79510-IMS MICROCHIP-MCP79510-IMS Datasheet
946Kb / 50P
   3V SPI Real-Time Clock Calendar with Battery Switchover
11/29/11
logo
STMicroelectronics
M41T83 STMICROELECTRONICS-M41T83_12 Datasheet
1,001Kb / 62P
   Serial I2C bus real-time clock (RTC) with battery switchover
logo
Microchip Technology
MCP7940N MICROCHIP-MCP7940N Datasheet
562Kb / 36P
   Low-Cost I2C??Real-Time Clock/Calendar with SRAM and Battery Switchover
2011
MCP7940N MICROCHIP-MCP7940N_13 Datasheet
1Mb / 42P
   Low-Cost I2C??Real-Time Clock/Calendar with SRAM and Battery Switchover
11/29/12
MCP795W1X MICROCHIP-MCP795W1X_12 Datasheet
1Mb / 54P
   3V SPI Real-Time Clock Calendar with Enhanced Features and Battery Switchover
2011-2012 11/29/11
MCP79400 MICROCHIP-MCP79400 Datasheet
574Kb / 38P
   I2C??Real-Time Clock/Calendar with SRAM, Unique ID and Battery Switchover
2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com