Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA117SM Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # INA117SM
Description  High Common-Mode Voltage DIFFERENCE AMPLIFIER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA117SM Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA117SM Datasheet HTML 6Page - Texas Instruments INA117SM Datasheet HTML 7Page - Texas Instruments INA117SM Datasheet HTML 8Page - Texas Instruments INA117SM Datasheet HTML 9Page - Texas Instruments INA117SM Datasheet HTML 10Page - Texas Instruments INA117SM Datasheet HTML 11Page - Texas Instruments INA117SM Datasheet HTML 12Page - Texas Instruments INA117SM Datasheet HTML 13Page - Texas Instruments INA117SM Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
INA117
SBOS154A
10
Figure 8 shows very high input impedance buffer used to
measure low leakage currents. Here, the buffer op amp is
powered with an isolated, split-voltage power supply. Using
an isolated power supply allows full
±200V common-mode
input range.
NOISE PERFORMANCE
The noise performance of the INA117 is dominated by the
internal resistor network. The thermal or Johnson noise of
these resistors produces approximately 550nV/
√Hz noise.
The internal op amp contributes virtually no excess noise at
frequencies above 100Hz.
Many applications may be satisfied with less than the full
200kHz bandwidth of the INA117. In these cases, the noise
can be reduced with a low-pass filter on the output. The two-
pole filter shown in Figure 9 limits bandwidth to 1kHz and
reduces noise by more than 15:1. Since the INA117 has a
1/f noise corner frequency of approximately 100Hz, a cutoff
frequency below 100Hz will not further reduce noise.
380k
380k
380k
21.1k
20k
2
3
81
5
e
O = IL
x 109
6
OPA111
INA117
D
1,2*
1k
100k
9k
Device
Under
Test
100M
±200V max
I
L
(1V/nA)
+15V
+15V
Com
–15V
PWS725
Isolated DC/DC Converter
*D
1 and D2 are each a 2N3904 transistor
base-collector junction (emitter open).
FIGURE 9. Output Filter for Noise Reduction.
BUTTERWORTH
LOW-PASS
OUTPUT NOISE
f–3dB
(mVp-p)
R1
R2
C1
C2
200kHz
1.8
No Filter
100kHz
1.1
11k
11.3k
100pF
200pF
10kHz
0.35
11k
11.3k
1nF
2nF
1kHz
0.11
11k
11.3k
10nF
20nF
≤100Hz(1)
0.05
11k
11.3k
0.1
µF
0.2
µF
NOTE: (1) Since the INA117 has a 1/f noise corner frequency of approximately 100Hz,
bandwidth reduction below this frequency will not significantly reduce noise.
380k
380k
380k
20k
21.1k
47
2
3
81
5
V
O = V2 – V3
6
V–
V+
V
3
V
2
R
2
11.3k
C
2
0.02µF
OPA27
2-Pole Butterworth
Low-Pass Filter
C
1
0.01µF
R
1
11.0k
See Application Bulletin AB-017 for other filters.
FIGURE 8. Leakage Current Measurement Circuit.


Similar Part No. - INA117SM

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA117SM BURR-BROWN-INA117SM Datasheet
192Kb / 14P
   High Common-Mode Voltage DIFFERENCE AMPLIFIER
More results

Similar Description - INA117SM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD629 AD-AD629 Datasheet
302Kb / 12P
   High Common-Mode Voltage Difference Amplifier
REV. A
logo
Burr-Brown (TI)
INA117 BURR-BROWN-INA117 Datasheet
192Kb / 14P
   High Common-Mode Voltage DIFFERENCE AMPLIFIER
logo
Analog Devices
AD629 AD-AD629_15 Datasheet
410Kb / 16P
   High Common-Mode Voltage, Difference Amplifier
REV. C
AD629 AD-AD629_07 Datasheet
540Kb / 16P
   High Common-Mode Voltage, Difference Amplifier
Rev. B
logo
Texas Instruments
INA149 TI-INA149 Datasheet
1Mb / 24P
[Old version datasheet]   High Common-Mode Voltage Difference Amplifier
INA149-EP TI1-INA149-EP Datasheet
1Mb / 26P
[Old version datasheet]   HIGH COMMON-MODE VOLTAGE DIFFERENCE AMPLIFIER
logo
Analog Devices
LT6376 AD-LT6376 Datasheet
613Kb / 30P
   Common Mode Voltage Difference Amplifier
logo
Burr-Brown (TI)
INA148 BURR-BROWN-INA148 Datasheet
123Kb / 12P
   짹200V Common-Mode Voltage DIFFERENCE AMPLIFIER
logo
Linear Technology
LT6375 LINER-LT6375 Datasheet
1Mb / 32P
   270V Common Mode Voltage Difference Amplifier
logo
Texas Instruments
INA148 TI1-INA148 Datasheet
326Kb / 16P
[Old version datasheet]   200V Common-Mode Voltage DIFFERENCE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com