Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM4104PFBT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # PCM4104PFBT
Description  High-Performance, 24-Bit,216kHz Sampling
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM4104PFBT Datasheet(HTML) 2 Page - Texas Instruments

  PCM4104PFBT Datasheet HTML 1Page - Texas Instruments PCM4104PFBT Datasheet HTML 2Page - Texas Instruments PCM4104PFBT Datasheet HTML 3Page - Texas Instruments PCM4104PFBT Datasheet HTML 4Page - Texas Instruments PCM4104PFBT Datasheet HTML 5Page - Texas Instruments PCM4104PFBT Datasheet HTML 6Page - Texas Instruments PCM4104PFBT Datasheet HTML 7Page - Texas Instruments PCM4104PFBT Datasheet HTML 8Page - Texas Instruments PCM4104PFBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
PCM4104
SBAS291C − AUGUST 2003 − REVISED DECEMBER 2004
www.ti.com
2
ORDERING INFORMATION(1)
PRODUCT
PACKAGE−LEAD
PACKAGE
DESIGNATOR
SPECIFIED
TEMPERATURE
RANGE
PACKAGE
MARKING
ORDERING
NUMBER
TRANSPORT
MEDIA, QUANTITY
PCM4104
TQFP-48
PFB
−10
°C to +70°C
PCM4104PFB
PCM4104PFBT
Tape and Reel, 250
PCM4104
TQFP-48
PFB
−10
°C to +70°C
PCM4104PFB
PCM4104PFBR
Tape and Reel, 2000
(1) For the most current package and ordering information, see the Package Option Addendum located at the end of this data sheet, or refer to
our web site at www.ti.com.
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate
precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to
damage because very small parametric changes could cause the device not to meet its published specifications.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1)
PCM4104
UNIT
Supply voltage
VCC
+6.0
V
Supply voltage
VDD
+3.6
V
Ground voltage difference
Any AGND-to-AGND and AGND-to-DGND
±0.1
V
Digital input voltage
FS0, FS1, FMT0, FMT1, FMT2, CDOUT,
CDIN, CCLK, CS, DATA0, DATA1, BCK,
LRCK, SCKI, SUB, DEM0, DEM1, MUTE,
RST, MODE
−0.3 to (VDD + 0.3)
V
Input current (any pin except supplies)
±10
mA
Operating temperature range
−10 to +70
°C
Storage temperature range, TSTG
−65 to +150
°C
(1) Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. Exposure to absolute maximum
conditions for extended periods may degrade device reliability. These are stress ratings only, and functional operation of the device at these or
any other conditions beyond those specified is not implied.


Similar Part No. - PCM4104PFBT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM4104PFBT BURR-BROWN-PCM4104PFBT Datasheet
486Kb / 36P
   High-Performance, 24-Bit, 216kHz sampling, Four-channel Audio Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com