Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q48SE12033PTFH Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part # Q48SE12033PTFH
Description  Delphi Series Q48SE, Quarter Brick Family DC/DC Power Modules
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

Q48SE12033PTFH Datasheet(HTML) 3 Page - Delta Electronics, Inc.

  Q48SE12033PTFH Datasheet HTML 1Page - Delta Electronics, Inc. Q48SE12033PTFH Datasheet HTML 2Page - Delta Electronics, Inc. Q48SE12033PTFH Datasheet HTML 3Page - Delta Electronics, Inc. Q48SE12033PTFH Datasheet HTML 4Page - Delta Electronics, Inc. Q48SE12033PTFH Datasheet HTML 5Page - Delta Electronics, Inc. Q48SE12033PTFH Datasheet HTML 6Page - Delta Electronics, Inc. Q48SE12033PTFH Datasheet HTML 7Page - Delta Electronics, Inc. Q48SE12033PTFH Datasheet HTML 8Page - Delta Electronics, Inc. Q48SE12033PTFH Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
DS_Q48SE12033_06242013
E-mail: DCDC@delta.com.tw
http://www.deltaww.com/dcdc
P3
ELECTRICAL CHARACTERISTICS CURVES
Figure 1: Efficiency vs. load current for minimum, nominal, and
maximum input voltage at 85°C.
Figure 2: Power dissipation vs. load current for minimum,
nominal, and maximum input voltage at 85°C.
Figure 3: Typical full load input characteristics at room
temperature.
4
5
6
7
8
9
10
11
12
30
35
40
45
50
55
60
65
70
75
INPUT VOLTAGE (V)


Similar Part No. - Q48SE12033PTFH

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
Q48SE12018NCFA DELTA-Q48SE12018NCFA Datasheet
603Kb / 14P
   Delphi Series Q48SE, Quarter Brick Family DC/DC Power Modules 38~75V in, 11.8V/18A out, 216W
Q48SE12018NCFH DELTA-Q48SE12018NCFH Datasheet
603Kb / 14P
   Delphi Series Q48SE, Quarter Brick Family DC/DC Power Modules 38~75V in, 11.8V/18A out, 216W
Q48SE12018NCFN DELTA-Q48SE12018NCFN Datasheet
603Kb / 14P
   Delphi Series Q48SE, Quarter Brick Family DC/DC Power Modules 38~75V in, 11.8V/18A out, 216W
Q48SE12018NKFA DELTA-Q48SE12018NKFA Datasheet
603Kb / 14P
   Delphi Series Q48SE, Quarter Brick Family DC/DC Power Modules 38~75V in, 11.8V/18A out, 216W
Q48SE12018NKFH DELTA-Q48SE12018NKFH Datasheet
603Kb / 14P
   Delphi Series Q48SE, Quarter Brick Family DC/DC Power Modules 38~75V in, 11.8V/18A out, 216W
More results

Similar Description - Q48SE12033PTFH

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
Q48SQ12018NRFH DELTA-Q48SQ12018NRFH Datasheet
729Kb / 13P
   Delphi Series Q48SQ, Quarter Brick Family DC/DC Power Modules
Q48SQ12025NRFH DELTA-Q48SQ12025NRFH Datasheet
716Kb / 13P
   Delphi Series Q48SQ, Quarter Brick Family DC/DC Power Modules:
Q48SA52001NNFA DELTA-Q48SA52001NNFA_14 Datasheet
372Kb / 13P
   Delphi Series Q48SA, 60W Quarter Brick Family DC/DC Power Modules
Q48SA54001NNFH DELTA-Q48SA54001NNFH_14 Datasheet
507Kb / 14P
   Delphi Series Q48SA, 80W Quarter Brick Family DC/DC Power Modules
Q48SE12018NRFA DELTA-Q48SE12018NRFA Datasheet
603Kb / 14P
   Delphi Series Q48SE, Quarter Brick Family DC/DC Power Modules 38~75V in, 11.8V/18A out, 216W
Q48SE12025NRFA DELTA-Q48SE12025NRFA Datasheet
680Kb / 14P
   Delphi Series Q48SE, Quarter Brick Family DC/DC Power Modules 38~75V in, 11.8V/25A out, 300W
Q48SG12034NRFA DELTA-Q48SG12034NRFA Datasheet
1Mb / 26P
   Delphi Series Q48SG Quarter Brick Family Full Digital Control DC/DC Power Modules:
Q48SG12034NRFA DELTA-Q48SG12034NRFA_14 Datasheet
849Kb / 27P
   Delphi Series Q48SG Quarter Brick Family Full Digital Control DC/DC Power Modules
Q48SG12042NRFC DELTA-Q48SG12042NRFC Datasheet
885Kb / 25P
   Delphi Series Q48SG Quarter Brick Family Full Digital Control DC/DC Power Modules:
Q48SG12042NRFC DELTA-Q48SG12042NRFC_14 Datasheet
708Kb / 26P
   Delphi Series Q48SG Quarter Brick Family Full Digital Control DC/DC Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com