Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA551 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # OPA551
Description  High-Voltage, High-Current OPERATIONAL AMPLIFIERS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA551 Datasheet(HTML) 4 Page - Texas Instruments

  OPA551 Datasheet HTML 1Page - Texas Instruments OPA551 Datasheet HTML 2Page - Texas Instruments OPA551 Datasheet HTML 3Page - Texas Instruments OPA551 Datasheet HTML 4Page - Texas Instruments OPA551 Datasheet HTML 5Page - Texas Instruments OPA551 Datasheet HTML 6Page - Texas Instruments OPA551 Datasheet HTML 7Page - Texas Instruments OPA551 Datasheet HTML 8Page - Texas Instruments OPA551 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
OPA551, OPA552
4
SBOS100A
www.ti.com
ABSOLUTE MAXIMUM RATINGS(1)
Output Current ................................................................. See SOA Curve
Supply Voltage, V+ to V– ................................................................... 60V
Input Voltage Range ....................................... (V–) – 0.5V to (V+) + 0.5V
Operating Temperature .................................................. –55
°C to +125°C
Storage Temperature ..................................................... –65
°C to +150°C
Junction Temperature .................................................................... +150
°C
Lead Temperature (soldering 10s, DIP-8) ...................................... 300
°C
(soldering 3s, SO-8 and DDPAK) .................... 240
°C
ESD Capability (Human Body Model) ............................................. 3000V
NOTE: (1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods may degrade
device reliability.
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet its
published specifications.
PACKAGE/ORDERING INFORMATION
For the most current package and ordering information, see the Package Ordering Addendum at the end of this data sheet.


Similar Part No. - OPA551

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA551 BURR-BROWN-OPA551 Datasheet
202Kb / 14P
   High-Voltage, High-Current OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA551 TI-OPA551 Datasheet
1Mb / 36P
[Old version datasheet]   High-Voltage (100V), High-Current (50mA) OPERATIONAL AMPLIFIERS, G = 1 Stable
OPA551 TI-OPA551 Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIERS
OPA551 TI-OPA551 Datasheet
1,019Kb / 24P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIERS
OPA551 TI1-OPA551 Datasheet
1Mb / 32P
[Old version datasheet]   High-Voltage, High-Current Operational Amplifiers
More results

Similar Description - OPA551

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA551 TI1-OPA551 Datasheet
1Mb / 32P
[Old version datasheet]   High-Voltage, High-Current Operational Amplifiers
OPA552FAKTWTG3 TI-OPA552FAKTWTG3 Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA551 BURR-BROWN-OPA551 Datasheet
202Kb / 14P
   High-Voltage, High-Current OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA551FAKTWT TI-OPA551FAKTWT Datasheet
1,019Kb / 24P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIERS
OPA551 TI1-OPA551_16 Datasheet
1Mb / 32P
[Old version datasheet]   High-Voltage, High-Current Operational Amplifiers
logo
Burr-Brown (TI)
3572AM BURR-BROWN-3572AM Datasheet
489Kb / 6P
   High Current - High Power OPERATIONAL AMPLIFIERS
logo
Texas Instruments
3580 TI1-3580 Datasheet
2Mb / 6P
[Old version datasheet]   High Voltage OPERATIONAL AMPLIFIERS
THS3110 TI-THS3110 Datasheet
934Kb / 28P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
THS3091 TI1-THS3091 Datasheet
770Kb / 45P
[Old version datasheet]   High-voltage, Low-distortion, Current-feedback Operational Amplifiers
THS3095 TI1-THS3095_14 Datasheet
1Mb / 37P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com