Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q48SQ12018NNFH Datasheet(PDF) 5 Page - Delta Electronics, Inc.

Part # Q48SQ12018NNFH
Description  Delphi Series Q48SQ, Quarter Brick Family DC/DC Power Modules
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

Q48SQ12018NNFH Datasheet(HTML) 5 Page - Delta Electronics, Inc.

  Q48SQ12018NNFH Datasheet HTML 1Page - Delta Electronics, Inc. Q48SQ12018NNFH Datasheet HTML 2Page - Delta Electronics, Inc. Q48SQ12018NNFH Datasheet HTML 3Page - Delta Electronics, Inc. Q48SQ12018NNFH Datasheet HTML 4Page - Delta Electronics, Inc. Q48SQ12018NNFH Datasheet HTML 5Page - Delta Electronics, Inc. Q48SQ12018NNFH Datasheet HTML 6Page - Delta Electronics, Inc. Q48SQ12018NNFH Datasheet HTML 7Page - Delta Electronics, Inc. Q48SQ12018NNFH Datasheet HTML 8Page - Delta Electronics, Inc. Q48SQ12018NNFH Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
DS_Q48SQ12018_08092013
5
ELECTRICAL CHARACTERISTICS CURVES
Figure 8: Output voltage response to step-change in load
current (75%-50% of Io, max; di/dt = 0.1A/µs). Load cap: 100uF
Al-Electrolytic capacitor, 10µF tantalum capacitor and 1µF
ceramic capacitor. Top Trace: Vout; 200mV/div; Bottom Trace:
output current: 5A/div, Time: 200us/div
Figure 9: Output voltage response to step-change in load
current (50%-75% of Io, max; di/dt = 0.1A/µs). Load cap:
100uF Al-Electrolytic capacitor, 10µF tantalum capacitor and
1µF ceramic capacitor. Top Trace: Vout; 200mV/div; Bottom
Trace: output current: 5A/div, Time: 200us/div
Figure 10: Test set-up diagram showing measurement points
for Input Terminal Ripple Current and Input Reflected Ripple
Current.
Note: Measured input reflected-ripple current with a simulated
source Inductance (LTEST) of 12 μH. Capacitor Cs offset
possible battery impedance. Measure current as shown above.
Figure 11: Input Terminal Ripple Current, ic, at full rated output
current and nominal input voltage with 12µH source impedance
and 33µF electrolytic capacitor (200 mA/div2us/div).


Similar Part No. - Q48SQ12018NNFH

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
Q48SQ12018 DELTA-Q48SQ12018 Datasheet
729Kb / 13P
   Hiccup output over voltage protection(OVP)
More results

Similar Description - Q48SQ12018NNFH

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
Q48SQ12025NRFH DELTA-Q48SQ12025NRFH Datasheet
716Kb / 13P
   Delphi Series Q48SQ, Quarter Brick Family DC/DC Power Modules:
Q48SE12033 DELTA-Q48SE12033 Datasheet
592Kb / 14P
   Delphi Series Q48SE, Quarter Brick Family DC/DC Power Modules
Q48SA52001NNFA DELTA-Q48SA52001NNFA_14 Datasheet
372Kb / 13P
   Delphi Series Q48SA, 60W Quarter Brick Family DC/DC Power Modules
Q48SA54001NNFH DELTA-Q48SA54001NNFH_14 Datasheet
507Kb / 14P
   Delphi Series Q48SA, 80W Quarter Brick Family DC/DC Power Modules
Q48SQ12033NRFH DELTA-Q48SQ12033NRFH Datasheet
657Kb / 13P
   Delphi Series Q48SQ, Quarter Brick Family DC/DC Power Modules 36~75V in, 12V/33A out, 400W
Q48SG12034NRFA DELTA-Q48SG12034NRFA Datasheet
1Mb / 26P
   Delphi Series Q48SG Quarter Brick Family Full Digital Control DC/DC Power Modules:
Q48SG12034NRFA DELTA-Q48SG12034NRFA_14 Datasheet
849Kb / 27P
   Delphi Series Q48SG Quarter Brick Family Full Digital Control DC/DC Power Modules
Q48SG12042NRFC DELTA-Q48SG12042NRFC Datasheet
885Kb / 25P
   Delphi Series Q48SG Quarter Brick Family Full Digital Control DC/DC Power Modules:
Q48SG12042NRFC DELTA-Q48SG12042NRFC_14 Datasheet
708Kb / 26P
   Delphi Series Q48SG Quarter Brick Family Full Digital Control DC/DC Power Modules
E48SC12008NRFH DELTA-E48SC12008NRFH_14 Datasheet
701Kb / 18P
   Delphi Series E48SC12008, Eighth Brick Family DC/DC Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com