Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q48SQ12025PRFB Datasheet(PDF) 8 Page - Delta Electronics, Inc.

Part # Q48SQ12025PRFB
Description  Delphi Series Q48SQ, Quarter Brick Family DC/DC Power Modules:
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

Q48SQ12025PRFB Datasheet(HTML) 8 Page - Delta Electronics, Inc.

Back Button Q48SQ12025PRFB Datasheet HTML 4Page - Delta Electronics, Inc. Q48SQ12025PRFB Datasheet HTML 5Page - Delta Electronics, Inc. Q48SQ12025PRFB Datasheet HTML 6Page - Delta Electronics, Inc. Q48SQ12025PRFB Datasheet HTML 7Page - Delta Electronics, Inc. Q48SQ12025PRFB Datasheet HTML 8Page - Delta Electronics, Inc. Q48SQ12025PRFB Datasheet HTML 9Page - Delta Electronics, Inc. Q48SQ12025PRFB Datasheet HTML 10Page - Delta Electronics, Inc. Q48SQ12025PRFB Datasheet HTML 11Page - Delta Electronics, Inc. Q48SQ12025PRFB Datasheet HTML 12Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
DS_Q48SQ12025_07042013
8
FEATURES DESCRIPTIONS
Over-Current Protection
The modules include an internal output over-current
protection circuit, which will endure current limiting for
an unlimited duration during output overload. If the
output current exceeds the OCP set point, the modules
will shut down (hiccup mode).The hiccup time will last
500ms.
The modules will try to restart after shutdown. If the
overload condition still exists, the module will shut down
again. This restart trial will continue until the overload
condition is corrected.
Over-Voltage Protection
The modules include an internal output over-voltage
protection circuit, which monitors the voltage on the
output
terminals.
If
this
voltage
exceeds
the
over-voltage threshold, the modules will shut down,
(hiccup mode).The hiccup time will last 500ms.
The modules will try to restart after shutdown. If the
overvoltage condition still exists, the module will shut
down again. This restart trial will continue until the
overvoltage condition is corrected.
Over-Temperature Protection
The over-temperature protection consists of circuitry
that provides protection from thermal damage. If the
temperature exceeds the over-temperature threshold
the module will shut down. The module will restart after
the temperature is within specification.
Remote On/Off
The remote on/off feature on the module can be either
negative or positive logic. Negative logic turns the
module on during a logic low and off during a logic high.
Positive logic turns the modules on during a logic high
and off during a logic low.
Remote on/off can be controlled by an external switch
between the on/off terminal and the Vi (-) terminal. The
switch can be an open collector or open drain.
For negative logic if the remote on/off feature is not
used, please short the on/off pin to Vi (-). For positive
logic if the remote on/off feature is not used, please
leave the on/off pin to floating.
Vo(+)
Vi(+)
Vo(-)
Sense(-)
Sense(+)
Vi(-)
ON/OFF
Figure 16: Remote on/off implementation
Remote Sense
Remote sense compensates for voltage drops on the
output by sensing the actual output voltage at the point
of load. The voltage between the remote sense pins
and the output terminals must not exceed the output
voltage sense range given here:
[Vo(+)
– Vo(–)] – [SENSE(+) – SENSE(–)] ≤ 10% × Vout
This limit includes any increase in voltage due to
remote sense compensation and output voltage set
point adjustment (trim).
Vi(-)
Vi(+)
Vo(-)
Vo(+)
Sense(+)
Sense(-)
Resistance
Contact
Contact andDistribution
Losses
Figure 17: Effective circuit configuration for remote sense
operation
If the remote sense feature is not used to regulate the
output at the point of load, please connect SENSE(+) to
Vo(+) and SENSE(
–) to Vo(–) at the module.
The output voltage can be increased by both the
remote sense and the trim; however, the maximum
increase is the larger of either the remote sense or the
trim, not the sum of both.
When using remote sense and trim, the output voltage
of the module is usually increased. And it will increase
the output power of the module with the same output
current.
Care should be taken to ensure that the maximum
output power does not exceed the maximum rated
power.


Similar Part No. - Q48SQ12025PRFB

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
Q48SQ12018 DELTA-Q48SQ12018 Datasheet
729Kb / 13P
   Hiccup output over voltage protection(OVP)
Q48SQ12018NKFA DELTA-Q48SQ12018NKFA Datasheet
729Kb / 13P
   Delphi Series Q48SQ, Quarter Brick Family DC/DC Power Modules
Q48SQ12018NKFB DELTA-Q48SQ12018NKFB Datasheet
729Kb / 13P
   Delphi Series Q48SQ, Quarter Brick Family DC/DC Power Modules
Q48SQ12018NKFH DELTA-Q48SQ12018NKFH Datasheet
729Kb / 13P
   Delphi Series Q48SQ, Quarter Brick Family DC/DC Power Modules
Q48SQ12018NKFN DELTA-Q48SQ12018NKFN Datasheet
729Kb / 13P
   Delphi Series Q48SQ, Quarter Brick Family DC/DC Power Modules
More results

Similar Description - Q48SQ12025PRFB

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
Q48SQ12018NRFH DELTA-Q48SQ12018NRFH Datasheet
729Kb / 13P
   Delphi Series Q48SQ, Quarter Brick Family DC/DC Power Modules
Q48SE12033 DELTA-Q48SE12033 Datasheet
592Kb / 14P
   Delphi Series Q48SE, Quarter Brick Family DC/DC Power Modules
Q48SA52001NNFA DELTA-Q48SA52001NNFA_14 Datasheet
372Kb / 13P
   Delphi Series Q48SA, 60W Quarter Brick Family DC/DC Power Modules
Q48SA54001NNFH DELTA-Q48SA54001NNFH_14 Datasheet
507Kb / 14P
   Delphi Series Q48SA, 80W Quarter Brick Family DC/DC Power Modules
Q48SQ12033NRFH DELTA-Q48SQ12033NRFH Datasheet
657Kb / 13P
   Delphi Series Q48SQ, Quarter Brick Family DC/DC Power Modules 36~75V in, 12V/33A out, 400W
Q48SG12034NRFA DELTA-Q48SG12034NRFA Datasheet
1Mb / 26P
   Delphi Series Q48SG Quarter Brick Family Full Digital Control DC/DC Power Modules:
Q48SG12034NRFA DELTA-Q48SG12034NRFA_14 Datasheet
849Kb / 27P
   Delphi Series Q48SG Quarter Brick Family Full Digital Control DC/DC Power Modules
Q48SG12042NRFC DELTA-Q48SG12042NRFC Datasheet
885Kb / 25P
   Delphi Series Q48SG Quarter Brick Family Full Digital Control DC/DC Power Modules:
Q48SG12042NRFC DELTA-Q48SG12042NRFC_14 Datasheet
708Kb / 26P
   Delphi Series Q48SG Quarter Brick Family Full Digital Control DC/DC Power Modules
E48SC12008NRFH DELTA-E48SC12008NRFH_14 Datasheet
701Kb / 18P
   Delphi Series E48SC12008, Eighth Brick Family DC/DC Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com