Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q48SQ12025PRFB Datasheet(PDF) 7 Page - Delta Electronics, Inc.

Part # Q48SQ12025PRFB
Description  Delphi Series Q48SQ, Quarter Brick Family DC/DC Power Modules:
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

Q48SQ12025PRFB Datasheet(HTML) 7 Page - Delta Electronics, Inc.

Back Button Q48SQ12025PRFB Datasheet HTML 3Page - Delta Electronics, Inc. Q48SQ12025PRFB Datasheet HTML 4Page - Delta Electronics, Inc. Q48SQ12025PRFB Datasheet HTML 5Page - Delta Electronics, Inc. Q48SQ12025PRFB Datasheet HTML 6Page - Delta Electronics, Inc. Q48SQ12025PRFB Datasheet HTML 7Page - Delta Electronics, Inc. Q48SQ12025PRFB Datasheet HTML 8Page - Delta Electronics, Inc. Q48SQ12025PRFB Datasheet HTML 9Page - Delta Electronics, Inc. Q48SQ12025PRFB Datasheet HTML 10Page - Delta Electronics, Inc. Q48SQ12025PRFB Datasheet HTML 11Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
DS_Q48SQ12025_07042013
7
DESIGN CONSIDERATIONS
Input Source Impedance
The impedance of the input source connecting to the
DC/DC power modules will interact with the modules
and affect the stability. A low ac-impedance input source
is recommended. If the source inductance is more than
a few μH, we advise adding a 10μF to 100μF electrolytic
capacitor (ESR < 0.7 Ω at 100 kHz) mounted close to
the input of the module to improve the stability.
Layout and EMC Considerations
Delta’s DC/DC power modules are designed to operate
in a wide variety of systems and applications. For design
assistance with EMC compliance and related PWB
layout issues, please contact Delta’s technical support
team. An external input filter module is available for
easier EMC compliance design. Below is the reference
design for an input filter tested with Q48SQ12025 series
to meet class B in CISSPR 22.
Schematic and Components List:
Cin is 100uF low ESR Aluminum cap:
CY is 1nF ceramic cap;
CX1 is 1uF*3 ceramic cap;
CX2 is 1uF*2 ceramic cap;
CY1,CY2 are 100nF*2 ceramic cap:
L1,L2 are common-mode inductor,L1=L2=0.47mH.
Test Result:Vin=48V,Io=25A,
1 MHz
10 MHz
150 kHz
30 MHz
10.0
20.0
30.0
40.0
50.0
60.0
70.0
0.0
80.0
dBμV
Limits
55022MQP
55022MAV
T ransducer
LISNPUL
T races
PK+
AV
Blue Line is quasi peak mode; Green line is average mode.
Safety Considerations
The power module must be installed in compliance with
the
spacing
and
separation
requirements
of
the
end-
user’s safety agency standard, i.e., UL60950-1,
CAN/CSA-C22.2, No. 60950-1 and EN60950-1+A11 and
IEC60950-1, if the system in which the power module is
to be used must meet safety agency requirements.
Basic insulation based on 75 Vdc input is provided
between the input and output of the module for the
purpose of applying insulation requirements when the
input to this DC-to-DC converter is identified as TNV-2
or SELV.
An additional evaluation is needed if the
source is other than TNV-2 or SELV.
When the input source is SELV circuit, the power module
meets SELV (safety extra-low voltage) requirements. If
the input source is a hazardous voltage which is greater
than 60 Vdc and less than or equal to 75 Vdc, for the
modul
e’s output to meet SELV requirements, all of the
following must be met:
The input source must be insulated from the ac
mains by reinforced or double insulation.
The input terminals of the module are not operator
accessible.
If the metal baseplate is grounded, the output must
be also grounded.
A SELV reliability test is conducted on the system
where the module is used, in combination with the
module, to ensure that under a single fault,
hazardous voltage does not appear at the module’s
output.
When installed into a Class II equipment (without
grounding), spacing consideration should be given to
the end-use installation, as the spacing between the
module and mounting surface have not been evaluated.
The power module has extra-low voltage (ELV) outputs
when all inputs are ELV.
This power module is not internally fused. To achieve
optimum safety and system protection, an input line fuse
is highly recommended. The safety agencies require a
normal-blow fuse with 20A maximum rating to be
installed in the ungrounded lead. A lower rated fuse can
be used based on the maximum inrush transient energy
and maximum input current.
Soldering and Cleaning Considerations
Post solder cleaning is usually the final board assembly
process before the board or system undergoes electrical
testing. Inadequate cleaning and drying may lower the
reliability of a power module and severely affect the
finished circuit board assembly test. Adequate cleaning
and drying is especially important for un-encapsulated
and/or open frame type power modules. For assistance
on appropriate soldering and cleaning procedures,
please contact Delta’s technical support team.


Similar Part No. - Q48SQ12025PRFB

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
Q48SQ12018 DELTA-Q48SQ12018 Datasheet
729Kb / 13P
   Hiccup output over voltage protection(OVP)
Q48SQ12018NKFA DELTA-Q48SQ12018NKFA Datasheet
729Kb / 13P
   Delphi Series Q48SQ, Quarter Brick Family DC/DC Power Modules
Q48SQ12018NKFB DELTA-Q48SQ12018NKFB Datasheet
729Kb / 13P
   Delphi Series Q48SQ, Quarter Brick Family DC/DC Power Modules
Q48SQ12018NKFH DELTA-Q48SQ12018NKFH Datasheet
729Kb / 13P
   Delphi Series Q48SQ, Quarter Brick Family DC/DC Power Modules
Q48SQ12018NKFN DELTA-Q48SQ12018NKFN Datasheet
729Kb / 13P
   Delphi Series Q48SQ, Quarter Brick Family DC/DC Power Modules
More results

Similar Description - Q48SQ12025PRFB

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
Q48SQ12018NRFH DELTA-Q48SQ12018NRFH Datasheet
729Kb / 13P
   Delphi Series Q48SQ, Quarter Brick Family DC/DC Power Modules
Q48SE12033 DELTA-Q48SE12033 Datasheet
592Kb / 14P
   Delphi Series Q48SE, Quarter Brick Family DC/DC Power Modules
Q48SA52001NNFA DELTA-Q48SA52001NNFA_14 Datasheet
372Kb / 13P
   Delphi Series Q48SA, 60W Quarter Brick Family DC/DC Power Modules
Q48SA54001NNFH DELTA-Q48SA54001NNFH_14 Datasheet
507Kb / 14P
   Delphi Series Q48SA, 80W Quarter Brick Family DC/DC Power Modules
Q48SQ12033NRFH DELTA-Q48SQ12033NRFH Datasheet
657Kb / 13P
   Delphi Series Q48SQ, Quarter Brick Family DC/DC Power Modules 36~75V in, 12V/33A out, 400W
Q48SG12034NRFA DELTA-Q48SG12034NRFA Datasheet
1Mb / 26P
   Delphi Series Q48SG Quarter Brick Family Full Digital Control DC/DC Power Modules:
Q48SG12034NRFA DELTA-Q48SG12034NRFA_14 Datasheet
849Kb / 27P
   Delphi Series Q48SG Quarter Brick Family Full Digital Control DC/DC Power Modules
Q48SG12042NRFC DELTA-Q48SG12042NRFC Datasheet
885Kb / 25P
   Delphi Series Q48SG Quarter Brick Family Full Digital Control DC/DC Power Modules:
Q48SG12042NRFC DELTA-Q48SG12042NRFC_14 Datasheet
708Kb / 26P
   Delphi Series Q48SG Quarter Brick Family Full Digital Control DC/DC Power Modules
E48SC12008NRFH DELTA-E48SC12008NRFH_14 Datasheet
701Kb / 18P
   Delphi Series E48SC12008, Eighth Brick Family DC/DC Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com