Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9511DP Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCA9511DP
Description  Hot swappable I2C-bus and SMBus bus buffer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9511DP Datasheet(HTML) 5 Page - NXP Semiconductors

  PCA9511DP Datasheet HTML 1Page - NXP Semiconductors PCA9511DP Datasheet HTML 2Page - NXP Semiconductors PCA9511DP Datasheet HTML 3Page - NXP Semiconductors PCA9511DP Datasheet HTML 4Page - NXP Semiconductors PCA9511DP Datasheet HTML 5Page - NXP Semiconductors PCA9511DP Datasheet HTML 6Page - NXP Semiconductors PCA9511DP Datasheet HTML 7Page - NXP Semiconductors PCA9511DP Datasheet HTML 8Page - NXP Semiconductors PCA9511DP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Philips Semiconductors
Product data sheet
PCA9511
Hot swappable I2C-bus and SMBus bus buffer
2006 Aug 23
5
OPERATION
Start-up
An under voltage/initialization circuit holds the parts in a
disconnected state which presents high-impedance to all SDA and
SCL pins during power-up. A LOW on the ENABLE pin also forces
the parts into the low current disconnected state when the ICC is
essentially zero. As the power supply is brought up and the
ENABLE is HIGH or the part is powered and the ENABLE is taken
from LOW to HIGH, it enters an initialization state where the internal
references are stabilized and the precharge circuit for PCA9511 is
enabled. At the end of the initialization state the “Stop Bit And Bus
Idle” detect circuit is enabled. With the ENABLE pin HIGH long
enough to complete the initialization state and remaining HIGH
when all the SDA and SCl pins have been HIGH for the bus idle
time, or when all pins are HIGH and a STOP condition is seen on
the SDAIN and SCLIN pins, SDAIN is connected to SDAOUT and
SCLIN is connected to SCLOUT. The 1 V precharge circuitry is
activated during the initialization and is deactivated when the
connection is made. The precharge circuitry pulls up the SDA and
SCL pins to 1 V through individual 100 k
Ω nominal resistors. This
precharges the pins to 1 V to minimize the worst-case disturbances
that result from inserting a card into the backplane where the
backplane and the card are at opposite logic levels.
Connect circuitry
Once the connection circuitry is activated, the behavior of SDAIN
and SDAOUT as well as SCLIN and SCLOUT become identical with
each acting as a bidirectional buffer that isolates the input
capacitance from the output bus capacitance while communicating
the logic levels. A LOW forced on either SDAIN or SDAOUT will
cause the other pin to be driven to a LOW by the part. The same is
also true for the SCL pins. Noise between 0.7VCC and VCC is
generally ignored because a falling edge is only recognized when it
falls below 0.7VCC with a slew rate of at least 1.25 V/µs. When a
falling edge is seen on one pin the other pin in the pair turns on a
pull-down driver that is referenced to a small voltage above the
falling pin. The driver will pull the pin down at a slew rate determined
by the driver and the load initially, because it does not start until the
first falling pin is below 0.7VCC. The first falling pin may have a fast
or slow slew rate, if it is faster than the pull down slew rate then the
initial pull down rate will continue. If the first falling pin has a slow
slew rate then the second pin will be pulled down at its initial slew
rate only until it is just above the first pin voltage the they will both
continue down at the slew rate of the first.
Once both sides are LOW they will remain LOW until all the external
drivers have stopped driving LOWs. If both sides are being driven
LOW to the same value for instance, 10 mV by external drivers,
which is the case for clock stretching and is typically the case for
acknowledge, and one side external driver stops driving that pin will
rise and rise above the nominal offset voltage until the internal driver
catches up and pulls it back down to the offset voltage. This bounce
is worst for low capacitances and low resistances, and may become
excessive. When the last external driver stops driving a LOW, that
pin will bounce up and settle out out just above the other pin as both
rise together with a slew rate determined by the internal slew rate
control and the RC time constant. As long as the slew rate is at least
1.25 V/
µs, when the pin voltage exceeds 0.6 V, the rise time
accelerators circuits are turned on and the pull down driver is turned
off.
Maximum number of devices in series
Each buffer adds about 0.065 V dynamic level offset at 25
°C with
the offset larger at higher temperatures. Maximum offset (VOS) is
0.150 V. The LOW level at the signal origination end (master) is
dependent upon the load and the only specification point is the
I2C-bus specification of 3 mA will produce VOL < 0.4 V, although if
lightly loaded the VOL may be ∼0.1 V. Assuming VOL = 0.1 V and
VOS = 0.1 V, the level after four buffers would be 0.5 V, which is only
about 0.1 V below the threshold of the rising edge accelerator (about
0.6 V). With great care a system with four buffers may work, but as
the VOL moves up from 0.1 V, noise or bounces on the line will result
in firing the rising edge accelerator thus introducing false clock
edges. Generally it is recommended to limit the number of buffers in
series to two.
The PCA9510 (rise time accelerator is permanently disabled) and
the PCA9512 (rise time accelerator can be turned off) are a little
different with the rise time accelerator turned off because the rise
time accelerator will not pull the node up, but the same logic that
turns on the accelerator turns the pull-down off. If the VIL is above
∼0.6 V and a rising edge is detected, the pull-down will turn off and
will not turn back on until a falling edge is detected; so if the noise is
small enough it may be possible to use more than two PCA9510 or
PCA9512 parts in series, but is not recommended.
MASTER
buffer A
SLAVE B
buffer B
SLAVE C
buffer C
SW02353
common
node
Figure 4.
Consider a system with three buffers connected to a common node
and communication between the Master and Slave B that are
connected at either end of Buffer A and Buffer B in series as shown
in Figure 4. Consider if the VOL at the input of Buffer A is 0.3 V and
the VOL of Slave B (when acknowledging) is 0.4 V with the direction
changing from Master to Slave B and then from Slave B to Master.
Before the direction change you would observe VIL at the input of
Buffer A of 0.3 V and its output, the common node, is
∼0.4 V. The
output of Buffer B and Buffer C would be
∼0.5 V, but Slave B is
driving 0.4 V, so the voltage at Slave B is 0.4 V. The output of
Buffer C is
∼0.5 V. When the Master pull-down turns off, the input of
Buffer A rises and so does its output, the common node, because it
is the only part driving the node. The common node will rise to 0.5 V
before Buffer B’s output turns on, if the pull-up is strong the node will
bounce. If the bounce goes above the threshold for the rising edge
accelerator
∼0.6 V the accelerators on both Buffer A and Buffer C
will fire contending with the output of Buffer B. The node on the input
of Buffer A will go HIGH as will the input node of Buffer C. After the
common node voltage is stable for a while the rising edge
accelerators will turn off and the common node will return to
∼0.5 V
because the Buffer B is still on. The voltage at both the Master and
Slave C nodes would then fall to
∼0.6 V until Slave B turned off. This
would not cause a failure on the data line as long as the return to
0.5 V on the common node (
∼0.6 V at the Master and Slave C)
occurred before the data setup time. If this were the SCL line, the
parts on Buffer A and Buffer C would see a false clock rather than a
stretched clock, which would cause a system error.


Similar Part No. - PCA9511DP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9511DP PHILIPS-PCA9511DP Datasheet
151Kb / 19P
   Hot swappable I2C and SMBus bus buffer
2004 Oct 05
More results

Similar Description - PCA9511DP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9510A NXP-PCA9510A Datasheet
153Kb / 24P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-18 August 2009
PCA9510A PHILIPS-PCA9510A Datasheet
140Kb / 23P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-8 September 2005
PCA9511A PHILIPS-PCA9511A Datasheet
144Kb / 23P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-15 August 2005
PCA9514A PHILIPS-PCA9514A Datasheet
154Kb / 25P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-11 October 2005
logo
ON Semiconductor
PCA9511A ONSEMI-PCA9511A Datasheet
352Kb / 17P
   Hot Swappable I2C-Bus and SMBus Bus Buffer
August, 2013 ??Rev. 0
logo
NXP Semiconductors
PCA9511A NXP-PCA9511A Datasheet
156Kb / 24P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-19 August 2009
PCA9513A NXP-PCA9513A Datasheet
172Kb / 26P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-18 August 2009
PCA9510 PHILIPS-PCA9510 Datasheet
151Kb / 19P
   Hot swappable I2C and SMBus bus buffer
2004 Oct 05
logo
Diodes Incorporated
PI6ULS5V9511A DIODES-PI6ULS5V9511A Datasheet
1Mb / 17P
   Hot Swappable I2C Bus/SMBus Buffer
December 2018
logo
Texas Instruments
TCA9511A TI1-TCA9511A Datasheet
472Kb / 25P
[Old version datasheet]   TCA9511A Hot Swappable I2C Bus and SMBus Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com