Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q48SG12034NRFH Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # Q48SG12034NRFH
Description  Delphi Series Q48SG Quarter Brick Family Full Digital Control DC/DC Power Modules:
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

Q48SG12034NRFH Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  Q48SG12034NRFH Datasheet HTML 1Page - Delta Electronics, Inc. Q48SG12034NRFH Datasheet HTML 2Page - Delta Electronics, Inc. Q48SG12034NRFH Datasheet HTML 3Page - Delta Electronics, Inc. Q48SG12034NRFH Datasheet HTML 4Page - Delta Electronics, Inc. Q48SG12034NRFH Datasheet HTML 5Page - Delta Electronics, Inc. Q48SG12034NRFH Datasheet HTML 6Page - Delta Electronics, Inc. Q48SG12034NRFH Datasheet HTML 7Page - Delta Electronics, Inc. Q48SG12034NRFH Datasheet HTML 8Page - Delta Electronics, Inc. Q48SG12034NRFH Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
DS_Q48SG12034_06272013
2
TECHNICAL SPECIFICATIONS
(TA=25°C, airflow rate=300 LFM, Vin=48Vdc, nominal Vout unless otherwise noted.)
PARAMETER
NOTES and CONDITIONS
Q48SG12034 (Standard)
Min.
Typ.
Max.
Units
ABSOLUTE MAXIMUM RATINGS
Input Voltage
Continuous
80
Vdc
Transient (100ms)
100ms
100
Vdc
On/off Pin Voltage
-50
50
V
Other Pin Voltage
Trim/Current Sharing, C2, Data, SMBAlert, Clock, Addr1,
Addr0
-0.3
3.6
V
Operating Ambient Temperature
-40
85
°C
Storage Temperature
-55
125
°C
Input/Output Isolation Voltage
2250
Vdc
INPUT CHARACTERISTICS
Operating Input Voltage
38
75
Vdc
Input Under-Voltage Lockout
Turn-On Voltage Threshold
32.5
34
35.5
Vdc
Turn-Off Voltage Threshold
30.5
32
33.5
Vdc
Maximum Input Current
Vin=38V, 100% Load,
11.33
11.5
A
No-Load Input Current
75
110
mA
Off Converter Input Current
18
23
mA
Inrush Current(I
2t)
With 100uF external input capacitor
1
A
2s
Input Terminal Ripple Current
RMS, With 100uF input cap.
0.32
0.48
A
Input Reflected-Ripple Current
P-P thru 12µH inductor, 5Hz to 20MHz
20
mA
Input Voltage Ripple Rejection
120 Hz
50
dB
OUTPUT CHARACTERISTICS
The module without droop current sharing option code
Output Voltage Set Point
Vin=48V, Io=Io.max, Tc=25°C
11.75
11.8
11.85
Vdc
Output Voltage Regulation
Over Load
Io=Io,min to Io,max
20
60
mV
Over Line
Vin=38V to 75V
20
50
mV
Over Temperature
Tc=-40°C to 125°C
±120
mV
Total Output Voltage Range
over sample load, and temperature, from 38~75V Vin
11.6
11.8
12.0
V
The module with droop current sharing option code
Output Voltage Set Point
Vin=48V, Io=0A, Tc=25°C
12.25
12.3
12.35
Vdc
Output Voltage Regulation
Over Load
Io=Io,min to Io,max
500
600
mV
Over Line
Vin=38V to 75V
20
50
mV
Over Temperature
Tc=-40°C to 125°C
±120
mV
Total Output Voltage Range
over sample load, and temperature, from 38~75V Vin
11.6
12.3
12.5
V
Both With and without droop current sharing option code
Output Voltage Ripple and Noise
5Hz to 20MHz bandwidth
Peak-to-Peak
Full Load, 1µF ceramic, 10µF tantalum
100
200
mV
RMS
Full Load, 1µF ceramic, 10µF tantalum
40
80
mV
Operating Output Current Range
Full input voltage range
0
34
A
Output DC Current-Limit Inception
Output Voltage 10% Low
110
150
%
Output Voltage Trim Range
Vin=48V, Pout ≦ max rated power;
For droop parallel module, such function is disabled.
-20
10
%
DYNAMIC CHARACTERISTICS
Output Voltage Current Transient
48V, 10µF Tan & 1µF Ceramic load cap, 0.1A/µs
Output voltage overshoot and undershoot
0.1A/µs, 50% to 75% Io.max, 10µF Tan load cap
200
400
mV
Setting Time (within 1% Vout nominal)
300
µs
Output voltage overshoot and undershoot
2.5A/µs, 25% to 75% Io.max, 4000µF Tan load cap
300
450
mV
Setting Time (within 1% Vout nominal)
1000
µs
Turn-On Transient
Start-Up Time, From On/Off Control
100
120
ms
Start-Up Time, From Input
110
130
ms
Output Capacitance
220
16000
µF
EFFICIENCY
100% Load
Vin=48V
94.7
95.5
%
60% Load
Vin=48V
95.2
96.0
%
ISOLATION CHARACTERISTICS
Input to Output
2250
Vdc
Isolation Resistance
10
Isolation Capacitance
1500
pF
FEATURE CHARACTERISTICS
Current sharing accuracy
10
%
Switching Frequency
130
kHz
ON/OFF Control
Logic Low
Von/off
-0.7
0.8
V
Logic High
Von/off
2.4
50
V
ON/OFF Current (for both remote on/off logic)
Ion/off at Von/off=0.0V
0.5
mA
ON/OFF Current (for both remote on/off logic)
Ion/off at Von/off=2.4V
10
µA
Leakage Current (for both remote on/off logic)
Logic High, Von/off=15V
50
µA
Output Voltage Trim Range
Vin=48V, Pout ≦ max rated power
-20
10
%
Output Over-Voltage Protection
Over full temp range; % of nominal Vout
14
17
V


Similar Part No. - Q48SG12034NRFH

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
Q48SG12034NRFH DELTA-Q48SG12034NRFH Datasheet
849Kb / 27P
   Delphi Series Q48SG Quarter Brick Family Full Digital Control DC/DC Power Modules
More results

Similar Description - Q48SG12034NRFH

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
Q48SG12042NRFC DELTA-Q48SG12042NRFC Datasheet
885Kb / 25P
   Delphi Series Q48SG Quarter Brick Family Full Digital Control DC/DC Power Modules:
Q48SG12042NRFC DELTA-Q48SG12042NRFC_14 Datasheet
708Kb / 26P
   Delphi Series Q48SG Quarter Brick Family Full Digital Control DC/DC Power Modules
Q48SG12034NRFA DELTA-Q48SG12034NRFA_14 Datasheet
849Kb / 27P
   Delphi Series Q48SG Quarter Brick Family Full Digital Control DC/DC Power Modules
Q48SQ12018NRFH DELTA-Q48SQ12018NRFH Datasheet
729Kb / 13P
   Delphi Series Q48SQ, Quarter Brick Family DC/DC Power Modules
Q48SQ12025NRFH DELTA-Q48SQ12025NRFH Datasheet
716Kb / 13P
   Delphi Series Q48SQ, Quarter Brick Family DC/DC Power Modules:
Q48SE12033 DELTA-Q48SE12033 Datasheet
592Kb / 14P
   Delphi Series Q48SE, Quarter Brick Family DC/DC Power Modules
Q48SA52001NNFA DELTA-Q48SA52001NNFA_14 Datasheet
372Kb / 13P
   Delphi Series Q48SA, 60W Quarter Brick Family DC/DC Power Modules
Q48SA54001NNFH DELTA-Q48SA54001NNFH_14 Datasheet
507Kb / 14P
   Delphi Series Q48SA, 80W Quarter Brick Family DC/DC Power Modules
E48SC12008NRFH DELTA-E48SC12008NRFH_14 Datasheet
701Kb / 18P
   Delphi Series E48SC12008, Eighth Brick Family DC/DC Power Modules
H48SA12025NNFA DELTA-H48SA12025NNFA_14 Datasheet
508Kb / 15P
   Delphi Series H48SA, Half Brick Family DC/DC Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com