Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q48SG12042NRFC Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # Q48SG12042NRFC
Description  Delphi Series Q48SG Quarter Brick Family Full Digital Control DC/DC Power Modules:
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

Q48SG12042NRFC Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  Q48SG12042NRFC Datasheet HTML 1Page - Delta Electronics, Inc. Q48SG12042NRFC Datasheet HTML 2Page - Delta Electronics, Inc. Q48SG12042NRFC Datasheet HTML 3Page - Delta Electronics, Inc. Q48SG12042NRFC Datasheet HTML 4Page - Delta Electronics, Inc. Q48SG12042NRFC Datasheet HTML 5Page - Delta Electronics, Inc. Q48SG12042NRFC Datasheet HTML 6Page - Delta Electronics, Inc. Q48SG12042NRFC Datasheet HTML 7Page - Delta Electronics, Inc. Q48SG12042NRFC Datasheet HTML 8Page - Delta Electronics, Inc. Q48SG12042NRFC Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Datasheet
DS_Q48SG12042_08062013
FEATURES
High efficiency: 95.3% @11.8V/42A
Size:
58.4 x 36.8 x 12.7
mm (2.30”x1.45”x0.50”)
PMBus Rev.1.2 compliance
Industry standard, DOSA compliant pin out
Can be connected in parallel directly
Parallel and Droop current sharing
Fixed frequency operation
Input UVLO, Output OCP & OVP, OTP
Monotonic startup into normal and
Pre-biased loads
2250V Isolation and basic insulation
No minimum load required
ISO 9001, TL 9000, ISO 14001, QS 9000,
OHSAS 18001 certified manufacturing
facility
UL/cUL 60950-1 (US & Canada) to be
recognized
APPLICATIONS
Telecom / DataCom
Wireless Networks
Optical Network Equipment
Server and Data Storage
Industrial/Test Equipment
OPTIONS
Digital PMBus interface
Parallel and Droop Current sharing
Trim
Positive On/Off logic
Short pin lengths available
Delphi Series Q48SG Quarter Brick Family
Full Digital Control DC/DC Power Modules:
48V In, 11.8V/42A Out
The Delphi Series Q48SG, 38~75V input, isolated single
output, Quarter Brick, are full digital control DC/DC converters, and
are the latest offering from a world leader in power systems
technology and manufacturing ― Delta Electronics, Inc. The
Q48SG series provide up to 500 watts of power in an industry
standard, DOSA compliant footprint and pin out; the typical
efficiency is 95.3% at 48V input, 11.8V output and 42A load. There
is a built-in digital PWM controller in the Q48SG series, which is
used to complete the Vo feedback, PWM signal generation, droop
current sharing, fault protection, and PWBUS communications, and
so on. With the digital control, many design and application
flexibility, advanced performance, and reliability are obtained; and
the Q48SG series can be connected in parallel directly for higher
power without add external oring-fet.


Similar Part No. - Q48SG12042NRFC

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
Q48SG12042NRFC DELTA-Q48SG12042NRFC Datasheet
708Kb / 26P
   Delphi Series Q48SG Quarter Brick Family Full Digital Control DC/DC Power Modules
Q48SG12042NRFC DELTA-Q48SG12042NRFC Datasheet
933Kb / 26P
   Industry standard, DOSA compliant pin out
Q48SG12042NRFC DELTA-Q48SG12042NRFC Datasheet
933Kb / 26P
   Over-Current Protection
Q48SG12042NRFC DELTA-Q48SG12042NRFC_14 Datasheet
708Kb / 26P
   Delphi Series Q48SG Quarter Brick Family Full Digital Control DC/DC Power Modules
More results

Similar Description - Q48SG12042NRFC

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
Q48SG12042NRFC DELTA-Q48SG12042NRFC_14 Datasheet
708Kb / 26P
   Delphi Series Q48SG Quarter Brick Family Full Digital Control DC/DC Power Modules
Q48SG12034NRFA DELTA-Q48SG12034NRFA Datasheet
1Mb / 26P
   Delphi Series Q48SG Quarter Brick Family Full Digital Control DC/DC Power Modules:
Q48SG12034NRFA DELTA-Q48SG12034NRFA_14 Datasheet
849Kb / 27P
   Delphi Series Q48SG Quarter Brick Family Full Digital Control DC/DC Power Modules
Q48SQ12018NRFH DELTA-Q48SQ12018NRFH Datasheet
729Kb / 13P
   Delphi Series Q48SQ, Quarter Brick Family DC/DC Power Modules
Q48SQ12025NRFH DELTA-Q48SQ12025NRFH Datasheet
716Kb / 13P
   Delphi Series Q48SQ, Quarter Brick Family DC/DC Power Modules:
Q48SE12033 DELTA-Q48SE12033 Datasheet
592Kb / 14P
   Delphi Series Q48SE, Quarter Brick Family DC/DC Power Modules
Q48SA52001NNFA DELTA-Q48SA52001NNFA_14 Datasheet
372Kb / 13P
   Delphi Series Q48SA, 60W Quarter Brick Family DC/DC Power Modules
Q48SA54001NNFH DELTA-Q48SA54001NNFH_14 Datasheet
507Kb / 14P
   Delphi Series Q48SA, 80W Quarter Brick Family DC/DC Power Modules
E48SC12008NRFH DELTA-E48SC12008NRFH_14 Datasheet
701Kb / 18P
   Delphi Series E48SC12008, Eighth Brick Family DC/DC Power Modules
H48SA12025NNFA DELTA-H48SA12025NNFA_14 Datasheet
508Kb / 15P
   Delphi Series H48SA, Half Brick Family DC/DC Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com