Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UDA1345TSDB-T Datasheet(PDF) 9 Page - NXP Semiconductors

Part # UDA1345TSDB-T
Description  Economy audio CODEC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UDA1345TSDB-T Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button UDA1345TSDB-T Datasheet HTML 5Page - NXP Semiconductors UDA1345TSDB-T Datasheet HTML 6Page - NXP Semiconductors UDA1345TSDB-T Datasheet HTML 7Page - NXP Semiconductors UDA1345TSDB-T Datasheet HTML 8Page - NXP Semiconductors UDA1345TSDB-T Datasheet HTML 9Page - NXP Semiconductors UDA1345TSDB-T Datasheet HTML 10Page - NXP Semiconductors UDA1345TSDB-T Datasheet HTML 11Page - NXP Semiconductors UDA1345TSDB-T Datasheet HTML 12Page - NXP Semiconductors UDA1345TSDB-T Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
2002 May 28
9
NXP Semiconductors
Product specification
Economy audio CODEC
UDA1345TS
Table 2
Digital decimation filter characteristics
Note: the digital output level is inversely proportional to the
ADC analog power supply. This means that with a
constant analog input level and increasing power supply
the digital output level will decrease proportionally.
7.4
Interpolation filter (DAC)
The digital filter interpolates from 1 to 128fs by means of a
cascade of a recursive filter and an FIR filter.
Table 3
Digital interpolation filter characteristics
7.5
Double speed
Since the device supports a sampling range of
8 to 100 kHz, the device can support double speed (e.g.
for 44.1 kHz and 48 kHz sampling frequency) by just
doubling the system speed. In double speed all features
are available.
7.6
Noise shaper (DAC)
The 3rd-order noise shaper operates at 128fs. It shifts
in-band quantization noise to frequencies well above the
audio band. This noise shaping technique enables high
signal-to-noise ratios to be achieved. The noise shaper
output is converted into an analog signal using a filter
stream digital-to-analog converter.
7.7
The Filter Stream DAC (FSDAC)
The FSDAC is a semi-digital reconstruction filter that
converts the 1-bit data stream of the noise shaper to an
analog output voltage. The filter coefficients are
implemented as current sources and are summed at virtual
ground of the output operational amplifier. In this way very
high signal-to-noise performance and low clock jitter
sensitivity is achieved. A post filter is not needed due to the
inherent filter function of the DAC. On-board amplifiers
convert the FSDAC output current to an output voltage
signal capable of driving a line output.
The output voltage of the FSDAC is scaled proportionally
with the power supply voltage.
7.8
Power control
In the event that the DAC is powered-up or powered-down,
a cosine roll-off mute will be performed (when powering
down) or a cosine roll-up de-mute (when powering up) will
be performed. This is in order to prevent clicks when
powering up or down. This power-on/off mute takes
32
× 4=128samples.
7.9
L3MODE or static pin control
The UDA1345TS can be used under L3 microcontroller
interface mode or under static pin control. The mode can
be set via the Mode Control (MC) pins MC1 (pin 8) and
MC2 (pin 21). The function of these pins is given in
Table 4.
Table 4
Mode Control pins MC1 and MC2
Important: in L3MODE the UDA1345TS is completely pin
and function compatible with the UDA1340M and the
UDA1344TS.
Note: the UDA1345TS does NOT support bass-boost and
treble.
ITEM
CONDITIONS
VALUE (dB)
Pass-band ripple
0
− 0.45f
s
±0.05
Stop band
>0.55fs
−60
Dynamic range
0
− 0.45f
s
114
Overall gain when
a 0 dB signal is
input to ADC to
digital output
DC
−1.16
ITEM
CONDITIONS
VALUE (dB)
Passband ripple
0
− 0.45f
s
±0.03
Stopband
>0.55fs
−65
Dynamic range
0
− 0.45f
s
116.5
Gain
DC
−3.5
MODE
MC2
MC1
L3MODE
LOW
LOW
Test modes
LOW
HIGH
HIGH
LOW
Static pin mode
HIGH
HIGH


Similar Part No. - UDA1345TSDB-T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UDA1345TS PHILIPS-UDA1345TS Datasheet
126Kb / 28P
   Economy audio CODEC
2000 Apr 18
More results

Similar Description - UDA1345TSDB-T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UDA1345TS PHILIPS-UDA1345TS Datasheet
126Kb / 28P
   Economy audio CODEC
2000 Apr 18
UDA1343TT PHILIPS-UDA1343TT Datasheet
148Kb / 36P
   Economy audio CODEC with features
2000 Jan 12
UDA1341TS PHILIPS-UDA1341TS Datasheet
189Kb / 32P
   Economy audio CODEC for MiniDisc MD home stereo and portable applications
1998 Dec 18
UDA1342TS PHILIPS-UDA1342TS Datasheet
180Kb / 44P
   Audio CODEC
2000 Mar 29
logo
Analog Devices
ADAU1361 AD-ADAU1361 Datasheet
1Mb / 80P
   Audio Codec
logo
LAPIS Semiconductor Co....
ML7041 LAPIS-ML7041 Datasheet
381Kb / 28P
   Audio CODEC
logo
Texas Instruments
PCM3168A TI1-PCM3168A Datasheet
2Mb / 66P
[Old version datasheet]   Audio Codec
logo
OKI electronic componet...
MSM7732-01 OKI-MSM7732-01 Datasheet
302Kb / 29P
   Audio CODEC
logo
Analog Devices
ADAU1761 AD-ADAU1761_18 Datasheet
1Mb / 93P
   Audio Codec
logo
Texas Instruments
TLV320AIC27 TI1-TLV320AIC27_05 Datasheet
738Kb / 10P
[Old version datasheet]   STEREO AUDIO CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com