Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA1519C Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA1519C
Description  22 W BTL or 2 x 11 W stereo power amplifier
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA1519C Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA1519C Datasheet HTML 3Page - NXP Semiconductors TDA1519C Datasheet HTML 4Page - NXP Semiconductors TDA1519C Datasheet HTML 5Page - NXP Semiconductors TDA1519C Datasheet HTML 6Page - NXP Semiconductors TDA1519C Datasheet HTML 7Page - NXP Semiconductors TDA1519C Datasheet HTML 8Page - NXP Semiconductors TDA1519C Datasheet HTML 9Page - NXP Semiconductors TDA1519C Datasheet HTML 10Page - NXP Semiconductors TDA1519C Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
2004 Jan 28
7
NXP Semiconductors
Product specification
22 W BTL or 2
 11 W
stereo power amplifier
TDA1519C
THERMAL CHARACTERISTICS
DC CHARACTERISTICS
VP =14.4V; Tamb =25 C; measured in circuit of Fig.6; unless otherwise specified.
Notes
1. The circuit is DC adjusted at VP = 6 to 17.5 V and AC operating at VP = 8.5 to 17.5 V.
2. At VP = 17.5 to 30 V, the DC output voltage is 0.5VP.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient;
TDA1519C, TDA1519CTH and TDA1519CTD
in free air
40
K/W
Rth(j-c)
thermal resistance from junction to case;
TDA1519C, TDA1519CTH and TDA1519CTD
3K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VP
supply voltage
note 1
6.0
14.4
17.5
V
Iq(tot)
total quiescent current
40
80
mA
VO
DC output voltage
note 2
6.95
V
V
OO
DC output offset voltage

250
mV
Mute/standby switch
Vsw(on)
switch-on voltage level
8.5

V
Vmute
mute voltage level
3.3
6.4
V
Vstb
standby voltage level
0
2V
Mute/standby condition
Vo
output voltage
mute mode; Vi = 1 V (maximum);
fi =20Hz to15kHz

20
mV
V
OO
DC output offset voltage
mute mode

250
mV
Istb
standby current
standby mode

100
A
Isw(on)
switch-on current
12
40
A


Similar Part No. - TDA1519C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1519C PHILIPS-TDA1519C Datasheet
113Kb / 20P
   22WBTL or 2 x 11Wstereo power amplifier
2000 Mar 08
logo
Unisonic Technologies
TDA1519CG-H09-B-T UTC-TDA1519CG-H09-B-T Datasheet
386Kb / 8P
   No switch-on/switch-off pops
TDA1519CL-H09-B-T UTC-TDA1519CL-H09-B-T Datasheet
386Kb / 8P
   No switch-on/switch-off pops
logo
NXP Semiconductors
TDA1519CSP PHILIPS-TDA1519CSP Datasheet
113Kb / 20P
   22WBTL or 2 x 11Wstereo power amplifier
2000 Mar 08
TDA1519CTD PHILIPS-TDA1519CTD Datasheet
113Kb / 20P
   22WBTL or 2 x 11Wstereo power amplifier
2000 Mar 08
More results

Similar Description - TDA1519C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1519A PHILIPS-TDA1519A Datasheet
141Kb / 14P
   22 W BTL or 2 x 11 W stereo car radio power amplifier
May 1992
TDA1552Q-N4112 PHILIPS-TDA1552Q-N4112 Datasheet
66Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q PHILIPS-TDA1552Q Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1519B PHILIPS-TDA1519B Datasheet
118Kb / 12P
   12 W BTL or 2 x 6 W stereo car radio power amplifier
May 1992
TDA1515BQ PHILIPS-TDA1515BQ Datasheet
80Kb / 10P
   24 W BTL or 2 x 12 W stereo car radio power amplifier
July 1994
TDA1510AQ PHILIPS-TDA1510AQ Datasheet
96Kb / 11P
   24 W BTL or 2 x 12 W stereo car radio power amplifier
January 1992
TDA1554Q PHILIPS-TDA1554Q Datasheet
96Kb / 11P
   4 x 11 W single-ended or 2 x 22 W power amplifier
May 1992
TDA1554Q NXP-TDA1554Q Datasheet
97Kb / 11P
   4 x 11 W single-ended or 2 x 22 W power amplifier
May 1992
TDA1517ATW PHILIPS-TDA1517ATW Datasheet
132Kb / 20P
   8 W BTL or 2 x 4 W SE power amplifier
2001 Apr 17
TDA1558Q PHILIPS-TDA1558Q Datasheet
100Kb / 11P
   2 x 22 W or 4 x 11 W single-ended car radio power amplifier
May 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com