Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q48SA54001NNH Datasheet(PDF) 8 Page - Delta Electronics, Inc.

Part # Q48SA54001NNH
Description  Delphi Series Q48SA, 80W Quarter Brick Family DC/DC Power Modules: 36~75V in, 54V/1.5A out
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

Q48SA54001NNH Datasheet(HTML) 8 Page - Delta Electronics, Inc.

Back Button Q48SA54001NNH Datasheet HTML 4Page - Delta Electronics, Inc. Q48SA54001NNH Datasheet HTML 5Page - Delta Electronics, Inc. Q48SA54001NNH Datasheet HTML 6Page - Delta Electronics, Inc. Q48SA54001NNH Datasheet HTML 7Page - Delta Electronics, Inc. Q48SA54001NNH Datasheet HTML 8Page - Delta Electronics, Inc. Q48SA54001NNH Datasheet HTML 9Page - Delta Electronics, Inc. Q48SA54001NNH Datasheet HTML 10Page - Delta Electronics, Inc. Q48SA54001NNH Datasheet HTML 11Page - Delta Electronics, Inc. Q48SA54001NNH Datasheet HTML 12Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
DS_Q48SA54001_05172013
8
FEATURES DESCRIPTIONS
Over-Current Protection
The modules include an internal output over-current
protection circuit, which will endure current limiting for
an unlimited duration during output overload. If the
output current exceeds the OCP set point, the modules
will automatically shut down (hiccup mode).
The modules will try to restart after shutdown. If the
overload condition still exists, the module will shut down
again. This restart trial will continue until the overload
condition is corrected.
Over-Voltage Protection
The modules include an internal output over-voltage
protection circuit, which monitors the voltage on the
output terminals. The default OVP operation is hiccup
mode. Under hiccup mode, the modules will try to restart
after shutdown. If the over voltage condition still exists,
the module will shut down again. This restart trial will
continue until the over-voltage condition is corrected.
Also, an optional latch-off mode for OVP is available. If
this voltage exceeds the over-voltage set point, the
module will shut down and latch off. The over-voltage
latch is reset by either cycling the input power or by
toggling the on/off signal for one second.
Over-Temperature Protection
The over-temperature protection consists of circuitry
that provides protection from thermal damage. If the
temperature exceeds the over-temperature threshold
the module will shut down.
The module will try to restart after shutdown. If the
over-temperature condition still exists during restart, the
module will shut down again. This restart trial will
continue until the temperature is within specification.
Remote On/Off
The remote on/off feature on the module can be either
negative or positive logic. Negative logic turns the
module on during a logic low and off during a logic high.
Positive logic turns the modules on during a logic high
and off during a logic low.
Remote on/off can be controlled by an external switch
between the on/off terminal and the Vi(-) terminal. The
switch can be an open collector or open drain.
For negative logic, if the remote on/off feature is not
used, please short the on/off pin to Vi (-). For positive
logic, if the remote on/off feature is not used, please
leave the on/off pin to floating.
Figure 16: Remote on/off implementation
Output Voltage Adjustment (TRIM)
To increase or decrease the output voltage set point,
the modules may be connected with an external
resistor between the TRIM pin and either Vout1 (+) or
Vout (-). The TRIM pin should be left open if this
feature is not used.
Figure 17: Circuit configuration for trim-up (increase output
voltage)
If the external resistor is connected between the TRIM
and sense (-) pin, the output voltage set point increases
(Fig. 17). The external resistor vvalue required to obtain
output voltage change
∆U is defined as:
)
(
7
.
4
U
5
.
127
K
R
up
trim
Ex. When Trim-up 5%,
∆U is 5%*Vnormal = 0.05*53.5 =
2.675
K
R
up
trim
96
.
42
7
.
4
675
.
2
5
.
127


Similar Part No. - Q48SA54001NNH

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
Q48SA54001NNH DELTA-Q48SA54001NNH Datasheet
507Kb / 14P
   Delphi Series Q48SA, 80W Quarter Brick Family DC/DC Power Modules
More results

Similar Description - Q48SA54001NNH

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
Q48SA54001NNFH DELTA-Q48SA54001NNFH_14 Datasheet
507Kb / 14P
   Delphi Series Q48SA, 80W Quarter Brick Family DC/DC Power Modules
Q48SA52001NNFA DELTA-Q48SA52001NNFA Datasheet
372Kb / 12P
   Delphi Series Q48SA, 60W Quarter Brick Family DC/DC Power Modules: 36~75V in, 52V/1.15A out
Q48SA52001NNFA DELTA-Q48SA52001NNFA_14 Datasheet
372Kb / 13P
   Delphi Series Q48SA, 60W Quarter Brick Family DC/DC Power Modules
Q48SQ12033NRFH DELTA-Q48SQ12033NRFH Datasheet
657Kb / 13P
   Delphi Series Q48SQ, Quarter Brick Family DC/DC Power Modules 36~75V in, 12V/33A out, 400W
Q48SK12025NRFA DELTA-Q48SK12025NRFA Datasheet
404Kb / 13P
   Delphi Series Q48SK, Quarter Brick Family DC/DC Power Modules: 36~75V in, 12V/25A out, 300W
Q48SK12018 DELTA-Q48SK12018 Datasheet
333Kb / 13P
   Quarter Brick Family DC/DC Power Modules:36~75V in, 12V/18A out, 216W
Q48SK12033 DELTA-Q48SK12033 Datasheet
366Kb / 13P
   Quarter Brick Family DC/DC Power Modules:36~75V in, 12V/33A out, 400W
Q48SK12025 DELTA-Q48SK12025 Datasheet
353Kb / 13P
   Quarter Brick Family DC/DC Power Modules:36~75V in, 12V/25A out, 300W
Q48SE12018NRFA DELTA-Q48SE12018NRFA Datasheet
603Kb / 14P
   Delphi Series Q48SE, Quarter Brick Family DC/DC Power Modules 38~75V in, 11.8V/18A out, 216W
H48SA53010NNFA DELTA-H48SA53010NNFA Datasheet
1Mb / 13P
   Delphi Series H48SA53010, Half Brick Family DC/DC Power Modules: 48V in, 54V/10.2A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com