Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q48SA52001NRFA Datasheet(PDF) 10 Page - Delta Electronics, Inc.

Part # Q48SA52001NRFA
Description  Delphi Series Q48SA, 60W Quarter Brick Family DC/DC Power Modules: 36~75V in, 52V/1.15A out
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

Q48SA52001NRFA Datasheet(HTML) 10 Page - Delta Electronics, Inc.

Back Button Q48SA52001NRFA Datasheet HTML 4Page - Delta Electronics, Inc. Q48SA52001NRFA Datasheet HTML 5Page - Delta Electronics, Inc. Q48SA52001NRFA Datasheet HTML 6Page - Delta Electronics, Inc. Q48SA52001NRFA Datasheet HTML 7Page - Delta Electronics, Inc. Q48SA52001NRFA Datasheet HTML 8Page - Delta Electronics, Inc. Q48SA52001NRFA Datasheet HTML 9Page - Delta Electronics, Inc. Q48SA52001NRFA Datasheet HTML 10Page - Delta Electronics, Inc. Q48SA52001NRFA Datasheet HTML 11Page - Delta Electronics, Inc. Q48SA52001NRFA Datasheet HTML 12Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
DS_Q48SA52001_05142009
10
THERMAL CURVES
Q48SA52001 (standard) Output Current vs. Ambient Temperature and Air Velocity
@Vin=48V (Transverse Orientation)
0
10
20
30
40
50
60
25
30
35
40
45
50
55
60
65
70
75
80
85
Output Power (W)
Ambient Temperature (℃)
Natural
Convection
100LFM
Figure 19:
Temperature measurement location
* The allowed maximum hot spot temperature is defined at 120
Figure 20:
Output current vs. ambient temperature and air
velocity @Vin=48V(Transverse Orientation)


Similar Part No. - Q48SA52001NRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
Q48SA52001NNFA DELTA-Q48SA52001NNFA Datasheet
372Kb / 13P
   Delphi Series Q48SA, 60W Quarter Brick Family DC/DC Power Modules
Q48SA52001NNFA DELTA-Q48SA52001NNFA_14 Datasheet
372Kb / 13P
   Delphi Series Q48SA, 60W Quarter Brick Family DC/DC Power Modules
More results

Similar Description - Q48SA52001NRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
Q48SA52001NNFA DELTA-Q48SA52001NNFA_14 Datasheet
372Kb / 13P
   Delphi Series Q48SA, 60W Quarter Brick Family DC/DC Power Modules
Q48SA54001NNFH DELTA-Q48SA54001NNFH Datasheet
576Kb / 13P
   Delphi Series Q48SA, 80W Quarter Brick Family DC/DC Power Modules: 36~75V in, 54V/1.5A out
Q48SA54001NNFH DELTA-Q48SA54001NNFH_14 Datasheet
507Kb / 14P
   Delphi Series Q48SA, 80W Quarter Brick Family DC/DC Power Modules
Q48SQ12033NRFH DELTA-Q48SQ12033NRFH Datasheet
657Kb / 13P
   Delphi Series Q48SQ, Quarter Brick Family DC/DC Power Modules 36~75V in, 12V/33A out, 400W
Q48SK12025NRFA DELTA-Q48SK12025NRFA Datasheet
404Kb / 13P
   Delphi Series Q48SK, Quarter Brick Family DC/DC Power Modules: 36~75V in, 12V/25A out, 300W
Q48SK12018 DELTA-Q48SK12018 Datasheet
333Kb / 13P
   Quarter Brick Family DC/DC Power Modules:36~75V in, 12V/18A out, 216W
Q48SK12033 DELTA-Q48SK12033 Datasheet
366Kb / 13P
   Quarter Brick Family DC/DC Power Modules:36~75V in, 12V/33A out, 400W
Q48SK12025 DELTA-Q48SK12025 Datasheet
353Kb / 13P
   Quarter Brick Family DC/DC Power Modules:36~75V in, 12V/25A out, 300W
Q48SE12018NRFA DELTA-Q48SE12018NRFA Datasheet
603Kb / 14P
   Delphi Series Q48SE, Quarter Brick Family DC/DC Power Modules 38~75V in, 11.8V/18A out, 216W
Q48SE12025NRFA DELTA-Q48SE12025NRFA Datasheet
680Kb / 14P
   Delphi Series Q48SE, Quarter Brick Family DC/DC Power Modules 38~75V in, 11.8V/25A out, 300W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com