Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI4450DY Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # SI4450DY
Description  60V N-Channel PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SI4450DY Datasheet(HTML) 4 Page - Fairchild Semiconductor

  SI4450DY Datasheet HTML 1Page - Fairchild Semiconductor SI4450DY Datasheet HTML 2Page - Fairchild Semiconductor SI4450DY Datasheet HTML 3Page - Fairchild Semiconductor SI4450DY Datasheet HTML 4Page - Fairchild Semiconductor SI4450DY Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
0.0001
0.001
0.01
0.1
1
10
100
300
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
t , TIME (sec)
1
Single Pulse
D = 0.5
0.1
0.05
0.02
0.01
0.2
Duty Cycle, D = t /t
1
2
R
(t) = r(t) * R
R
= 125°C/W
θJA
θJA
θJA
T - T
= P * R
(t)
θJA
A
J
P(pk)
t1
t 2
0
2
4
6
8
10
0
7
14
21
28
35
Qg, GATE CHARGE (nC)
ID=8.0A
VDS= 12V
24V
48V
0
500
1000
1500
2000
2500
0
6
12
18
24
30
VDS, DRAIN TO SOURCE VOLTAGE (V)
Ciss
Coss
Crss
0.01
0.1
1
10
100
0.1
1
10
100
VDS, DRAIN-SOURCE VOLTAGE (V)
RDS(ON) Limit
DC
10s
1s
100ms
10ms
1ms
100
µs
0
10
20
30
40
50
0.001
0.01
0.1
1
10
100
1000
SINGLE PULSE TIME (SEC)
SINGLE PULSE
RθJA=125
oC/W
T =25
oC
Si4450DY Rev A
Figure 7. Gate Charge Characteristics.
Typical Characteristics (continued)
Figure 8. Capacitance Characteristics.
Figure 9. Maximum Safe Operating Area.
Figure 10. Single Pulse Maximum
Power Dissipation.
Figure 11. Transient Thermal Response Curve.
Thermal Characterization performed using the conditions described in Note 1c.
Transient thermal response will change depending on the circuit board design.


Similar Part No. - SI4450DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4451DY VISHAY-SI4451DY Datasheet
42Kb / 5P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 17-Feb-03
SI4451DY VISHAY-SI4451DY Datasheet
42Kb / 5P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 17-Feb-03
SI4453DY VISHAY-SI4453DY Datasheet
45Kb / 5P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 28-Apr-03
SI4453DY-T1 VISHAY-SI4453DY-T1 Datasheet
45Kb / 5P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 28-Apr-03
logo
Silicon Laboratories
SI4455 SILABS-SI4455 Datasheet
1Mb / 40P
   20-Pin 3x3 mm QFN package
More results

Similar Description - SI4450DY

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS5680 FAIRCHILD-FDS5680 Datasheet
261Kb / 8P
   60V N-Channel PowerTrench??MOSFET
FDS9945 FAIRCHILD-FDS9945 Datasheet
73Kb / 5P
   60V N-Channel PowerTrench MOSFET
FDP5680 FAIRCHILD-FDP5680 Datasheet
440Kb / 16P
   60V N-Channel PowerTrench??MOSFET
FDS5670 FAIRCHILD-FDS5670 Datasheet
250Kb / 8P
   60V N-Channel PowerTrench??MOSFET
FDS5690 FAIRCHILD-FDS5690 Datasheet
236Kb / 8P
   60V N-Channel PowerTrench MOSFET
FDS5170N7 FAIRCHILD-FDS5170N7 Datasheet
201Kb / 6P
   60V N-Channel PowerTrench MOSFET
FDP5645 FAIRCHILD-FDP5645 Datasheet
422Kb / 10P
   60V N-Channel PowerTrench MOSFET
FDD5612 FAIRCHILD-FDD5612 Datasheet
147Kb / 5P
   60V N-Channel PowerTrench??MOSFET
FDD5690 FAIRCHILD-FDD5690 Datasheet
206Kb / 7P
   60V N-Channel PowerTrench??MOSFET
FDN5630 FAIRCHILD-FDN5630 Datasheet
254Kb / 8P
   60V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com