Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC858W Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BC858W
Description  PNP general purpose transistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BC858W Datasheet(HTML) 3 Page - NXP Semiconductors

  BC858W Datasheet HTML 1Page - NXP Semiconductors BC858W Datasheet HTML 2Page - NXP Semiconductors BC858W Datasheet HTML 3Page - NXP Semiconductors BC858W Datasheet HTML 4Page - NXP Semiconductors BC858W Datasheet HTML 5Page - NXP Semiconductors BC858W Datasheet HTML 6Page - NXP Semiconductors BC858W Datasheet HTML 7Page - NXP Semiconductors BC858W Datasheet HTML 8Page - NXP Semiconductors BC858W Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
2002 Feb 04
3
NXP Semiconductors
Product data sheet
PNP general purpose transistors
BC856W; BC857W; BC858W
LIMITING VALUES
In accordance with the Absolute Maximum System (IEC 60134).
Note
1.
Refer to SOT323 standard mounting conditions.
THERMAL CHARACTERISTICS
Note
1.
Refer to SOT323 standard mounting conditions.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
BC856W
−80
V
BC857W
−50
V
BC858W
−30
V
VCEO
collector-emitter voltage
open base
BC856W
−65
V
BC857W
−45
V
BC858W
−30
V
VEBO
emitter-base voltage
open collector
−5
V
IC
collector current (DC)
−100
mA
ICM
peak collector current
−200
mA
IBM
peak base current
−200
mA
Ptot
total power dissipation
Tamb ≤ 25 °C; note 1
200
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
150
°C
Tamb
operating ambient temperature
−65
+150
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to
ambient
in free air; note 1
625
K/W


Similar Part No. - BC858W

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
BC858W KEC-BC858W Datasheet
248Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
BC858W KEC-BC858W Datasheet
356Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR
logo
Infineon Technologies A...
BC858W INFINEON-BC858W Datasheet
229Kb / 8P
   PNP Silicon AF Transistors
Dec-11-2001
logo
Galaxy Semi-Conductor H...
BC858W BILIN-BC858W Datasheet
249Kb / 5P
   PNP Silicon Epitaxial Planar Transistor
logo
Diotec Semiconductor
BC858W DIOTEC-BC858W Datasheet
184Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
More results

Similar Description - BC858W

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
SS8550LT1 WEITRON-SS8550LT1 Datasheet
404Kb / 4P
   PNP General Purpose Transistors
S9012 WEITRON-S9012 Datasheet
1Mb / 4P
   PNP General Purpose Transistors
logo
NXP Semiconductors
BCX71 PHILIPS-BCX71 Datasheet
43Kb / 8P
   PNP general purpose transistors
1999 Apr 20
BC859 PHILIPS-BC859 Datasheet
46Kb / 8P
   PNP general purpose transistors
1999 May 28
BCX17 PHILIPS-BCX17 Datasheet
42Kb / 8P
   PNP general purpose transistors
1999 May 31
logo
Weitron Technology
A1015 WEITRON-A1015 Datasheet
720Kb / 4P
   PNP General Purpose Transistors
2SA1036K WEITRON-2SA1036K Datasheet
209Kb / 4P
   PNP General Purpose Transistors
logo
NXP Semiconductors
BCW69 PHILIPS-BCW69_15 Datasheet
119Kb / 6P
   PNP general purpose transistors
2004 Feb 06
logo
First Components Intern...
2N3905 FCI-2N3905_6 Datasheet
77Kb / 2P
   PNP General Purpose Transistors
logo
Weitron Technology
KTA1505 WEITRON-KTA1505 Datasheet
411Kb / 3P
   PNP General Purpose Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com