Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVC14ABQ Datasheet(PDF) 11 Page - NXP Semiconductors

Part # 74LVC14ABQ
Description  Hex inverting Schmitt trigger with 5 V tolerant input
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC14ABQ Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74LVC14ABQ Datasheet HTML 7Page - NXP Semiconductors 74LVC14ABQ Datasheet HTML 8Page - NXP Semiconductors 74LVC14ABQ Datasheet HTML 9Page - NXP Semiconductors 74LVC14ABQ Datasheet HTML 10Page - NXP Semiconductors 74LVC14ABQ Datasheet HTML 11Page - NXP Semiconductors 74LVC14ABQ Datasheet HTML 12Page - NXP Semiconductors 74LVC14ABQ Datasheet HTML 13Page - NXP Semiconductors 74LVC14ABQ Datasheet HTML 14Page - NXP Semiconductors 74LVC14ABQ Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
74LVC14A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 23 December 2011
11 of 18
NXP Semiconductors
74LVC14A
Hex inverting Schmitt trigger with 5 V tolerant input
16. Package outline
Fig 12. Package outline SOT108-1 (SO14)
UNIT
A
max.
A1
A2
A3
bp
cD(1)
E(1)
(1)
eHE
LLp
QZ
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
inches
1.75
0.25
0.10
1.45
1.25
0.25
0.49
0.36
0.25
0.19
8.75
8.55
4.0
3.8
1.27
6.2
5.8
0.7
0.6
0.7
0.3
8
0
o
o
0.25
0.1
DIMENSIONS (inch dimensions are derived from the original mm dimensions)
Note
1. Plastic or metal protrusions of 0.15 mm (0.006 inch) maximum per side are not included.
1.0
0.4
SOT108-1
X
w M
θ
A
A1
A2
bp
D
HE
L p
Q
detail X
E
Z
e
c
L
v M A
(A )
3
A
7
8
1
14
y
076E06
MS-012
pin 1 index
0.069
0.010
0.004
0.057
0.049
0.01
0.019
0.014
0.0100
0.0075
0.35
0.34
0.16
0.15
0.05
1.05
0.041
0.244
0.228
0.028
0.024
0.028
0.012
0.01
0.25
0.01
0.004
0.039
0.016
99-12-27
03-02-19
0
2.5
5 mm
scale
SO14: plastic small outline package; 14 leads; body width 3.9 mm
SOT108-1


Similar Part No. - 74LVC14ABQ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC14ABQ NXP-74LVC14ABQ Datasheet
137Kb / 18P
   Hex inverting Schmitt trigger with 5 V tolerant input
Rev. 5-23 December 2011
74LVC14ABQ NXP-74LVC14ABQ Datasheet
109Kb / 18P
   Hex inverting Schmitt trigger with 5 V tolerant input
Rev. 5-23 December 2011
74LVC14ABQ NXP-74LVC14ABQ Datasheet
137Kb / 18P
   Hex inverting Schmitt trigger with 5 V tolerant input
Rev. 5-23 December 2011
logo
Nexperia B.V. All right...
74LVC14ABQ NEXPERIA-74LVC14ABQ Datasheet
273Kb / 16P
   Hex inverting Schmitt trigger with 5 V tolerant input
Rev. 9 - 20 September 2021
74LVC14ABQ-Q100 NEXPERIA-74LVC14ABQ-Q100 Datasheet
793Kb / 17P
   Hex inverting Schmitt trigger with 5 V tolerant input
More results

Similar Description - 74LVC14ABQ

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVC14A NEXPERIA-74LVC14A Datasheet
273Kb / 16P
   Hex inverting Schmitt trigger with 5 V tolerant input
Rev. 9 - 20 September 2021
logo
NXP Semiconductors
74LVC14APW118 NXP-74LVC14APW118 Datasheet
137Kb / 18P
   Hex inverting Schmitt trigger with 5 V tolerant input
Rev. 5-23 December 2011
logo
Nexperia B.V. All right...
74LVC14A-Q100 NEXPERIA-74LVC14A-Q100 Datasheet
793Kb / 17P
   Hex inverting Schmitt trigger with 5 V tolerant input
logo
NXP Semiconductors
74LVC14APW-T NXP-74LVC14APW-T Datasheet
109Kb / 18P
   Hex inverting Schmitt trigger with 5 V tolerant input
Rev. 5-23 December 2011
74LVC14APW-T NXP-74LVC14APW-T Datasheet
137Kb / 18P
   Hex inverting Schmitt trigger with 5 V tolerant input
Rev. 5-23 December 2011
74LVC14A PHILIPS-74LVC14A Datasheet
95Kb / 10P
   Hex inverting Schmitt-trigger with 5V tolerant input
1998 Apr 28
74LVC2G14 PHILIPS-74LVC2G14 Datasheet
97Kb / 17P
   Dual inverting Schmitt-trigger with 5 V tolerant input
2004 Sep 08
74LVC2G14 NXP-74LVC2G14 Datasheet
93Kb / 17P
   Dual inverting Schmitt trigger with 5 V tolerant input
Rev. 04-4 September 2007
74LVC3G14 NXP-74LVC3G14_08 Datasheet
113Kb / 18P
   Triple inverting Schmitt trigger with 5 V tolerant input
Rev. 07-12 June 2008
74LVC3G14 NXP-74LVC3G14 Datasheet
99Kb / 17P
   Triple inverting Schmitt trigger with 5 V tolerant input
Rev. 05-5 October 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com