Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HCT194N Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74HCT194N
Description  4-bit bidirectional universal shift gister
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT194N Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74HCT194N Datasheet HTML 2Page - NXP Semiconductors 74HCT194N Datasheet HTML 3Page - NXP Semiconductors 74HCT194N Datasheet HTML 4Page - NXP Semiconductors 74HCT194N Datasheet HTML 5Page - NXP Semiconductors 74HCT194N Datasheet HTML 6Page - NXP Semiconductors 74HCT194N Datasheet HTML 7Page - NXP Semiconductors 74HCT194N Datasheet HTML 8Page - NXP Semiconductors 74HCT194N Datasheet HTML 9Page - NXP Semiconductors 74HCT194N Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
December 1990
7
Philips Semiconductors
Product specification
4-bit bidirectional universal shift register
74HC/HCT194
AC CHARACTERISTICS FOR 74HC
GND = 0 V; tr =tf = 6 ns; CL = 50 pF
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HC
VCC
(V)
WAVEFORMS
+25
−40 to +85
−40 to +125
min.
typ.
max.
min.
max.
min.
max.
tPHL/ tPLH
propagation delay
CP to Qn
47
17
14
145
29
25
180
36
31
220
44
38
ns
2.0
4.5
6.0
Fig.7
tPHL
propagation delay
MR to Qn
39
14
11
140
28
24
175
35
30
210
42
36
ns
2.0
4.5
6.0
Fig.8
tTHL/ tTLH
output transition time
19
7
6
75
15
13
95
19
16
110
22
19
ns
2.0
4.5
6.0
Fig.7
tW
clock pulse width
HIGH or LOW
80
16
14
17
6
5
100
20
17
120
24
20
ns
2.0
4.5
6.0
Fig.7
tW
master reset pulse
width; LOW
80
16
14
17
6
5
100
20
17
120
24
20
ns
2.0
4.5
6.0
Fig.8
trem
removal time
MR to CP
60
12
10
17
6
5
75
15
13
90
18
15
ns
2.0
4.5
6.0
Fig.8
tsu
set-up time
Dn to CP
70
14
12
17
6
5
90
18
15
105
21
18
ns
2.0
4.5
6.0
Fig.9
tsu
set-up time
S0, S1 to CP
80
16
12
22
8
6
100
20
17
120
24
20
ns
2.0
4.5
6.0
Fig.10
tsu
set-up time
DSR, DSL to CP
70
14
12
19
7
6
90
18
15
105
21
18
ns
2.0
4.5
6.0
th
hold time
Dn to CP
0
0
0
−14
−5
−4
0
0
0
0
0
0
ns
2.0
4.5
6.0
Fig.9
th
hold time
S0, S1 to CP
0
0
0
−11
−4
−3
0
0
0
0
0
0
ns
2.0
4.5
6.0
Fig.10
th
hold time
DSR, DSL to CP
0
0
0
−17
−6
−5
0
0
0
0
0
0
ns
2.0
4.5
6.0
fmax
maximum clock pulse
frequency
6.0
30
35
31
93
111
4.8
24
28
4.0
20
24
MHz
2.0
4.5
6.0
Fig.7


Similar Part No. - 74HCT194N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT194 PHILIPS-74HCT194 Datasheet
79Kb / 10P
   4-bit bidirectional universal shift register
December 1990
74HCT194D PHILIPS-74HCT194D Datasheet
79Kb / 10P
   4-bit bidirectional universal shift register
December 1990
More results

Similar Description - 74HCT194N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM74HC194 NSC-MM74HC194 Datasheet
135Kb / 6P
   4-Bit Bidirectional Universal Shift Register
DM54194 NSC-DM54194 Datasheet
121Kb / 6P
   4-Bit Bidirectional Universal Shift Registers
logo
NXP Semiconductors
HEF40194B PHILIPS-HEF40194B Datasheet
73Kb / 8P
   4-bit bidirectional universal shift register
January 1995
logo
Motorola, Inc
MC74F194 MOTOROLA-MC74F194 Datasheet
97Kb / 3P
   4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
logo
Fairchild Semiconductor
74F194 FAIRCHILD-74F194_04 Datasheet
66Kb / 6P
   4-Bit Bidirectional Universal Shift Register
logo
Renesas Technology Corp
HD74LS194A RENESAS-HD74LS194A Datasheet
192Kb / 8P
   4-bit Bidirectional Universal Shift Register
logo
Texas Instruments
74AC11194 TI-74AC11194 Datasheet
128Kb / 8P
[Old version datasheet]   4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
logo
NXP Semiconductors
74F194 PHILIPS-74F194 Datasheet
89Kb / 10P
   4-bit bidirectional universal shift register
1989 Apr 04
logo
Motorola, Inc
SN54LS194A MOTOROLA-SN54LS194A Datasheet
215Kb / 6P
   4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
logo
Fairchild Semiconductor
DM74LS194A FAIRCHILD-DM74LS194A Datasheet
68Kb / 6P
   4-Bit Bidirectional Universal Shift Register
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com