Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPM1423HM4H Datasheet(PDF) 2 Page - Knowles Electronics

Part # SPM1423HM4H
Description  Digital to Analog Converter (DAC) PCB, Mic-On-Flex Assemblies
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNOWLES [Knowles Electronics]
Direct Link  http://www.knowles.com
Logo KNOWLES - Knowles Electronics

SPM1423HM4H Datasheet(HTML) 2 Page - Knowles Electronics

  SPM1423HM4H Datasheet HTML 1Page - Knowles Electronics SPM1423HM4H Datasheet HTML 2Page - Knowles Electronics SPM1423HM4H Datasheet HTML 3Page - Knowles Electronics SPM1423HM4H Datasheet HTML 4Page - Knowles Electronics SPM1423HM4H Datasheet HTML 5Page - Knowles Electronics SPM1423HM4H Datasheet HTML 6Page - Knowles Electronics SPM1423HM4H Datasheet HTML 7Page - Knowles Electronics SPM1423HM4H Datasheet HTML 8Page - Knowles Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Digital to Analog Converter (DAC) PCB
The intended use is for the evaluation and test of the Knowles Electronics line of
MEMS Digital PDM (Pulse Density Modulation) microphones.
This board is designed to support R&D activities, and is not intended for
qualification or production test use.
The DAC PCB provides the interface circuitry for two digital microphones.
Power is provided via a standard 2.5mm power jack. A 3.5mm stereo headphone
jack is available for quick verification of audio output.
Note: Please reference Knowles Application Note – MEMS Digital
Microphone Evaluation Board: SP-703 for more information.
3.5mm
Headphone
Jack
6-Pin Edge
Connector
2.5mm Power Supply Jack
Input Voltage: 100-240V ~0.4A,
50-60Hz
Output Voltage: +12V DC@1A
Figure 1
SiSonicFLEX Evaluation Kit
KAS-33100-001
USER GUIDE
© 2012 Knowles Electronics
2
www.knowles.com


Similar Part No. - SPM1423HM4H

ManufacturerPart #DatasheetDescription
logo
Knowles Electronics
SPM1423HM4H-B KNOWLES-SPM1423HM4H-B Datasheet
1Mb / 11P
   Digital Mini High SNR SiSonicTM Microphone Specification
More results

Similar Description - SPM1423HM4H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7167 PHILIPS-SAA7167 Datasheet
144Kb / 20P
   YUV-to-RGB Digital-to-Analog Converter DAC
1995 Nov 03
logo
Texas Instruments
MSC1200 TI1-MSC1200_06 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Current-Output Digital Converter (DAC)
MAY 2006
logo
NXP Semiconductors
TDA8775 PHILIPS-TDA8775 Datasheet
134Kb / 16P
   Triple 10-bit video Digital-to-Analog Converter DAC
1996 Aug 14
TDA8776A PHILIPS-TDA8776A Datasheet
150Kb / 20P
   10-bit, 1000 Msps Digital-to-Analog Converter DAC
1996 Jun 04
logo
Texas Instruments
DAC5681 TI-DAC5681_15 Datasheet
1Mb / 48P
[Old version datasheet]   16-BIT, 1.0 GSPS Digital-to-Analog Converter (DAC)
logo
NXP Semiconductors
UDA1321 PHILIPS-UDA1321 Datasheet
280Kb / 44P
   Universal Serial Bus USB Digital-to-Analog Converter DAC
1998 Oct 06
logo
Texas Instruments
DAC5681 TI-DAC5681 Datasheet
1Mb / 47P
[Old version datasheet]   16-BIT, 1.0 GSPS DIGITAL-TO-ANALOG CONVERTER (DAC)
logo
NXP Semiconductors
TDF8771A PHILIPS-TDF8771A Datasheet
97Kb / 20P
   Triple 8-bit video Digital-to-Analog Converter (DAC)
2003 Apr 29
TDA8771A PHILIPS-TDA8771A Datasheet
116Kb / 20P
   Triple 8-bit video Digital-to-Analog Converter DAC
1996 Jan 25
TDA8776 PHILIPS-TDA8776 Datasheet
153Kb / 20P
   10-bit, 500 Msps Digital-to-Analog Converter DAC
1996 Jun 04
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com