Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC12S0A0V60PRFB Datasheet(PDF) 10 Page - Delta Electronics, Inc.

Part # NC12S0A0V60PRFB
Description  Delphi NC Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5Vout, 60A
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

NC12S0A0V60PRFB Datasheet(HTML) 10 Page - Delta Electronics, Inc.

Back Button NC12S0A0V60PRFB Datasheet HTML 5Page - Delta Electronics, Inc. NC12S0A0V60PRFB Datasheet HTML 6Page - Delta Electronics, Inc. NC12S0A0V60PRFB Datasheet HTML 7Page - Delta Electronics, Inc. NC12S0A0V60PRFB Datasheet HTML 8Page - Delta Electronics, Inc. NC12S0A0V60PRFB Datasheet HTML 9Page - Delta Electronics, Inc. NC12S0A0V60PRFB Datasheet HTML 10Page - Delta Electronics, Inc. NC12S0A0V60PRFB Datasheet HTML 11Page - Delta Electronics, Inc. NC12S0A0V60PRFB Datasheet HTML 12Page - Delta Electronics, Inc. NC12S0A0V60PRFB Datasheet HTML 13Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
DS_NC12S60A_01102008
10
Voltage Margin Adjusting
Output voltage margin adjusting can be implemented in
the NC60A modules by connecting a resistor, R margin-up,
from the Trim pin to the ground pin for adjusting voltage
a little bit higher. Also, the output voltage can be
adjusted lower by connecting a resistor, Rmargin-down, from
the Trim pin to the output pin. Figure 34 shows the
circuit configuration for output voltage margin adjusting.
Figure 34:
Circuit configuration for output voltage margining
Output Capacitance
An external output capacitor is required for stable
operation.
Reflected Ripple Current and Output Ripple
and Noise Measurement
The measurement set-up outlined in Test Configuration
Figure
35
have
been
used
for
both
input
reflected/terminal ripple current and output voltage
ripple and noise measurements on NC series
converters.
Cs
Cin
Ltest
1
2
Vin+
DC-DC Converter
Cout
Ceramic
100nF
Tantalum
10uF
LOAD
Input reflected current measurement point
Output voltage ripple noise measurement point
Cs=270uF*1 Ltest=1.4uH Cin=270uF*3 Cout=680uF*4
Figure 35:
Input Reflected Ripple/Capacitor Ripple Current
and Output Voltage Ripple and Noise Measurement Set-Up for
NC60A
Cout
Rmargin-down
0
Vt
-SENSE
Rmargin-up
+SENSE
GROUND
Rs
Vout
TRIM
THERMAL CONSIDERATION
The electrical operating conditions of the NC, namely:
Input voltage, Vin
Output voltage, Vo
Output current, Io
Determine how much power is dissipated within the
converter. The following parameters further influence the
thermal stresses experienced by the converter:
Ambient temperature
Air velocity
Thermal efficiency of the end system application
Parts mounted on system PCB that may block airflow
Real airflow characteristics at the converter location
In order to simplify the thermal design, a number of thermal
de-rating plots are provided. These de-rating graphs show
the load current of the NC versus the ambient air
temperature and air flow. However, since the thermal
performance is heavily dependent upon the final system
application, the user needs to ensure the thermal reference
point temperatures are kept within the recommended
temperature rating. It is recommended that the thermal
reference point temperatures are measured using a
thermocouple or an IR camera. In order to comply with
stringent Delta de-rating criteria, the ambient temperature
should never exceed 85℃. Please contact Delta for further
support..
The maximum acceptable temperature measured at the
thermal reference point is 127℃. This is shown in Figure
36.
MODULE
AIR FLOW
19 (0.75”)
50.8 (2.0”)
FACING PWB
PWB
AIR VELOCITY
AND AMBIENT
TEMPERATURE
MEASURED BELOW
THE MODULE
38 (1.5”)
Note: Wind Tunnel Test Setup


Similar Part No. - NC12S0A0V60PRFB

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
NC12S0A0V60PRFA DELTA-NC12S0A0V60PRFA Datasheet
627Kb / 13P
   Delphi NC Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5Vout, 60A
More results

Similar Description - NC12S0A0V60PRFB

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
NC12S0A0V60PNFA DELTA-NC12S0A0V60PNFA Datasheet
627Kb / 13P
   Delphi NC Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5Vout, 60A
NC12S0A0V40PNFA DELTA-NC12S0A0V40PNFA Datasheet
686Kb / 14P
   Delphi NC40 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5Vout, 40A
NC12S0A0V30PNFA DELTA-NC12S0A0V30PNFA Datasheet
580Kb / 14P
   Delphi NC30 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5Vout, 30A
NC12S0A0H30PNFA DELTA-NC12S0A0H30PNFA Datasheet
756Kb / 14P
   Delphi NC30 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5Vout, 30A
NC12S0A0H40PNFA DELTA-NC12S0A0H40PNFA Datasheet
864Kb / 14P
   Delphi NC40 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5Vout, 40A
NC12S0A0H06PNFA DELTA-NC12S0A0H06PNFA Datasheet
691Kb / 14P
   Delphi NC06 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V~5.0Vout, 6A
NC12S0A0H20PNFA DELTA-NC12S0A0H20PNFA Datasheet
912Kb / 14P
   Delphi NC20 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5.0Vout, 20A
NC12S0A0H15PNFA DELTA-NC12S0A0H15PNFA Datasheet
880Kb / 14P
   Delphi NC15 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5.0Vout, 15A
NC12S0A0V06PNFA DELTA-NC12S0A0V06PNFA_08 Datasheet
591Kb / 14P
   Delphi NC06 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V~5.0Vout, 6A
NC12S0A0V15PNFA DELTA-NC12S0A0V15PNFA Datasheet
781Kb / 14P
   Delphi NC15 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5.0Vout, 15A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com