Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE12S0A0V06PNFA Datasheet(PDF) 5 Page - Delta Electronics, Inc.

Part # NE12S0A0V06PNFA
Description  Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.1~13.8Vin, 0.59V-5.1Vout, 6Aout
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

NE12S0A0V06PNFA Datasheet(HTML) 5 Page - Delta Electronics, Inc.

  NE12S0A0V06PNFA_09 Datasheet HTML 1Page - Delta Electronics, Inc. NE12S0A0V06PNFA_09 Datasheet HTML 2Page - Delta Electronics, Inc. NE12S0A0V06PNFA_09 Datasheet HTML 3Page - Delta Electronics, Inc. NE12S0A0V06PNFA_09 Datasheet HTML 4Page - Delta Electronics, Inc. NE12S0A0V06PNFA_09 Datasheet HTML 5Page - Delta Electronics, Inc. NE12S0A0V06PNFA_09 Datasheet HTML 6Page - Delta Electronics, Inc. NE12S0A0V06PNFA_09 Datasheet HTML 7Page - Delta Electronics, Inc. NE12S0A0V06PNFA_09 Datasheet HTML 8Page - Delta Electronics, Inc. NE12S0A0V06PNFA_09 Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
DS_NE12S06A_02102009
5
ELECTRICAL CHARACTERISTICS CURVES (CON.)
Figure 13:
Turn on delay time at 12Vin, 1.0V/6A out
Ch1: Vin Ch4: Vout
Figure 14:
Turn on delay time Remote On/Off, 1.5V/6A out
Ch1:Enable Ch4: Vout
Figure 15:
Turn on delay time at 12Vin, 2.5V/6A out
Ch1: Vin Ch4: Vout
Figure 16:
Turn on delay time at Remote On/Off, 3.3V/6A out
Ch1: Enable Ch4: Vout
Figure 17:
Typical transient response to step load change at
10A/μS from 50%~100% load, at 12Vin, 2.5V out
0
0
0
0
0
0
0
0
0
0


Similar Part No. - NE12S0A0V06PNFA_09

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
NE12S0A0V06PNFA DELTA-NE12S0A0V06PNFA_08 Datasheet
553Kb / 14P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules:3.1~13.8Vin, 0.59V-5.1Vout, 6Aout
More results

Similar Description - NE12S0A0V06PNFA_09

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
NE12S0A0V06PNFA DELTA-NE12S0A0V06PNFA_08 Datasheet
553Kb / 14P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules:3.1~13.8Vin, 0.59V-5.1Vout, 6Aout
NE12S0A0V06PNFA DELTA-NE12S0A0V06PNFA Datasheet
599Kb / 12P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.0~13.8Vin, 0.59V-5.1Vout, 6Aout
NE12S0A0V03PNFA DELTA-NE12S0A0V03PNFA Datasheet
1Mb / 13P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.1~13.8Vin, 0.59V-5.1Vout, 3Aout
NE12S0A0V10PNFA DELTA-NE12S0A0V10PNFA Datasheet
607Kb / 12P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.0~13.8Vin, 0.59V-5.1Vout, 10Aout
NE12S0A0V10PNFA DELTA-NE12S0A0V10PNFA_13 Datasheet
645Kb / 12P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.0~13.8Vin, 0.59V-5.1Vout, 10Aout
NE12S0A0V20PNFA DELTA-NE12S0A0V20PNFA Datasheet
433Kb / 12P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 4.5V~13.8Vin, 0.59V~5.1Vout, 20A
D12F200E DELTA-D12F200E_14 Datasheet
620Kb / 14P
   Delphi D12F200 Non-Isolated Point of Load DC/DC Modules: 4.5V~13.8Vin, 0.6V~5.0Vout, 40A
D12S05020-1A DELTA-D12S05020-1A_14 Datasheet
596Kb / 13P
   Delphi D12S05020 Non-Isolated Point of Load DC/DC Modules
D12S400A DELTA-D12S400A_14 Datasheet
733Kb / 13P
   Delphi D12S400 Non-Isolated Point of Load DC/DC Modules
D12S400-A DELTA-D12S400-A Datasheet
798Kb / 12P
   Delphi D12S400 Non-Isolated Point of Load DC/DC Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com